Electronic Components Datasheet Search |
|
LBV330-XXANDRAMX1800 Datasheet(PDF) 2 Page - SICK AG |
|
LBV330-XXANDRAMX1800 Datasheet(HTML) 2 Page - SICK AG |
2 / 6 page A B C D E F H I J K L M N O P Q R S T LBV330-XXANDRAMX1800 | LBV300 LEVEL SENSORS Illustration may differ Ordering information Type Part no. LBV330-XXANDRAMX1800 6038236 Other models and accessories www.sick.com/LBV300 Detailed technical data Features Medium Bulk solids Measurement Switch Probe length 1,800 mm Process pressure –1 bar ... 25 bar Process temperature –50 °C ... +150 °C Fill material density ≥ 0.008 Particle size < 10 mm Performance Accuracy of sensor element ± 10 mm Repeatability ≤ 5 mm Response time 500 ms when covered / 1,000 ms when uncovered Electronics Power consumption 5 mA ... 30 mA Initialization time < 2 s VDE protection class 1 ✔ Electrical connection M20 x 1.5 Supply voltage Double relay (DPDT): 20 V DC ... 72 V DC / 20 V AC ... 253 V AC Hysteresis 10 mm Output current > 10 µA; < 3A AC, 1A DC Inductive load 750 VA 54 W Capacitive load 750 VA 54 W Contact load Min. 50 mW / max. 750 VA, 54 W Enclosure rating IP 66 / IP 67 Mechanics Process connection 1 1/2" NPT PN 25 / stainless steel 316L Housing material Aluminum Sensor material Stainless steel 1.4404 2 FLUID SENSORS | SICK Online data sheet | 2016-05-17 16:55:06 Subject to change without notice |
Similar Part No. - LBV330-XXANDRAMX1800 |
|
Similar Description - LBV330-XXANDRAMX1800 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |