Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBC12439FN Datasheet(PDF) 1 Page - ON Semiconductor

Part # NBC12439FN
Description  3.3 V/5 V Programmable PLL Synthesized Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBC12439FN Datasheet(HTML) 1 Page - ON Semiconductor

  NBC12439FN Datasheet HTML 1Page - ON Semiconductor NBC12439FN Datasheet HTML 2Page - ON Semiconductor NBC12439FN Datasheet HTML 3Page - ON Semiconductor NBC12439FN Datasheet HTML 4Page - ON Semiconductor NBC12439FN Datasheet HTML 5Page - ON Semiconductor NBC12439FN Datasheet HTML 6Page - ON Semiconductor NBC12439FN Datasheet HTML 7Page - ON Semiconductor NBC12439FN Datasheet HTML 8Page - ON Semiconductor NBC12439FN Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2003
May, 2003 - Rev. 2
1
Publication Order Number:
NBC12439/D
NBC12439
3.3 V/5 VProgrammable
PLL Synthesized Clock
Generator
50 MHz to 800 MHz
The NBC12439 is a general purpose, PLL based synthesized clock
source. The VCO will operate over a frequency range of 400 MHz to
800 MHz. The VCO frequency is sent to the N-output divider, where
it can be configured to provide division ratios of 1, 2, 4 or 8. The VCO
and output frequency can be programmed using the parallel or serial
interfaces to the configuration logic. The PLL loop filter is fully
integrated and does not require any external components.
Best-in-Class Output Jitter Performance, ±20 ps Peak-to-Peak
50 MHz to 800 MHz Programmable Differential PECL Outputs
Fully Integrated Phase-Lock-Loop with Internal Loop Filter
Parallel Interface for Programming Counter and Output Dividers
During Power-Up
Minimal Frequency Overshoot
Serial 3-Wire Programming Interface
Crystal Oscillator Interface
Operating Range: V
CC = 3.135 V to 5.25 V
CMOS and TTL Compatible Control Inputs
Pin Compatible with Motorola MC12439
Power-Down of PECL Outputs (B16)
MARKING
DIAGRAMS
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
PLCC-28
FN SUFFIX
CASE 776
NBC12439
AWLYYWW
128
LQFP-32
FA SUFFIX
CASE 873A
NBC12439
AWLYYWW
Device
Package
Shipping
ORDERING INFORMATION
NBC12439FN
PLCC-28
37 Units/Rail
NBC12439FNR2
PLCC-28
500 Tape & Reel
NBC12439FA
LQFP-32
250 Units/Tray
NBC12439FAR2
LQFP-32
2000 Tape & Reel
1
32
http://onsemi.com


Similar Part No. - NBC12439FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12439FN ONSEMI-NBC12439FN Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12439FN ONSEMI-NBC12439FN Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
NBC12439FNG ONSEMI-NBC12439FNG Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12439FNG ONSEMI-NBC12439FNG Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
NBC12439FNR2 ONSEMI-NBC12439FNR2 Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
More results

Similar Description - NBC12439FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12439 ONSEMI-NBC12439_09 Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
NBC12429 ONSEMI-NBC12429_07 Datasheet
353Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12439 ONSEMI-NBC12439_07 Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12429 ONSEMI-NBC12429 Datasheet
139Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2003 - Rev. 2
NBC12429 ONSEMI-NBC12429_09 Datasheet
278Kb / 22P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
NBC12430 ONSEMI-NBC12430_06 Datasheet
238Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
November, 2006 ??Rev. 9
NBC12430 ONSEMI-NBC12430 Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
logo
Freescale Semiconductor...
MPC9773 FREESCALE-MPC9773 Datasheet
490Kb / 19P
   3.3 V 1:12 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9653 RENESAS-MPC9653 Datasheet
788Kb / 13P
   3.3 V 1:8 LVCMOS PLL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com