Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2214-SGBML Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2214-SGBML
Description  Portable Power Management IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2214-SGBML Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2214-SGBML Datasheet HTML 3Page - Micrel Semiconductor MIC2214-SGBML Datasheet HTML 4Page - Micrel Semiconductor MIC2214-SGBML Datasheet HTML 5Page - Micrel Semiconductor MIC2214-SGBML Datasheet HTML 6Page - Micrel Semiconductor MIC2214-SGBML Datasheet HTML 7Page - Micrel Semiconductor MIC2214-SGBML Datasheet HTML 8Page - Micrel Semiconductor MIC2214-SGBML Datasheet HTML 9Page - Micrel Semiconductor MIC2214-SGBML Datasheet HTML 10Page - Micrel Semiconductor MIC2214-SGBML Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
August 2004
9
MIC2214
MIC2214
Micrel
Functional Diagram
OUT1
OUT2
POR
DRV
NGND
GND
SW
CBYP
SET
EN
VIN
LDO1
LDO2
Reference
POR & Delay
SW Logic
MIC2214 Fixed Voltage Block Diagram
OUT1
OUT2
ADJ2
ADJ1
POR
DRV
NGND
GND
SW
CBYP
SET
EN1
VIN1
EN2
VIN2
LDO1
LDO2
Quickstart
Reference
POR & Delay
SW Logic
MIC2214 Adjustable Voltage Block Diagram
Functional Description
The MIC2214 is a high performance, low quiescent current
power management IC consisting of two
µCap low dropout
regulators, a power-on reset (POR) circuit and an open-drain
driver. The first regulator is capable of sourcing 150mA at
output voltages from 1.25V to 5V. The second regulator is
capable of sourcing 300mA of current at output voltages from
1.25V to 5V. The second regulator has a POR circuit that
monitors its output voltage and indicates when the output
voltage is within 5% of nominal. The POR offers a delay time
that is externally programmable with a single capacitor to
ground. An open-drain driver completes the power manage-
ment chipset, offering the capability of driving LEDs for
keypad backlighting in applications such as cellphones.
Enable
The enable input allows for logic control of both output
voltages with one enable input. The enable input is active
high, requiring 1.8V for guaranteed operation. The enable
input is CMOS logic and cannot by left floating.
Power-On Reset (POR)
The power-on reset output is an open-drain N-Channel
device, requiring a pull-up resistor to either the input voltage
or output voltage for proper voltage levels. The POR output
has a delay time that is programmable with a capacitor from
the SET pin to ground. The delay time can be programmed to
be as long as 1 second.
The SET pin is a current source output that charges a
capacitor that sets the delay time for the power-on reset
output. The current source is a 1
µA current source that
charges a capacitor up from 0V. When the capacitor reaches
1.25V, the output of the POR is allowed to go high.
Open-Drain Driver (DRV)
The drive (DRV) pin is an open-drain output capable of
sinking 150mA of current. This output is controlled by a logic
level input, the switch (SW) pin. The switch pin is an active
high input and cannot be left floating.


Similar Part No. - MIC2214-SGBML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2210 MICREL-MIC2210 Datasheet
744Kb / 12P
   Dual Cap LDO with Open-Drain Driver
MIC2210 MICREL-MIC2210 Datasheet
1,005Kb / 11P
   Dual 關Cap LDO with Open-Drain Driver
MIC2210-1.5/2.8BML MICREL-MIC2210-1.5/2.8BML Datasheet
1,005Kb / 11P
   Dual 關Cap LDO with Open-Drain Driver
MIC2210-1.6YML MICREL-MIC2210-1.6YML Datasheet
744Kb / 12P
   Dual Cap LDO with Open-Drain Driver
MIC2210-1.8 MICREL-MIC2210-1.8 Datasheet
744Kb / 12P
   Dual Cap LDO with Open-Drain Driver
More results

Similar Description - MIC2214-SGBML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2213 MICREL-MIC2213_05 Datasheet
1,001Kb / 11P
   Sequenced Portable Power Management IC
MIC2213 MICREL-MIC2213 Datasheet
234Kb / 11P
   Sequenced Portable Power Management IC
logo
Richtek Technology Corp...
RT9912A RICHTEK-RT9912A Datasheet
233Kb / 14P
   Multi-Channel Power Management IC for Portable Device
logo
Active-Semi, Inc
ACT8352 ACTIVE-SEMI-ACT8352 Datasheet
166Kb / 2P
   Four-Channel Integrated Power Management IC for Handheld Portable Equipment
05-May-09
ACT8712 ACTIVE-SEMI-ACT8712_08 Datasheet
655Kb / 36P
   Four Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 25-Feb-08
ACT8796 ACTIVE-SEMI-ACT8796_08 Datasheet
657Kb / 34P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 10-Oct-08
logo
Shenzhen Huazhimei Semi...
HM8332 HMSEMI-HM8332 Datasheet
209Kb / 8P
   Three Channels Integrated Power Management IC for Handheld Portable Equipment
logo
Active-Semi, Inc
ACT8740 ACTIVE-SEMI-ACT8740 Datasheet
111Kb / 2P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8712 ACTIVE-SEMI-ACT8712 Datasheet
111Kb / 2P
   Four Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8780 ACTIVE-SEMI-ACT8780 Datasheet
107Kb / 2P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com