Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPP-200-24 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # EPP-200-24
Description  200W Single Output with PFC Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

EPP-200-24 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  EPP-200-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. EPP-200-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. EPP-200-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. EPP-200-24 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
200W Single Output with PFC Function
E P P - 2 0 0 series
SPECIFICATION
MODEL
DC VOLTAGE
CURRENT
10CFM
10CFM
Convection
Convection
RATED
POWER
OUTPUT
LINE REGULATION
VOLTAGE ADJ. RANGE
LOAD REGULATION
SETUP, RISE TIME
HOLD UP TIME (Typ.)
VOLTAGE RANGE Note.4
FREQUENCY RANGE
POWER FACTOR
EFFICIENCY (Typ.)
INPUT
FUNCTION
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT
WORKING HUMIDITY
WORKING TEMP.
FAN SUPPLY
OVER TEMPERATURE
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVER VOLTAGE
AC CURRENT (Typ.)
500ms, 30ms/230VAC
500ms, 30ms/115VAC at full load
12ms/230VAC
12ms/115VAC at full load
80 ~ 264VAC
113 ~ 370VDC
47 ~ 63Hz
PF>0.94/230VAC PF>0.98/115VAC at full load
93%
93%
94%
16.5 ~ 19.5V
94%
26.4 ~ 31.2V
94%
29.7 ~ 35V
52.8 ~ 62.4V
1.8A/115VAC
1A/230VAC
COLD START 30A/115VAC
60A/230VAC
110 ~ 140% rated output power
13.2 ~ 15.6V
Protection type : Hiccup mode, recovers automatically after fault condition is removed
20 ~ 90% RH non-condensing
-30 ~ +70℃ (Refer to "Derating Curve")
12V@0.5A for driving a fan ; tolerance +15% ~ -15%
Protection type : Shut down o/p voltage, re-power on to recover
-40 ~ +85℃, 10 ~ 95% RH
±0.03%/℃ (0 ~ 50℃)
10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes
500.2Khrs min.
MIL-HDBK-217F (25℃)
101.6*50.8*29mm (L*W*H)
0.19Kg; 72pcs/14.7Kg/0.82CUFT
±1.0%
±0.5%
±1.0%
±0.5%
±1.0%
±0.5%
±0.5%
±1.0%
±1.0%
±0.5%
±2.0%
±2.5%
±1.0%
±1.0%
±1.0%
100mVp-p
11.4~12.6V
14.3~15.8V
22.8~25.2V
25.6 ~ 28.4V
45.6 ~50.4V
100mVp-p
150mVp-p
150mVp-p
200mVp-p
15V
24V
27V
48V
16.7A
11.7A
13.4A
9.4A
8.4A
5.9A
7.5A
5.3A
4.2A
3A
200.4W
140.4W
141W
201W
141.6W
201.6W
143.1W
202.5W
144W
201.6W
EPP-200-12
EPP-200-15
EPP-200-24
EPP-200-27
EPP-200-48
SAFETY STANDARDS
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3








ENVIRONMENT
SAFETY &
EMC
(Note 5)
PROTECTION
Protection type : Shut down o/p voltage, re-power on to recover
Compliance to EN55022 (CISPR22) Class B, EN61000-3-2,-3
Compliance to EN61000-4-2,3,4,5,6,8,11, EN55024, EN61000-6-2, heavy industry level, criteria A
UL60950-1, TUV EN60950-1, IEC60950-1 approved
12V
EMC IMMUNITY
EMC EMISSION
<0.75mA / 240VAC
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:3KVAC
I/P-FG:2KVAC
O/P-FG:0.5KVAC
I/P-O/P, I/P-FG:100M Ohms / 500VDC / 25℃/ 70% RH
File Name:EPP-200-SPEC 2016-03-05


Similar Part No. - EPP-200-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
EPP-100 MEANWELL-EPP-100 Datasheet
759Kb / 2P
   100W Single Output with PFC Function
EPP-100-12 MEANWELL-EPP-100-12 Datasheet
997Kb / 3P
   100W Single Output with PFC Function
EPP-100-15 MEANWELL-EPP-100-15 Datasheet
997Kb / 3P
   100W Single Output with PFC Function
EPP-100-24 MEANWELL-EPP-100-24 Datasheet
997Kb / 3P
   100W Single Output with PFC Function
EPP-100-27 MEANWELL-EPP-100-27 Datasheet
997Kb / 3P
   100W Single Output with PFC Function
More results

Similar Description - EPP-200-24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
PPS-200-5 XPPOWER-PPS-200-5 Datasheet
330Kb / 2P
   200W Single Output with PFC Function
logo
Mean Well Enterprises C...
PPS-200 MEANWELL-PPS-200 Datasheet
328Kb / 2P
   200W Single Output with PFC Function
HRP-200 MEANWELL-HRP-200 Datasheet
370Kb / 2P
   200W Single Output with PFC Function
logo
Astrodyne Corporation
SP-200 ASTRODYNE-SP-200 Datasheet
314Kb / 2P
   200W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-200 MEANWELL-SP-200 Datasheet
327Kb / 2P
   200W Single Output with PFC Function
HRP-200 MEANWELL-HRP-200_11 Datasheet
371Kb / 2P
   200W Single Output with PFC Function
SP-200 MEANWELL-SP-200_10 Datasheet
334Kb / 2P
   200W Single Output with PFC Function
logo
Total Power Internation...
SP-200 TOTAL-POWER-SP-200 Datasheet
367Kb / 2P
   200W Single Output with PFC Function
logo
RSG Electronic Componen...
PPS-200 RSG-PPS-200 Datasheet
204Kb / 2P
   200W Single Output with PFC Function
SP-200 RSG-SP-200 Datasheet
132Kb / 2P
   200W Single Output with PFC Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com