Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT17LV128A-10CI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT17LV128A-10CI
Description  FPGA Configuration EEPROM Memory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17LV128A-10CI Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT17LV128A-10CI Datasheet HTML 5Page - ATMEL Corporation AT17LV128A-10CI Datasheet HTML 6Page - ATMEL Corporation AT17LV128A-10CI Datasheet HTML 7Page - ATMEL Corporation AT17LV128A-10CI Datasheet HTML 8Page - ATMEL Corporation AT17LV128A-10CI Datasheet HTML 9Page - ATMEL Corporation AT17LV128A-10CI Datasheet HTML 10Page - ATMEL Corporation AT17LV128A-10CI Datasheet HTML 11Page - ATMEL Corporation AT17LV128A-10CI Datasheet HTML 12Page - ATMEL Corporation AT17LV128A-10CI Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
AT17LV65/128/256/512/010/002/040
2321E–CNFG–06/03
Absolute Maximum Ratings*
Operating Temperature.................................... -40
°C to +85°C
*NOTICE:
Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those listed under oper-
ating conditions is not implied. Exposure to Abso-
lute Maximum Rating conditions for extended
periods of time may affect device reliability.
Storage Temperature ..................................... -65
°C to +150°C
Voltage on Any Pin
with Respect to Ground ..............................-0.1V to V
CC +0.5V
Supply Voltage (V
CC) .........................................-0.5V to +7.0V
Maximum Soldering Temp. (10 sec. @ 1/16 in.).............260
°C
ESD (R
ZAP = 1.5K, CZAP = 100 pF)................................. 2000V
Operating Conditions
Symbol
Description
3.3V
5V
Units
Min
Max
Min
Max
V
CC
Commercial
Supply voltage relative to GND
-0
°C to +70°C
3.0
3.6
4.75
5.25
V
Industrial
Supply voltage relative to GND
-40
°C to +85°C
3.0
3.6
4.5
5.5
V


Similar Part No. - AT17LV128A-10CI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV128A-10JC ATMEL-AT17LV128A-10JC Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17LV128A-10JC ATMEL-AT17LV128A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17LV128A-10JI ATMEL-AT17LV128A-10JI Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17LV128A-10JI ATMEL-AT17LV128A-10JI Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
More results

Similar Description - AT17LV128A-10CI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17LV65A ATMEL-AT17LV65A_06 Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17C002 ATMEL-AT17C002 Datasheet
255Kb / 19P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_14 Datasheet
676Kb / 23P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_08 Datasheet
637Kb / 26P
   FPGA Configuration EEPROM Memory
AT17C002A ATMEL-AT17C002A Datasheet
242Kb / 14P
   FPGA Configuration EEPROM Memory
AT17C020 ATMEL-AT17C020 Datasheet
218Kb / 12P
   2-megabit FPGA Configuration EEPROM Memory
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com