Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37736M4L Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M37736M4L
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37736M4L Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M37736M4L Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37736M4L Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37736M4L Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37736M4L Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37736M4L Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37736M4L Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37736M4L Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37736M4L Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37736M4L Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
MITSUBISHI MICROCOMPUTERS
M37736M4LXXXHP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Pin
Name
Input/Output
Functions
Vcc,
Power source
Apply 2.7 – 5.5 V to Vcc and 0 V to Vss.
Vss
CNVss
CNVss input
Input
This pin controls the processor mode. Connect to Vss for the single-chip mode and the memory
expansion mode, and to Vcc for the microprocessor mode.
_____
RESET
Reset input
Input
When “L” level is applied to this pin, the microcomputer enters the reset state.
These are pins of main-clock generating circuit. Connect a ceramic resonator or a quartz-
crystal oscillator between XIN and XOUT. When an external clock is used, the clock source should
be connected to the XIN pin, and the XOUT pin should be left open.
_
E
Enable output
Output
This pin functions as the enable signal output pin which indicates the access status in the internal
bus. In the external bus mode B and the memory expansion mode or the microprocessor mode,
___
this pin output signal RDE.
BYTE
External data
Input
In the memory expansion mode or the microprocessor mode, this pin determines whether the
bus width
external data bus has an 8-bit width or a 16-bit width. The data bus has a 16-bit width when “L”
selection input
signal is input and an 8-bit width when “H” signal is input.
BSEL
Bus method
Input
In the memory expansion mode or the microprocessor mode, this pin determines the external bus
select input
mode. The bus mode becomes the external bus mode A when “H” signal is input, and the external
bus mode B when “L” signal is input.
AVcc,
Analog power
Power source input pin for the A-D converter. Externally connect AVcc to Vcc and AVss to Vss.
AVss
source input
VREF
Reference
Input
This is reference voltage input pin for the A-D converter.
voltage input
P00 – P07
I/O port P0
I/O
In the single-chip mode, port P0 becomes an 8-bit I/O port. An I/O direction register is available so
that each pin can be programmed for input or output. These ports are in the input mode when
reset.
In the memory expansion mode or the microprocessor mode, these pins output address (A0 – A7)
___
___
____
at the external bus mode A, and these pins output signals CS0 CS4 and RSMP, and addresses
(A16, A17) at the external bus mode B.
P10 – P17
I/O port P1
I/O
In the single-chip mode, these pins have the same functions as port P0. When the BYTE pin is set
to “L” in the memory expansion mode or the microprocessor mode and external data bus has a
16-bit width, high-order data (D8 – D15) is input/output or an address (A8 – A15) is output. When
the BYTE pin is “H” and an external data bus has an 8-bit width, only address (A8 – A15) is output.
P20 – P27
I/O port P2
I/O
In the single-chip mode, these pins have the same functions as port P0. In the memory expansion
mode or the microprocessor mode, low-order data (D0 – D7) is input/output or an address
is output. When using the external bus mode A, the address is A16 – A23. When using the
external bus mode B, the address is A0 – A7.
P30 – P33 I/O port P3
I/O
In the single-chip mode, these pins have the same function as port P0. In the memory expansion
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
mode or the microprocessor mode, R/W, BHE, ALE, and HLDA signals are output at the external
________
____________
_________________
bus mode A, and WEL, WEH, ALE, and HLDA signals are output at the external bus mode B.
P40 – P47
I/O port P4
I/O
In the single-chip mode, these pins have the same functions as port P0. In the memory expansion
____
___
mode or the microprocessor mode, P40, P41, and P42 become HOLD and RDY input pins, and a
clock
φ1 output pin, respectively. Functions of the other pins are the same as in the single-chip
mode. However, in the memory expansion mode, P42 can be selected as an I/O port.
P50 – P57
I/O port P5
I/O
In addition to having the same functions as port P0 in the single-chip mode, these pins also
function as I/O pins for timers A0 to A3.
P60 – P67
I/O port P6
I/O
In addition to having the same functions as port P0 in the single-chip mode, these pins also
___
___
function as I/O pins for timer A4, input pins for external interrupt input (INT0 INT2) and input pins
for timers B0 to B2. P67 also functions as sub-clock
φSUB output pin.
P70 – P77
I/O port P7
I/O
In addition to having the same functions as port P0 in the single-chip mode, these pins function
as input pins for A-D converter. Additionally, P76 and P77 have the function as the output pin
(XCOUT) and the input pin (XCIN) of the sub-clock (32 kHz) oscillation circuit, respectively. When
P76 and P77 are used as the XCOUT and XCIN pins, connect a resonator or an oscillator between
the both.
P80 – P87
I/O port P8
I/O
In addition to having the same functions as port P0 in the single-chip mode, these pins also
function as I/O pins for UART 0 and UART 1.
P90 – P97
Output port P9
Output
Port P9 is an 8-bit I/O port. These ports are floating when reset. When writing to the port latch,
these ports become the output mode. P90 – P93 also function as I/O port for UART 2.
P100 – P107 I/O port P10
I/O
In addition to having the same functions as port P0 in the single-chip mode. P104 – P107 also
__
__
function as input pins for key input interrupt input (Kl0 Kl3).
EVL0, EVL1
Output
These pins should be left open.
PIN DESCRIPTION
XIN
Clock input
Input
XOUT
Clock output
Output


Similar Part No. - M37736M4L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37736M4BXXXGP MITSUBISHI-M37736M4BXXXGP Datasheet
374Kb / 32P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37736M4L

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com