Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC49150-0.9BR Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC49150-0.9BR
Description  1.5A Low Voltage LDO Regulator w/Dual Input Voltages
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC49150-0.9BR Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC49150-0.9BR Datasheet HTML 4Page - Micrel Semiconductor MIC49150-0.9BR Datasheet HTML 5Page - Micrel Semiconductor MIC49150-0.9BR Datasheet HTML 6Page - Micrel Semiconductor MIC49150-0.9BR Datasheet HTML 7Page - Micrel Semiconductor MIC49150-0.9BR Datasheet HTML 8Page - Micrel Semiconductor MIC49150-0.9BR Datasheet HTML 9Page - Micrel Semiconductor MIC49150-0.9BR Datasheet HTML 10Page - Micrel Semiconductor MIC49150-0.9BR Datasheet HTML 11Page - Micrel Semiconductor MIC49150-0.9BR Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MIC49150
Micrel
MIC49150
10
January 2002
Quick Method
Determine the power dissipation requirements for the design
along with the maximum ambient temperature at which the
device will be operated. Refer to Figure 3, which shows safe
operating curves for three different ambient temperatures:
25
°C, 50°C and 85°C. From these curves, the minimum
amount of copper can be determined by knowing the maxi-
mum power dissipation required. If the maximum ambient
temperature is 50
°C and the power dissipation is as above,
513mW, the curve in Figure 3 shows that the required area of
copper is less than 100mm2.
The
θ
JA of this package is ideally 80°C/W, but it will vary
depending upon the availability of copper ground plane to
which it is attached.
Adjustable Regulator Design
The MIC49150 adjustable version allows programming the
output voltage anywhere between 0.9Vand 5V. Two resistors
are used. The resistor value between V
OUT and the adjust pin
should not exceed 10k
Ω. Larger values can cause instability.
The resistor values are calculated by:
R1 R2
V
OUT
=× 


09
1
.
Where V
OUT is the desired output voltage.
Enable
The fixed output voltage versions of the MIC49150 feature an
active high enable input (EN) that allows on-off control of the
regulator. Current drain reduces to “zero” when the device is
shutdown, with only microamperes of leakage current. The
EN input has TTL/CMOS compatible thresholds for simple
logic interfacing. EN may be directly tied to V
IN and pulled up
to the maximum supply voltage


Similar Part No. - MIC49150-0.9BR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC49150-0.9BR MICREL-MIC49150-0.9BR Datasheet
344Kb / 13P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
More results

Similar Description - MIC49150-0.9BR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC49150 MICREL-MIC49150_06 Datasheet
344Kb / 13P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49300 MICREL-MIC49300 Datasheet
68Kb / 8P
   3.0A LOW VOLTAGE LDO REGULATOR W/DUAL INPUT VOLTAGES
MIC49300 MICREL-MIC49300_05 Datasheet
597Kb / 8P
   3.0A Low Voltage LDO Regulator w/Dual Input Voltages
logo
Texas Instruments
TPS74001 TI1-TPS74001 Datasheet
756Kb / 25P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
TPS740XX TI1-TPS740XX Datasheet
539Kb / 23P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
JUNE2011
TPS740XX TI1-TPS740XX_15 Datasheet
910Kb / 24P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
TPS74012 TI-TPS74012_15 Datasheet
957Kb / 26P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
logo
Micrel Semiconductor
MIC49200 MICREL-MIC49200 Datasheet
324Kb / 12P
   2A LOW VOLTAGE LDO WITH DUAL INPUT VOLTAGES
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
   1.5A, LOW VOLTAGE UCAP LDO REGULATOR
MIC47150 MICREL-MIC47150 Datasheet
581Kb / 11P
   1.5A, Low Voltage, Adjustable, High-Bandwidth LDO Regulator with Dual Input Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com