Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MICRF501BLQ Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MICRF501BLQ
Description  300MHz to 600MHz RadioWire??RF Transceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF501BLQ Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MICRF501BLQ Datasheet HTML 5Page - Micrel Semiconductor MICRF501BLQ Datasheet HTML 6Page - Micrel Semiconductor MICRF501BLQ Datasheet HTML 7Page - Micrel Semiconductor MICRF501BLQ Datasheet HTML 8Page - Micrel Semiconductor MICRF501BLQ Datasheet HTML 9Page - Micrel Semiconductor MICRF501BLQ Datasheet HTML 10Page - Micrel Semiconductor MICRF501BLQ Datasheet HTML 11Page - Micrel Semiconductor MICRF501BLQ Datasheet HTML 12Page - Micrel Semiconductor MICRF501BLQ Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
March 2003
9
MICRF501
MICRF501
Micrel
Applications Information
VCO and PLL Section
The frequency synthesizer consists of a VCO, crystal oscilla-
tor, dual-modulus prescaler, programmable frequency divid-
ers, phase-detector, charge pump, lock detector and an
external loop filter. The dual-modulus prescaler divides the
VCO-frequency by 32/33. This mode is controlled by the A-
divider. There are two sets of M, N and A-frequency dividers.
Using both sets in transmit mode, FSK can be implemented
by switching between those two sets. The phase-detector is
a frequency/phase detector with back slash pulses to mini-
mize phase noise. The VCO, crystal oscillator, charge pump,
lock detector and the loop filter will be described in detail
below.
Voltage Controlled Oscillator (VCO)
VDD
Pin 5
Pin 6
C13
D1
MA4ST350
C35
2.2p
R7
3.6k
15p
L1
47nH
R8
47k
loopfilter_output
Pin 7
OSCOUT
Figure 3. VCO
The circuit schematic of the VCO with external components
is shown in Figure 3. The VCO is basically a Colpitts oscilla-
tor. The oscillator has an external resonator and varactor.
The resonator consists of inductor L1 and the series connec-
tion of capacitor C13, the internal capacitance, the capaci-
tance of the varactor and C35 in parallel with D1. The
capacitance of the varactor (D1) decreases as the input
voltage increases. The VCO frequency will therefore in-
crease as the input voltage increases. The VCO has a
positive gain (MHz/Volt). C35 is added, if necessary, to bring
VCO tuning voltage to its middle range or VCC/2, which is
measured at Pin 9 - CMPOUT.
If the value of capacitor C13 and C14 become too small the
amplitude of the VCO signal decreases, which leads to lower
output power.
The layout of the VCO is very critical. The external compo-
nents should be placed as close to the input pin (Pin 6) as
possible. The anode of the varactor D1 must be placed next
to pins 7 and 8. Ground vias should be next to component
pads.
Crystal Oscillator
The crystal oscillator is the reference for the RF output
frequency as well as for the LO frequency in the receiver. The
crystal oscillator is a very critical block since very good phase
and frequency stability is required. The schematic of the
crystal oscillator with external components for 10MHz is
shown in Figure 4. These components are optimized for a
crystal with 15pF load capacitance.
DIFVDD
C21
47p
C20
2-6p
C36
1n
10MHz
C22
5.6p
Pin 12
Pin 13
XOSCOUT
DIGGND
Figure 4. Crystal Oscillator
The crystal oscillator is tuned by varying the trimming capaci-
tor C20. The drift of the RF frequency is the same as the drift
of crystal frequency when measured in ppm. The total differ-
ence in ppm,
∆f(ppm), between the tuned RF frequency and
the drifted frequency is given by:
∆f(ppm) = S
T × ∆T + n × ∆t
where:
S
T is the total temperature coefficient of the oscillator
frequency (due to crystal and components) in ppm
°C.
∆T is the change in temperature from room
temperature, at which the crystal was tuned.
n is the ageing in ppm/year.
∆t is the time (in years) elapsed since the transceiver
was last tuned.
The demodulator will not be able to decode data when
∆f(Hz) = ∆f(ppm) × f
RF is larger than the FSK frequency
deviation. For small frequency deviations, the crystal should
be pre-aged, and should have a small temperature coeffi-
cient. The circuit has been tested with a 10MHz crystal, but
other crystal frequencies can be used as well.
The circuit has been tested with a 10MHz crystal, but other
crystal frequencies can be used as well.
Prestart of XCO
The start-up time of a crystal oscillator is typically some
milliseconds. Therefore, to save current consumption, the
MICRF501 circuit has been designed so that the XCO is
turned on before any other circuit block. During start-up the
XCO amplitude will eventually reach a sufficient level to
trigger the M-counter. After counting two M-counter output
pulses the rest of the circuit will be turned on. The current
consumption during the prestart period is approximately
300
µA.
Lock Detector
The MICRF501 circuit has a lock detector feature that indi-
cates whether the PLL is in lock or not. A logic high on Pin 15
(LOCKDET) means that the PLL is in lock.
The phase detector output is converted into a voltage that is
filtered by the external capacitor C23, connected to Pin 14,
LDC. The resulting DC voltage is compared to a reference
window set by bits Ref0 – Ref5. The reference window can be
stepped up/down linearly between 0V, Ref0 – Ref5 =1, and
Ref0 – Ref5 = 0, which gives the highest value (DC voltage)
of the reference window. The size of the window can either be


Similar Part No. - MICRF501BLQ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF500 MICREL-MICRF500 Datasheet
143Kb / 18P
   700MHz to 1.1GHz RadioWire RF Transceiver
MICRF500BLQ MICREL-MICRF500BLQ Datasheet
143Kb / 18P
   700MHz to 1.1GHz RadioWire RF Transceiver
MICRF505 MICREL-MICRF505 Datasheet
261Kb / 27P
   868MHz and 915MHz ISM Band Transceiver
MICRF505 MICREL-MICRF505 Datasheet
474Kb / 42P
   850MHz and 950MHz ISM Band Transceiver
MICRF505BML MICREL-MICRF505BML Datasheet
261Kb / 27P
   868MHz and 915MHz ISM Band Transceiver
More results

Similar Description - MICRF501BLQ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF500 MICREL-MICRF500 Datasheet
143Kb / 18P
   700MHz to 1.1GHz RadioWire RF Transceiver
logo
Linear Technology
LTC5509 LINER-LTC5509 Datasheet
177Kb / 8P
   300MHz to 3GHz 300MHz RF Power Detector in SC70 Package
logo
Renesas Technology Corp
F0424 RENESAS-F0424 Datasheet
2Mb / 24P
   High-Gain Broadband RF Amplifier 600MHz to 5000MHz
February 13, 2020
logo
Linear Technology
LTC5533 LINER-LTC5533 Datasheet
241Kb / 12P
   300MHz to 11GHz Precision Dual RF Power Detector
LTC5533 LINER-LTC5533_15 Datasheet
251Kb / 12P
   300MHz to 11GHz Precision Dual RF Power Detector
LTC5509 LINER-LTC5509_15 Datasheet
188Kb / 8P
   300MHz to 3GHz RF Power Detector in SC70 Package
LTC5536 LINER-LTC5536 Datasheet
165Kb / 12P
   600MHz to 7GHz Precision RF Detector with Fast Comparator Output
LTC5536 LINER-LTC5536_15 Datasheet
170Kb / 12P
   600MHz to 7GHz Precision RF Detector with Fast Comparator Output
logo
RF Micro Devices
RFSW6024 RFMD-RFSW6024 Datasheet
1Mb / 13P
   300MHz to 6000MHz Operation
logo
Linear Technology
LTC5532 LINER-LTC5532_15 Datasheet
288Kb / 16P
   Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com