Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC49150BMM Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC49150BMM
Description  1.5A Low Voltage LDO Regulator w/Dual Input Voltages
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC49150BMM Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC49150BMM Datasheet HTML 3Page - Micrel Semiconductor MIC49150BMM Datasheet HTML 4Page - Micrel Semiconductor MIC49150BMM Datasheet HTML 5Page - Micrel Semiconductor MIC49150BMM Datasheet HTML 6Page - Micrel Semiconductor MIC49150BMM Datasheet HTML 7Page - Micrel Semiconductor MIC49150BMM Datasheet HTML 8Page - Micrel Semiconductor MIC49150BMM Datasheet HTML 9Page - Micrel Semiconductor MIC49150BMM Datasheet HTML 10Page - Micrel Semiconductor MIC49150BMM Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
January 2002
7
MIC49150
MIC49150
Micrel
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Enable Threshold
vs. Temperature
V
BIAS = 5V
V
IN = 2.5V
ON
OFF
Functional Characteristics
Load Transient Response
TIME (10
µs/div.)
V
BIAS = 3.3V
V
IN = 1.8V
V
OUT = 1V
C
OUT = 1µF ceramic
Bias Voltage
Line Transient Response
TIME (400
µs/div.)
V
IN = 1.8V
V
OUT = 1V
C
OUT = 1µF ceramic
I
OUT = 1.5A
V
BIAS = 6.5V
V
BIAS = 3.3V
Input Voltage
Line Transient Response
TIME (400
µs/div.)
V
BIAS = 3.3V
V
OUT = 1V
C
OUT = 1µF ceramic
I
OUT = 1.5A
V
IN = 6.5V
V
IN = 1.8V


Similar Part No. - MIC49150BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC49150BMM MICREL-MIC49150BMM Datasheet
344Kb / 13P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
More results

Similar Description - MIC49150BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC49150 MICREL-MIC49150_06 Datasheet
344Kb / 13P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49300 MICREL-MIC49300 Datasheet
68Kb / 8P
   3.0A LOW VOLTAGE LDO REGULATOR W/DUAL INPUT VOLTAGES
MIC49300 MICREL-MIC49300_05 Datasheet
597Kb / 8P
   3.0A Low Voltage LDO Regulator w/Dual Input Voltages
logo
Texas Instruments
TPS74001 TI1-TPS74001 Datasheet
756Kb / 25P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
TPS740XX TI1-TPS740XX Datasheet
539Kb / 23P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
JUNE2011
TPS740XX TI1-TPS740XX_15 Datasheet
910Kb / 24P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
TPS74012 TI-TPS74012_15 Datasheet
957Kb / 26P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
logo
Micrel Semiconductor
MIC49200 MICREL-MIC49200 Datasheet
324Kb / 12P
   2A LOW VOLTAGE LDO WITH DUAL INPUT VOLTAGES
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
   1.5A, LOW VOLTAGE UCAP LDO REGULATOR
MIC47150 MICREL-MIC47150 Datasheet
581Kb / 11P
   1.5A, Low Voltage, Adjustable, High-Bandwidth LDO Regulator with Dual Input Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com