Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5400BWM Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5400BWM
Description  Dual, 8-Output, 14-Bit LED Video Display Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5400BWM Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5400BWM Datasheet HTML 1Page - Micrel Semiconductor MIC5400BWM Datasheet HTML 2Page - Micrel Semiconductor MIC5400BWM Datasheet HTML 3Page - Micrel Semiconductor MIC5400BWM Datasheet HTML 4Page - Micrel Semiconductor MIC5400BWM Datasheet HTML 5Page - Micrel Semiconductor MIC5400BWM Datasheet HTML 6Page - Micrel Semiconductor MIC5400BWM Datasheet HTML 7Page - Micrel Semiconductor MIC5400BWM Datasheet HTML 8Page - Micrel Semiconductor MIC5400BWM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
November 2002
3
MIC5400
MIC5400
Micrel
Absolute Maximum Ratings (Note 1)
Supply Voltage .............................................................. +7V
Input Voltage ....................................... –0.3V to V
CC + 0.3V
Base Drive Voltage ....................................................... +7V
Output Sink Current (per output) ................................ 35mA
Lead Temperature (soldering, 5 sec) ........................ 260
°C
Junction Temperature (T
J)(max) ............................... 125°C
Operating Ratings (Note 2)
Supply Voltage (V
CC) ................................ +4.75V to +5.5V
Junction Temperature (T
J) ....................... –40°C to +125°C
Package Thermal Resistance
SOIC (
θ
JC) .......................................................... 28°C/W
SOIC (
θ
JA) ......................................................... 100°C/W
DC Electrical Characteristics
V
DD = 4.75V to 5.5 V, TA = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C. RBIAS = 500Ω. Applies to all channels unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
OUT
Output Sink Current
26
35
mA
∆I
OUT
Output Current Matching
7
%
I
OUT(OFF)
Output Off Leakage
V
OUT = 5V
–1
1
µA
I
DD
Supply Current
V
DD = 5.5V
02
mA
I
B
PNP Base Drive Current
V
BD = 4V
750
mA
V
REF
Reference Output Voltage
I
REF = –4mA
1.9
2.1
V
V
IH
Logic 1 Input Threshold
2.2
V
V
IL
Logic 0 Input Threshold
0.8
V
V
OH
Logic 1 Output Level
I
LOAD = 1mA
2.4
V
V
OL
Logic 0 Output Level
I
LOAD = 1mA
0.4
V
T
SHUTDOWN
Thermal Shutdown Temperature
165
°C
AC Electrical Characteristics
V
DD = 4.75V to 5.5V, TA = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C. RBIAS = 500Ω. Applies to all channels unless noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
f
SHIFT
Shift Frequency
15
MHz
t
SET-DATA
Set Up Time for Data In
Note 5
7
ns
t
HOLD-DATA
Hold Time for Data In
Note 5
13
ns
t
SET-LOAD
Set Up Time for Load
Note 5
20
ns
t
HOLD-LOAD
Hold Time for Load
Note 5
13
ns
I
OUT(tr)
Rise Time I
OUT
Note 4, 5
125
ns
I
OUT(ttf)
Fall Time I
OUT
Note 4, 5
50
ns
t
D-SHIFT
Clock to Shift Out Delay
Rise and Fall, 50% C
LOAD = 30pF, Note 5
23
ns
t
r,f-OUT
Shift Out Rise and Fall Time
10% to 90%; C
LOAD =30pF, Note 5
10
ns
t
WD-TIMEOUT
Watch Dog Timeout Delay
No Shiftclock
25
200
µs
t
r,f[in]
Logic Input Rise and Fall Times
10
ns
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4.
Test circuit shown in Figure 1.
Note 5.
Guaranteed by design; not production tested.


Similar Part No. - MIC5400BWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5400BWM MICREL-MIC5400BWM Datasheet
622Kb / 10P
   Dual, 8-Output, 14-Bit LED Video Display Driver
More results

Similar Description - MIC5400BWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5400 MICREL-MIC5400_05 Datasheet
622Kb / 10P
   Dual, 8-Output, 14-Bit LED Video Display Driver
logo
Maxim Integrated Produc...
ICM7218 MAXIM-ICM7218 Datasheet
460Kb / 12P
   8 Digit LED Display Driver
logo
List of Unclassifed Man...
PS035 ETC1-PS035 Datasheet
163Kb / 1P
   35-BIT LED DISPLAY DRIVER
PS045 ETC-PS045 Datasheet
150Kb / 1P
   35-BIT LED DISPLAY DRIVER
logo
SamHop Microelectronics...
SM6B595 SAMHOP-SM6B595 Datasheet
149Kb / 9P
   8-BIT LED DRIVER
logo
Sanyo Semicon Device
2SA1724 SANYO-2SA1724 Datasheet
75Kb / 3P
   High-Definition CRT Display Video Output Driver Applications?
2SC3950 SANYO-2SC3950 Datasheet
77Kb / 3P
   High-Definition CRT Display Video Output Driver Applications?
2SC4271 SANYO-2SC4271 Datasheet
76Kb / 3P
   High-Definition CRT Display Video Output Driver Applications???
2SC4504 SANYO-2SC4504 Datasheet
75Kb / 3P
   High-Definition CRT Display Video Output Driver Applications????
2SC4821 SANYO-2SC4821 Datasheet
80Kb / 3P
   High-Definition CRT Display Video Output Driver Applications???????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com