Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2214 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2214
Description  Portable Power Management IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2214 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2214 Datasheet HTML 1Page - Micrel Semiconductor MIC2214 Datasheet HTML 2Page - Micrel Semiconductor MIC2214 Datasheet HTML 3Page - Micrel Semiconductor MIC2214 Datasheet HTML 4Page - Micrel Semiconductor MIC2214 Datasheet HTML 5Page - Micrel Semiconductor MIC2214 Datasheet HTML 6Page - Micrel Semiconductor MIC2214 Datasheet HTML 7Page - Micrel Semiconductor MIC2214 Datasheet HTML 8Page - Micrel Semiconductor MIC2214 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
August 2004
3
MIC2214
MIC2214
Micrel
1
2
3
4
12
16
15
14
13
8
7
6
5
11
10
9
EN1
EN2
BYP
ADJ1
POR
DRV
ADJ
NGND
16-Pin 4mm
××××× 4mm MLF™ (ML)
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
MLF-10 (3x3)
MLF-16 (4x4)
1
15, 16
VIN
Supply Input: (VIN1 and VIN2 are internally tied together)
2
EN
Enable Input: Enables both regulator outputs. Active High. High = on, low =
off. Do not leave floating.
1
EN1
Enable Input to Regulator 1: Enables regulator 1 output. Active high input.
High = on, low = off. Do not leave floating.
2
EN2
Enable Input to Regulator 2: Enables regulator 2 output. Active high input.
High = on, low = off. Do not leave floating.
3
3
CBYP
Reference Bypass: Connect external 0.01
µF to GND to reduce output noise.
May be left open.
4
5
SW
Active high signal drives open-drain N-Channel MOSFET.
4
ADJ1
Adjust Input (Regulator 1): Connect feedback resistors to program the
output voltage for the regulator.
5
6
SET
Delay Set Input: Connect external capacitor to GND to set the internal delay
for the POR output. When left open, there is no delay. This pin cannot be
grounded.
6
7,8
GND
Ground: Connect externally to exposed pad.
9
NGND
Ground for the open-drain driver. Tied to the source of the NMOSFET. Tied
to GND internally.
10
ADJ2
Adjust Input (Regulator 2): Connect feedback resistors to program the
output voltage for the regulator.
7
11
DRV
Open-Drain Output: Capable of sinking 150mA.
8
12
POR
Power-On Reset Output: Open-drain output. Active low indicates an output
undervoltage condition on regulator 2.
9
13
VOUT2
Output of Regulator 2: 300mA output current
10
14
VOUT1
Output of Regulator 1: 150mA output current
EP
EP
GND
Ground: Internally connected to the exposed pad. Connect externally to
ground pin.
1
VIN
EN
BYP
SW
SET
10 VOUT1
VOUT2
POR
DRV
GND
9
8
7
6
2
3
4
5
10-Pin 3mm
××××× 3mm MLF™ (ML)
(Top View)
Pin Configuration


Similar Part No. - MIC2214

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2210 MICREL-MIC2210 Datasheet
744Kb / 12P
   Dual Cap LDO with Open-Drain Driver
MIC2210 MICREL-MIC2210 Datasheet
1,005Kb / 11P
   Dual 關Cap LDO with Open-Drain Driver
MIC2210-1.5/2.8BML MICREL-MIC2210-1.5/2.8BML Datasheet
1,005Kb / 11P
   Dual 關Cap LDO with Open-Drain Driver
MIC2210-1.6YML MICREL-MIC2210-1.6YML Datasheet
744Kb / 12P
   Dual Cap LDO with Open-Drain Driver
MIC2210-1.8 MICREL-MIC2210-1.8 Datasheet
744Kb / 12P
   Dual Cap LDO with Open-Drain Driver
More results

Similar Description - MIC2214

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2213 MICREL-MIC2213_05 Datasheet
1,001Kb / 11P
   Sequenced Portable Power Management IC
MIC2213 MICREL-MIC2213 Datasheet
234Kb / 11P
   Sequenced Portable Power Management IC
logo
Richtek Technology Corp...
RT9912A RICHTEK-RT9912A Datasheet
233Kb / 14P
   Multi-Channel Power Management IC for Portable Device
logo
Active-Semi, Inc
ACT8352 ACTIVE-SEMI-ACT8352 Datasheet
166Kb / 2P
   Four-Channel Integrated Power Management IC for Handheld Portable Equipment
05-May-09
ACT8712 ACTIVE-SEMI-ACT8712_08 Datasheet
655Kb / 36P
   Four Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 25-Feb-08
ACT8796 ACTIVE-SEMI-ACT8796_08 Datasheet
657Kb / 34P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 10-Oct-08
logo
Shenzhen Huazhimei Semi...
HM8332 HMSEMI-HM8332 Datasheet
209Kb / 8P
   Three Channels Integrated Power Management IC for Handheld Portable Equipment
logo
Active-Semi, Inc
ACT8740 ACTIVE-SEMI-ACT8740 Datasheet
111Kb / 2P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8712 ACTIVE-SEMI-ACT8712 Datasheet
111Kb / 2P
   Four Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8780 ACTIVE-SEMI-ACT8780 Datasheet
107Kb / 2P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com