Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4X16E43V Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part No. 4X16E43V
Description  4 MEG x 16 EDO DRAM
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 10 page
background image
10
AC ELECTRICAL CHARACTERISTICS
(Notes: 5, 6, 7, 8, 9, 10, 11, 12) (VCC = +3.3V ±0.3V)
AC CHARACTERISTICS
-5
-6
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
NOTES
EDO-PAGE-MODE READ or WRITE cycle time
tPC
20
25
ns
34
EDO-PAGE-MODE READ-WRITE cycle time
tPRWC
47
56
ns
34
Access time from RAS#
tRAC
50
60
ns
RAS# to column-address delay time
tRAD
9
12
ns
15
Row address hold time
tRAH
7
10
ns
RAS# pulse width
tRAS
50
10,000
60
10,000
ns
RAS# pulse width (EDO PAGE MODE)
tRASP
50
125,000
60
125,000
ns
RAS# pulse width during Self Refresh
tRASS
100
100
µs
Random READ or WRITE cycle time
tRC
84
104
ns
RAS# to CAS# delay time
tRCD
11
14
ns
14, 28
READ command hold time (referenced to CAS#)
tRCH
0
0
ns
16, 30
READ command setup time
tRCS
0
0
ns
28
Refresh period
tREF
64
64
ms
22, 23
Refresh period (Self Refresh)
tREF
128
128
ms
23
RAS# precharge time
tRP
30
40
ns
RAS# to CAS# precharge time
tRPC
5
5
ns
RAS# precharge time exiting Self Refresh
tRPS
90
105
ns
READ command hold time (referenced to RAS#)
tRRH
0
0
ns
16
RAS# hold time
tRSH
13
15
ns
35
READ-WRITE cycle time
tRWC
116
140
ns
RAS# to WE# delay time
tRWD
67
79
ns
18
WRITE command to RAS# lead time
tRWL
13
15
ns
Transition time (rise or fall)
tT2
50
2
50
ns
WRITE command hold time
tWCH
8
10
ns
35
WRITE command hold time (referenced to RAS#)
tWCR
38
45
ns
WE# command setup time
tWCS
0
0
ns
18, 28
WE# to outputs in High-Z
tWHZ
12
15
ns
WRITE command pulse width
tWP
5
5
ns
WE# pulse widths to disable outputs
tWPZ
10
10
ns
WE# hold time (CBR Refresh)
tWRH
8
10
ns
WE# setup time (CBR Refresh)
tWRP
8
10
ns
4 MEG x 16
EDO DRAM




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MT4LC4M4E84 MEG x 4 EDO DRAM 1 2 3 4 5 MoreMicron Technology
LC321667BJ1 MEG 65536 words X 16 bits DRAM EDO Page Mode Byte Write   1 2 3 4 5 MoreSanyo Semicon Device
MT4C4007J1 MEG x 4 DRAM 5V EDO PAGE MODE OPTIONAL SELF REFRESH 1 2 3 4 5 MoreMicron Technology
MSC23CV43257A4 194 304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO 1 2 3 4 5 MoreOKI electronic componets
MT4C400054 MEG x 4 DRAM 1 Micron Technology
MSC2323258A2 097 152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO 1 2 3 4 5 MoreOKI electronic componets
MT8D1321 MEG 2 MEG x 32 DRAM MODULES 1 2 3 4 5 MoreMicron Technology
MSC23V26457TA2 097 152-Word x 64-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO 1 2 3 4 5 MoreOKI electronic componets
HY51VS17403HG4M x 4Bit EDO DRAM 1 2 3 4 5 MoreHynix Semiconductor
MT16D2322 MEG x 32 DRAM 1 2 3 4 5 MoreMicron Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl