Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4X16E43V Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. 4X16E43V
Description  4 MEG x 16 EDO DRAM
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
1
FEATURES
OPTIONS
MARKING
• Operating Temperature Range
Commercial (0°C to +70°C)
None
Extended (-40°C to +85°C)
IT
NOTE: 1. The “#” symbol indicates signal is active LOW.
Part Number Example:
MEM4X16E43VTW-5
PIN ASSIGNMENT (Top View)
VCC
DQ0
DQ1
DQ2
DQ3
VCC
DQ4
DQ5
DQ6
DQ7
NC
VCC
WE#
RAS#
NC
NC
NC
NC
A0
A1
A2
A3
A4
A5
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
VSS
DQ15
DQ14
DQ13
DQ12
VSS
DQ11
DQ10
DQ9
DQ8
NC
VSS
CASL#
CASH#
OE#
NC
NC
NC/A12
A11
A10
A9
A8
A7
A6
VSS
KEY TIMING PARAMETERS
SPEED
tRC
tRAC
tPC
tAA
tCAC
tCAS
-5
84ns
50ns
20ns
25ns
13ns
8ns
-6
104ns
60ns
25ns
30ns
15ns
10ns
50-Pin TSOP
4 MEG x 16 EDO DRAM PART NUMBERS
REFRESH
PART NUMBER
ADDRESSING
PACKAGE
4X16E43VTW-x
4
400-TSOP
4X16E83VTW-x
8
400-TSOP
x = speed
4X16E43V
4X16E83V
Configuration
4 Meg x 16
4 Meg x 16
Refresh
4K
8K
Row Address
4K (A0-A11)
8K (A0-A12)
Column Addressing
1K (A0-A9)
512 (A0-A8)
A12 for "8K" version, NC for "4K" version.
4 MEG x 16
EDO DRAM
EDO DRAM
4X16E43V
• Single +3.3V ±0.3V power supply
• Industry-standard x16 pinout, timing, functions,
and package
• 12 row, 10 column addresses (4)
13 row, 9 column addresses (8)
• High-performance CMOS silicon-gate process
• All inputs, outputs and clocks are LVTTL-compatible
• Extended Data-Out (EDO) PAGE MODE access
• 4,096-cycle CAS#-BEFORE-RAS# (CBR) REFRESH
distributed across 64ms
• Self refresh for low-power data retention
• Plastic Package
50-pin TSOP (400 mil)
TW
• Timing
50ns access
-5
60ns access
-6
• Refresh Rates
4K
4
8K
8




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MT4LC4M4E84 MEG x 4 EDO DRAM 1 2 3 4 5 MoreMicron Technology
LC321667BJ1 MEG 65536 words X 16 bits DRAM EDO Page Mode Byte Write   1 2 3 4 5 MoreSanyo Semicon Device
MT4C4007J1 MEG x 4 DRAM 5V EDO PAGE MODE OPTIONAL SELF REFRESH 1 2 3 4 5 MoreMicron Technology
MSC23CV43257A4 194 304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO 1 2 3 4 5 MoreOKI electronic componets
MT4C400054 MEG x 4 DRAM 1 Micron Technology
MSC2323258A2 097 152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO 1 2 3 4 5 MoreOKI electronic componets
MT8D1321 MEG 2 MEG x 32 DRAM MODULES 1 2 3 4 5 MoreMicron Technology
MSC23V26457TA2 097 152-Word x 64-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO 1 2 3 4 5 MoreOKI electronic componets
HY51VS17403HG4M x 4Bit EDO DRAM 1 2 3 4 5 MoreHynix Semiconductor
MT16D2322 MEG x 32 DRAM 1 2 3 4 5 MoreMicron Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl