Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV1012TP-07 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV1012TP-07
Description  Pre-Amplified IC?셲 for High Gain 2-Wire Microphones
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV1012TP-07 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMV1012TP-07 Datasheet HTML 1Page - National Semiconductor (TI) LMV1012TP-07 Datasheet HTML 2Page - National Semiconductor (TI) LMV1012TP-07 Datasheet HTML 3Page - National Semiconductor (TI) LMV1012TP-07 Datasheet HTML 4Page - National Semiconductor (TI) LMV1012TP-07 Datasheet HTML 5Page - National Semiconductor (TI) LMV1012TP-07 Datasheet HTML 6Page - National Semiconductor (TI) LMV1012TP-07 Datasheet HTML 7Page - National Semiconductor (TI) LMV1012TP-07 Datasheet HTML 8Page - National Semiconductor (TI) LMV1012TP-07 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Connection Diagram
4-Bump micro SMD
20058703
Top View
Note: - Pin numbers are referenced to package marking text orientation.
- The actual physical placement of the package marking will vary slightly from part to part. The package will designate the date code and will vary considerably.
Package marking does not correlate to device type in any way.
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
4-Bump Extreme Thin
micro SMD
(0.3 mm max height)
lead free only
LMV1012XP-15
Date Code
250 Units Tape and Reel
XPA04HLA
LMV1012XPX-15
3k Units Tape and Reel
LMV1012XP-25
250 Units Tape and Reel
LMV1012XPX-25
3k Units Tape and Reel
4-Bump Ultra-Thin
micro SMD
(0.4 mm max height)
lead free only
LMV1012UP-07
Date Code
250 Units Tape and Reel
UPA04GKA
LMV1012UPX-07
3k Units Tape and Reel
LMV1012UP-15
250 Units Tape and Reel
LMV1012UPX-15
3k Units Tape and Reel
LMV1012UP-20
250 Units Tape and Reel
LMV1012UPX-20
3k Units Tape and Reel
LMV1012UP-25
250 Units Tape and Reel
LMV1012UPX-25
3k Units Tape and Reel
4-Bump Thin
micro SMD
(0.5 mm max height)
LMV1012TP-07
Date Code
250 Units Tape and Reel
TPA04GKA
LMV1012TPX-07
3k Units Tape and Reel
LMV1012TP-15
250 Units Tape and Reel
LMV1012TPX-15
3k Units Tape and Reel
LMV1012TP-25
250 Units Tape and Reel
LMV1012TPX-25
3k Units Tape and Reel
www.national.com
5


Similar Part No. - LMV1012TP-07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV1012TP-25/NOPB TI1-LMV1012TP-25/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
More results

Similar Description - LMV1012TP-07

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV1012-07 NSC-LMV1012-07 Datasheet
88Kb / 3P
   Analog Pre-Amplified IC?셲 for High Gain Microphones
logo
Texas Instruments
LMV1012 TI1-LMV1012 Datasheet
1Mb / 21P
[Old version datasheet]   LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
logo
National Semiconductor ...
LMV1015 NSC-LMV1015 Datasheet
698Kb / 11P
   Built-in Gain IC?셲 for High Sensitivity 2-Wire Microphones
logo
Texas Instruments
TLV1012 TI-TLV1012_10 Datasheet
252Kb / 12P
[Old version datasheet]   AMPLIFIER FOR HIGH-GAIN TWO-WIRE MICROPHONES
LMV1015 TI1-LMV1015 Datasheet
845Kb / 14P
[Old version datasheet]   LMV1015 Analog Series: Built-in Gain ICs for High Sensitivity 2-Wire Microphones
LMV1022 TI1-LMV1022 Datasheet
612Kb / 20P
[Old version datasheet]   PDM Output Pre-Amplifier for Electret Microphones
logo
National Semiconductor ...
LMV1024 NSC-LMV1024 Datasheet
1Mb / 17P
   PDM Output with Pre-Amplifier for Electret Microphones
LMV1024 NSC-LMV1024_09 Datasheet
571Kb / 18P
   PDM Output with Pre-Amplifier for Electret Microphones
logo
Fujikura Ltd.
XFGM-6025KPGSR FUJIKURA-XFGM-6025KPGSR Datasheet
427Kb / 5P
   Pre-amplified/5V Excitation/Gauge
X3DM-050KPDSR FUJIKURA-X3DM-050KPDSR Datasheet
94Kb / 2P
   Pre-amplified/3V Excitation/Differential
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com