Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPT-4545-500LA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LPT-4545-500LA
Description  Inductors/Transformers, Customizable, Surface Mount Torodial, Kool-Mu, Powdered Iron and MPP Cores
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPT-4545-500LA Datasheet(HTML) 1 Page - Vishay Siliconix

  LPT-4545-500LA Datasheet HTML 1Page - Vishay Siliconix LPT-4545-500LA Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LPT-4545-xxxLA, LB, LC
Vishay Dale
Document Number 34069
Revision 28-Aug-02
www.vishay.com
112
For technical questions, contact Magnetics@vishay.com
SAP PART NUMBERING GUIDELINES (INTERNAL)
PRODUCT FAMILY
SIZE
See the end of this data book for conversion tables
INDUCTANCE
VALUE
PACKAGE
CODE
TOL.
CORE
LP
T
4
5
4
5
R
H
1
0
1
L
K
FEATURES
• Toroidal design for minimal EMI radiation in DC to DC converter applications.
• Designed to support the growing need for efficient DC to DC converters in battery
operated equipment.
• Two separate windings provide versatility by ability to connect windings in series or
parallel.
• Supplied on tape and reel and is designed to be pick and place compatible.
• Custom versions and turns ratios available. Contact the factory with your specifications.
• Half height parts available upon request.
Inductors/Transformers, Customizable, Surface Mount
Torodial, Kool-Mu
®, Powdered Iron and MPP Cores
LPT-4545-1R0LA
LPT-4545-1R5LA
LPT-4545-2R5LA
LPT-4545-3R3LA
LPT-4545-5R0LA
LPT-4545-100LA
LPT-4545-150LA
LPT-4545-200LA
LPT-4545-250LA
LPT-4545-330LA
LPT-4545-500LA
LPT-4545-101LA
LPT-4545-151LA
LPT-4545-251LA
LPT-4545-301LA
LPT-4545-331LA
STANDARD ELECTRICAL SPECIFICATIONS [In Parallel]
MODEL
LA=KOOL-MU® CORE
ACTUAL IND. –
µH
(LOC) ± 15%
RATED IDC
(40
°C )
IND. @ IDC
(LBIAS) [30%]
DCR
0.832
1.30
2.55
3.33
5.20
10.2
15.0
20.8
25.2
32.5
50.0
101
152
248
300
333
6.90
6.45
5.75
5.50
4.45
3.45
2.79
2.61
2.25
1.85
1.50
1.15
0.92
0.73
0.63
0.60
0.51 @ 7.62
0.80 @ 6.10
1.57 @ 4.35
2.05 @ 3.81
3.20 @ 3.05
6.28 @ 2.18
9.26 @ 1.79
12.4 @ 1.53
15.5 @ 1.39
20.0 @ 1.22
30.8 @ 0.98
62.0 @ 0.69
93.4 @ 0.56
153.0 @ 0.44
179.0 @ 0.40
205.0 @ 0.38
0.003
0.004
0.006
0.007
0.011
0.019
0.029
0.038
0.048
0.068
0.107
0.195
0.302
0.491
0.670
0.706
LPT-4545-1R0LC
LPT-4545-1R5LC
LPT-4545-2R5LC
LPT-4545-3R3LC
LPT-4545-5R0LC
LPT-4545-100LC
LPT-4545-150LC
LPT-4545-250LC
LPT-4545-330LC
LPT-4545-500LC
LPT-4545-101LC
LPT-4545-151LC
LPT-4545-251LC
LPT-4545-331LC
LB=POWDER IRON
0.838
1.21
2.71
3.35
5.66
10.9
14.8
26.3
34.3
51.0
105
150
248
335
6.61
6.08
5.01
4.22
3.32
2.52
2.10
1.61
1.34
1.09
0.81
0.66
0.52
0.43
0.53 @ 7.09
0.76 @ 5.91
1.71 @ 3.94
2.11 @ 3.54
3.57 @ 2.73
6.84 @ 1.97
9.31 @ 1.69
16.5 @ 1.27
21.6 @ 1.11
32.1 @ 0.91
66.2 @ 0.63
94.7 @ 0.53
156.0 @ 0.41
211.0 @ 0.35
0.004
0.005
0.009
0.012
0.019
0.034
0.049
0.084
0.119
0.180
0.342
0.509
0.831
1.194
LC=MPP
LPT-4545-1R0LB
LPT-4545-1R5LB
LPT-4545-2R5LB
LPT-4545-3R3LB
LPT-4545-5R0LB
LPT-4545-100LB
LPT-4545-150LB
LPT-4545-250LB
LPT-4545-330LB
LPT-4545-500LB
LPT-4545-101LB
LPT-4545-151LB
LPT-4545-251LB
LPT-4545-331LB
0.838
1.30
2.55
3.33
5.20
10.2
15.0
25.2
32.5
50.0
101
152
248
333
7.54
6.82
5.84
5.49
4.37
3.32
2.69
2.12
1.76
1.41
1.07
0.86
0.67
0.56
0.54 @ 11.11
0.84 @ 8.89
1.64 @ 6.35
2.14 @ 5.56
3.35 @ 4.45
6.56 @ 3.18
9.68 @ 2.61
16.2 @ 2.02
20.9 @ 1.78
32.2 @ 1.43
64.8 @ 1.01
97.7 @ 0.82
159.0 @ 0.64
214.0 @ 0.56
0.004
0.004
0.007
0.008
0.012
0.022
0.033
0.054
0.076
0.119
0.219
0.340
0.551
0.788
1.0
1.5
2.5
3.3
5.0
10
15
20
25
33
50
100
150
250
300
330
STANDARD
IND. VALUES
1.0
1.5
2.5
3.3
5.0
10
15
25
33
50
100
150
250
330
1.0
1.5
2.5
3.3
5.0
10
15
25
33
50
100
150
250
330
DIMENSIONS in inches [millimeters]
DESCRIPTION
100
INDUCTANCE
VALUE (
µH)
4545
SIZE
± 15%
INDUCTANCE TOLERANCE
LA/LB/LC
CORE/HEIGHT
LA = KOOL-MU®
LB = POWDER IRON
LC = MPP
LPT
MODEL
0.160
[4.06]
0.120
[3.05]
0.492 sq.
[12.5 sq.]
0.492 sq.
[12.5 sq.]
Pad Layout
Dimensional Outline
2
3
1
4
Vishay Dale
LPT-4545-
xxxLX
0.450
± 0.005 Dia.
[11.43
± 0.127]
0.462
± 0.005 Dia.
[11.73
± 0.127]
0.550 [13.97]
Max.
0.250
[6.350]
Max.


Similar Part No. - LPT-4545-500LA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPT-4545 VISHAY-LPT-4545 Datasheet
94Kb / 3P
   Inductors/Transformers, Customizable, Surface Mount Torodial, Kool Mu®*, Powdered Iron and MPP Cores
Revision: 10-Oct-08
LPT-4545 VISHAY-LPT-4545 Datasheet
85Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu, Powdered Iron and MPP Cores
Revision: 24-Feb-11
LPT-4545 VISHAY-LPT-4545 Datasheet
244Kb / 2P
   SMD Magnetics Packaging Methods
Revision: 15-Jan-14
LPT-4545 VISHAY-LPT-4545 Datasheet
91Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
Revision: 22-Aug-17
LPT-4545 VISHAY-LPT-4545 Datasheet
74Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
01-Jan-2022
More results

Similar Description - LPT-4545-500LA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPT-3535 VISHAY-LPT-3535_11 Datasheet
85Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu, Powdered Iron and MPP Cores
Revision: 24-Feb-11
LPT-4545 VISHAY-LPT-4545_11 Datasheet
85Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu, Powdered Iron and MPP Cores
Revision: 24-Feb-11
LPT-3535 VISHAY-LPT-3535_17 Datasheet
91Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
Revision: 22-Aug-17
LPT-3535 VISHAY-LPT-3535_V01 Datasheet
74Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
01-Jan-2022
LPT-4545 VISHAY-LPT-4545 Datasheet
94Kb / 3P
   Inductors/Transformers, Customizable, Surface Mount Torodial, Kool Mu®*, Powdered Iron and MPP Cores
Revision: 10-Oct-08
LPT-3535 VISHAY-LPT-3535 Datasheet
95Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu®*, Powdered Iron and MPP Cores
Revision: 10-Oct-08
LPT-4545 VISHAY-LPT-4545_V01 Datasheet
74Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
01-Jan-2022
LPT3535 VISHAY-LPT3535 Datasheet
95Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu, Powered Iron and MPP Cores
Revision: 10-Aug-06
LPT-4545 VISHAY-LPT-4545_17 Datasheet
91Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
Revision: 22-Aug-17
logo
Magnetics, a division o...
0076381A7 MAGNETICS-0076381A7 Datasheet
682Kb / 1P
   FERRITE CORE TOROID 43NH KOOL MU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com