Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1117Y-19A Datasheet(PDF) 3 Page - Anachip Corp

Part # AP1117Y-19A
Description  1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1117Y-19A Datasheet(HTML) 3 Page - Anachip Corp

  AP1117Y-19A Datasheet HTML 1Page - Anachip Corp AP1117Y-19A Datasheet HTML 2Page - Anachip Corp AP1117Y-19A Datasheet HTML 3Page - Anachip Corp AP1117Y-19A Datasheet HTML 4Page - Anachip Corp AP1117Y-19A Datasheet HTML 5Page - Anachip Corp AP1117Y-19A Datasheet HTML 6Page - Anachip Corp AP1117Y-19A Datasheet HTML 7Page - Anachip Corp AP1117Y-19A Datasheet HTML 8Page - Anachip Corp AP1117Y-19A Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1117
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Aug 17, 2004
3/11
Pin Descriptions
NAME
I/O
PIN #
FUNCTION
Adj (GND)
I
1
A resistor divider from this pin to the Vout pin and ground sets the
output voltage. (Ground only for Fixed-Mode)
Vout
O
2
The output of the regulator. A minimum of 10uF capacitor (0.15Ω
≤ ESR ≤ 20Ω) must be connected from this pin to ground to insure
stability.
Vin
I
3
The input pin of regulator. Typically a large storage capacitor
(0.15Ω ≤ ESR ≤ 20Ω) is connected from this pin to ground to
insure that the input voltage does not sag below the minimum
dropout voltage during the load transient response. This pin must
always be 1.3V higher than Vout in order for the device to
regulate properly.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
Vin
DC Supply Voltage
-0.3 to 12
V
PD
Power Dissipation
Internally Limited
TST
Storage Temperature
-65 to +150
oC
TOP
Operating Junction Temperature Range
0 to +150
oC


Similar Part No. - AP1117Y-19A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1117Y DIODES-AP1117Y Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
AP1117Y15G-13 DIODES-AP1117Y15G-13 Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
AP1117Y15G-U DIODES-AP1117Y15G-U Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
AP1117Y15L-13 DIODES-AP1117Y15L-13 Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
AP1117Y15L-U DIODES-AP1117Y15L-U Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
More results

Similar Description - AP1117Y-19A

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
DONGGUAN YOU FENG WEI E...
YFW1117-XX YFWDIODE-YFW1117-XX Datasheet
476Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G1117A ETL-G1117A Datasheet
261Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com