Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4064EMSE Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4064EMSE
Description  Monolithic Linear Charger for Back-Up Li-Ion Batteries
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4064EMSE Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4064EMSE Datasheet HTML 4Page - Linear Technology LTC4064EMSE Datasheet HTML 5Page - Linear Technology LTC4064EMSE Datasheet HTML 6Page - Linear Technology LTC4064EMSE Datasheet HTML 7Page - Linear Technology LTC4064EMSE Datasheet HTML 8Page - Linear Technology LTC4064EMSE Datasheet HTML 9Page - Linear Technology LTC4064EMSE Datasheet HTML 10Page - Linear Technology LTC4064EMSE Datasheet HTML 11Page - Linear Technology LTC4064EMSE Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC4064
8
4064f
The LTC4064 is a linear battery charger designed primarily
for charging single cell lithium-ion batteries used in back-
up applications. With a 4V final float voltage accuracy of
±1%, the LTC4064 maximizes the lifetime of 4.2V chem-
istry lithium-ion batteries. A precision, automatic recharge
feature ensures that the battery voltage remains within
100mV of this 4V float voltage at all times.
Featuring an internal P-channel power MOSFET, the charger
uses a constant-current/constant-voltage charge algo-
rithm with programmable current and a programmable
timer for charge termination. Charge current can be
programmed up to 1.25A with an accuracy of
±7%. No
blocking diode or sense resistor is required thus dropping
the external component count to three for the basic
charger circuit. The CHRG, ACPR, and FAULT open-drain
status outputs provide information regarding the status of
the LTC4064 at all times.
An NTC thermistor input
provides the option of charge qualification using battery
temperature.
An internal thermal limit reduces the programmed charge
current if the die temperature attempts to rise above a
preset value of approximately 105
°C. This feature protects
the LTC4064 from excessive temperature, and allows the
user to push the limits of the power handling capability of
a given circuit board without risk of damaging the LTC4064
or the external components. Another benefit of the LTC4064
thermal limit is that charge current can be set according to
typical, not worst-case, ambient temperatures for a given
application with the assurance that the charger will auto-
matically reduce the current in worst-case conditions.
The charge cycle begins when the voltage at the VCC pin
rises above the UVLO level, a program resistor is con-
nected from the PROG pin to ground, and the SHDN pin is
pulled above the shutdown threshold. At the beginning of
the charge cycle, if the battery voltage is below 2.48V, the
charger goes into trickle charge mode to bring the cell
voltage up to a safe level for charging. The charger goes
into the fast charge constant-current mode once the
voltage on the BAT pin rises above 2.48V. In constant-
current mode, the charge current is set by RPROG.
When the battery approaches the final float voltage, the
charge current begins to decrease as the LTC4064 enters
the constant-voltage mode. When the current drops to
10% of the full-scale charge current, an internal compara-
tor latches off the MOSFET on the CHRG pin and connects
a weak current source to ground (30
µA) to indicate a near
end-of-charge (C/10) condition. The C/10 latch can be
cleared by grounding the SHDN pin momentarily, or
momentarily removing and reapplying VCC.
An external capacitor on the TIMER pin sets the total
charge time. When this time elapses, the charge cycle
terminates and the CHRG pin assumes a high impedance
state. To restart the charge cycle, remove the input voltage
and reapply it, or momentarily force the SHDN pin to 0V.
The charge cycle will also restart if the BAT pin voltage falls
below the recharge threshold.
When the input voltage is not present, the charger goes
into a sleep mode, dropping battery drain current, IBAT, to
less than 3
µA.Thisgreatlyreducesthecurrentdrainonthe
battery and increases the standby time. The charger can be
shut down (ICC = 25µA) by forcing the SHDN pin to 0V.
OPERATIO


Similar Part No. - LTC4064EMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4064 LINER-LTC4064 Datasheet
176Kb / 16P
   Monolithic Linear Charger for Back-Up Li-Ion Batteries
LTC4064 LINER-LTC4064_15 Datasheet
176Kb / 16P
   Monolithic Linear Charger for Back-Up Li-Ion Batteries
More results

Similar Description - LTC4064EMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4064 LINER-LTC4064_15 Datasheet
176Kb / 16P
   Monolithic Linear Charger for Back-Up Li-Ion Batteries
logo
Integrated Device Techn...
ZSPM4551 IDT-ZSPM4551 Datasheet
463Kb / 29P
   High-Efficiency Charger for Li-Ion Batteries
logo
Renesas Technology Corp
ZSPM4551 RENESAS-ZSPM4551 Datasheet
636Kb / 30P
   High-Efficiency Charger for Li-Ion Batteries
January 29, 2016
logo
Integrated Device Techn...
ZSPM4521 IDT-ZSPM4521 Datasheet
470Kb / 30P
   High-Efficiency Charger for Li-Ion Batteries
logo
List of Unclassifed Man...
ZSPM4551 ETC2-ZSPM4551 Datasheet
1Mb / 30P
   High-Efficiency Charger for Li-Ion Batteries
logo
Mean Well Enterprises C...
RCB-1600 MEANWELL-RCB-1600 Datasheet
193Kb / 6P
   CHARGER FOR LEAD-ACID BATTERIES AND LI-ION BATTERIES
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
logo
Shenzhenshi YONGFUKANG ...
TP4055 YONGFUKANG-TP4055 Datasheet
277Kb / 12P
   Linear Li-Ion Battery Charger
logo
E-CMOS Corporation
EXT9502 E-CMOS-EXT9502 Datasheet
1Mb / 6P
   Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com