Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV711M6X Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV711M6X
Description  Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV711M6X Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV711M6X Datasheet HTML 1Page - National Semiconductor (TI) LMV711M6X Datasheet HTML 2Page - National Semiconductor (TI) LMV711M6X Datasheet HTML 3Page - National Semiconductor (TI) LMV711M6X Datasheet HTML 4Page - National Semiconductor (TI) LMV711M6X Datasheet HTML 5Page - National Semiconductor (TI) LMV711M6X Datasheet HTML 6Page - National Semiconductor (TI) LMV711M6X Datasheet HTML 7Page - National Semiconductor (TI) LMV711M6X Datasheet HTML 8Page - National Semiconductor (TI) LMV711M6X Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Machine Model
100V
Human Body Model
2000V
Differential Input Voltage
± Supply Voltage
Voltage at Input/Output Pin
(V
+) + 0.4V
(V
) − 0.4V
Supply Voltage (V
+ -V )
5.5V
Output Short Circuit to V
+
(Note 3)
Output Short Circuit to V
(Note 4)
Current at Input Pin
± 10mA
Mounting Temp.
Infrared or Convection (20 sec)
235˚C
Storage Temperature Range
−65˚C to 150˚C
Junction Temperature(T
JMAX)
(Note 5)
150˚C
Operating Ratings (Note 1)
Supply Voltage
2.7V to 5.0V
Temperature Range
−40˚C
≤ T
J
≤ 85˚C
Thermal Resistance (
θ
JA)
MF05A Package, 5-Pin SOT23-5
265 ˚C/W
MF06A package, 6-Pin SOT23-6
265 ˚C/W
2.7V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 2.7V, V = 0V, V
CM = 1.35V and RL > 1M
Ω. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Condition
Typ
(Note 6)
Limits
(Note 7)
Units
V
OS
Input Offset Voltage
V
CM = 0.85V & VCM = 1.85V
0.4
3
3.2
mV
max
I
B
Input Bias Current
4
pA
CMRR
Common Mode Rejection Ratio
0
≤ V
CM
≤ 2.7V
75
50
45
dB
min
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V,
V
CM = 0.85V
110
70
68
dB
min
2.7V
≤ V+ ≤ 5V,
V
CM = 1.85V
95
70
68
dB
min
V
CM
Input Common-Mode Voltage Range
For CMRR
≥ 50dB
-0.3
-0.2
V
3
2.9
I
SC
Output Short Circuit Current
Sourcing
V
O =0V
28
15
12
mA
min
Sinking
V
O = 2.7V
40
25
22
mA
min
V
O
Output Swing
R
L = 10k
Ω to 1.35V
2.68
2.62
2.60
V
min
0.01
0.12
0.15
V
max
R
L = 600
Ω to 1.35V
2.55
2.52
2.50
V
min
0.05
0.23
0.30
V
max
V
O (SD)
Output Voltage Level in
Shutdown Mode (LMV711 only)
50
200
mV
I
O (SD)
Output Leakage Current in
Shutdown Mode (LMV715 Only)
1pA
C
O (SD)
Output Capacitance in
Shutdown Mode (LMV715 Only)
32
pF
I
S
Supply Current
ON Mode
1.22
1.7
1.9
mA
max
Shutdown Mode, V
SD = 0V
0.002
10
µA
www.national.com
2


Similar Part No. - LMV711M6X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV711M6X TI1-LMV711M6X Datasheet
483Kb / 20P
[Old version datasheet]   Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
More results

Similar Description - LMV711M6X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV710-N TI1-LMV710-N_16 Datasheet
775Kb / 25P
[Old version datasheet]   Low-Power, RRIO Operational Amplifiers With High Output Current Drive and Shutdown Option
LMV710 TI1-LMV710 Datasheet
483Kb / 20P
[Old version datasheet]   Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
LMV710 TI-LMV710 Datasheet
404Kb / 15P
[Old version datasheet]   SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
TLV4113-EP TI1-TLV4113-EP Datasheet
884Kb / 25P
[Old version datasheet]   HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV981 NSC-LMV981 Datasheet
585Kb / 18P
   1.8V, RRIO Operational Amplifiers with Shutdown
logo
Texas Instruments
TLV4110 TI-TLV4110 Datasheet
396Kb / 21P
[Old version datasheet]   FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV4110 TI1-TLV4110_13 Datasheet
1Mb / 35P
[Old version datasheet]   FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV981-N NSC-LMV981-N Datasheet
1Mb / 27P
   Dual 1.8V, RRIO Operational Amplifiers with Shutdown
logo
Texas Instruments
TLV4120 TI-TLV4120 Datasheet
350Kb / 20P
[Old version datasheet]   HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
TLV4120 TI1-TLV4120_14 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com