Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA204U Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # DA204U
Description  SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

DA204U Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  DA204U Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd DA204U Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd DA204U Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd DA204U Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
www.cj-elec.com
1
B,Oct,2014
SOT-323 Plastic-Encapsulate Diode
Soliddot = Green molding compound device,
if none,the normal device.
DA204U
SWITCHING DIODE
FEATURES
Bias circuits
Protection circuits
MARKING: K
Maximum Ratings @Ta=25
Non-Repetitive Peak Reverse Voltage
VRM
20
V
Peak Repetitive Peak Reverse Voltage
DC Blocking Voltage
VRRM
VR
20
V
Forward Continuous Current
IFM
100
mA
Average Rectified Output Current
IO
100
mA
Power Dissipation
PD
200
mW
Junction Temperature
TJ
150
Storage Temperature Range
TSTG
-55
~+150
Electrical Characteristics @Ta=25
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Reverse breakdown voltage
V (BR)
20
V
IR=100μA
Forward voltage
VF
1
V
IF=10mA
Reverse current
IR
0.1
uA
VR=15V
SOT-323
1
2
3
K
K
+
-
+
-
Parameter
Symbol
Limit
Unit
Thermal resistance From Junction to ambient
RθJA
625
℃/W
Forward Surge Current @t=8.3ms
Non-Repetitive Peak
IFSM
A
2.0


Similar Part No. - DA204U

ManufacturerPart #DatasheetDescription
logo
Rohm
DA204U ROHM-DA204U Datasheet
74Kb / 4P
   Switching diode Silicon epitaxial planar
DA204U ROHM-DA204U Datasheet
199Kb / 4P
   Switching diode
logo
TRANSYS Electronics Lim...
DA204U TEL-DA204U Datasheet
59Kb / 1P
   Plastic-Encapsulated Diode
logo
Galaxy Semi-Conductor H...
DA204U BILIN-DA204U Datasheet
171Kb / 3P
   Switching Diodes
logo
Rohm
DA204U ROHM-DA204U Datasheet
1,010Kb / 4P
   Switching Diode
More results

Similar Description - DA204U

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com