Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC5612 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5612
Description  Dual, High Output, Programmable Gain Buffer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5612 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CLC5612 Datasheet HTML 7Page - National Semiconductor (TI) CLC5612 Datasheet HTML 8Page - National Semiconductor (TI) CLC5612 Datasheet HTML 9Page - National Semiconductor (TI) CLC5612 Datasheet HTML 10Page - National Semiconductor (TI) CLC5612 Datasheet HTML 11Page - National Semiconductor (TI) CLC5612 Datasheet HTML 12Page - National Semiconductor (TI) CLC5612 Datasheet HTML 13Page - National Semiconductor (TI) CLC5612 Datasheet HTML 14Page - National Semiconductor (TI) CLC5612 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Typical Performance Characteristics (A
V = +2, RL= 100Ω,VS +5V
1,V
CM =VEE+(VS/2), RL tied to
VCM, unless specified) (Continued)
Application Division
CLC5612 Operation
The CLC5612 is a current feedback buffer fabricated in an
advanced complementary bipolar process. The CLC5612
operates from a single 5V supply or dual ±5V supplies.
Operating from a single 5V supply, the CLC5612 has the
following features:
Gains of +1, −1, and 2V/V are achievable without
external resistors
Provides 100mA of output current while consuming only
7.5mW of power
Offers low −79/−81dBc 2nd and 3rd harmonic distortion
Provides BW>50MHz and 1MHz distortion <−75dBc at
V
O =2VPP
The CLC5612 performance is further enhanced in ±5V
supply applications as indicated in the ±5V Electrical
Characteristics table and ±5V Typical Performance plots.
If gains other than +1, −1, or +2V/V are required, then the
CLC5602 can be used. The CLC5602 is a current feedback
amplifier with near identical performance and allows for
external feedback and gain setting resistors.
Current Feedback Amplifiers
Some of the key features of current feedback technology
are:
Independence of AC bandwidth and voltage gain
Inherently stable at unity gain
Adjustable frequency response with feedback resistor
High slew rate
Fast settling
Current feedback operation can be described using a simple
equation. The voltage gain for a non-inverting or inverting
current feedback amplifier is approximated by Equation 1.
V
V
A
1
R
Z(j )
o
in
v
f
=
+
ω
(1)
where:
A
V is the closed loop DC voltage gain
R
f is the feedback resistor
Z(j
ω) is the CLC5612’s open loop transimpedance gain
Z(j
ω)/R
f is the loop gain
The denominator of Equation 1 is approximately equal to 1 at
low frequencies. Near the −3dB corner frequency in the
interaction between R
f
and Z(j
ω) dominates the circuit
performance. The value of the feedback resistor has a large
affect on the circuits performance. Increasing R
f has the
following affects:
Decreases loop gain
Decreases bandwidth
Reduces gain peaking
Lowers pulse response overshoot
Affects frequency response phase linearity
CLC5612 Design Information
Closed Loop Gain Selection
The CLC5612 is a current feedback op amp with R
f=Rg=1kΩ
on chip (in the package). Select from three closed loop gains
without using any external gain or feedback resistors.
Implement gains of +2, +1, and −1V/V by connecting pins 2
and 3 (or 5 and 6) as described in the chart below.
Gain A
V
Input Connections
Non-Inverting (pins 3,5)
Inverting (pins 2,6)
−1V/V
ground
input signal
+1V/V
input signal
NC (open)
+2V/V
input signal
ground
The gain accuracy of the CLC5612 is excellent and stable
over temperature change. The internal gain setting resistors,
R
f
and R
g
are diffused silicon resistors with a process
variation of ± 20% and a temperature coefficient of
−2000ppm/˚C. Although their absolute values change with
processing and temperature, their ratio (R
f/Rg)
remains
constant. If an external resistor is used in series with R
g, gain
accuracy over temperature will suffer.
Single Supply Operation (V
cc = +5V/V, VEE=GND)
The
specifications
given
in
the
±5V
Electrical
Characteristics table for single supply operation are
measured with a common mode voltage (V
cm) of 2.5V. Vcm is
the voltage around which the inputs are applied and the
output voltages are specified.
Pulse Crosstalk
Time (10ns/div)
Active Output
Channel
Inactive Output
Channel
DS015001-36
www.national.com
11


Similar Part No. - CLC5612

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC561 NSC-CLC561 Datasheet
830Kb / 16P
   Wideband, Low Distortion DriveR-Amps
CLC561A8 NSC-CLC561A8 Datasheet
830Kb / 16P
   Wideband, Low Distortion DriveR-Amps
CLC561AI NSC-CLC561AI Datasheet
830Kb / 16P
   Wideband, Low Distortion DriveR-Amps
More results

Similar Description - CLC5612

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5632 NSC-CLC5632 Datasheet
202Kb / 19P
   Dual, High Output, Programmable Gain Buffer
LMH6718 NSC-LMH6718 Datasheet
846Kb / 16P
   Dual, High Output, Programmable Gain Buffer
CLC5633 NSC-CLC5633 Datasheet
188Kb / 17P
   Triple, High Output, Programmable Gain Buffer
CLC417 NSC-CLC417 Datasheet
147Kb / 8P
   Dual Low-Power, Programmable Gain Buffer
logo
Intersil Corporation
HFA1113883 INTERSIL-HFA1113883 Datasheet
568Kb / 22P
   Output Limiting, Ultra High Speed Programmable Gain, Buffer Amplifier
HFA1113 INTERSIL-HFA1113_05 Datasheet
490Kb / 16P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
HFA1113 INTERSIL-HFA1113 Datasheet
252Kb / 17P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
February 1999
logo
Renesas Technology Corp
HFA1113 RENESAS-HFA1113 Datasheet
955Kb / 16P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
July 11, 2005
logo
Intersil Corporation
HFA1112883 INTERSIL-HFA1112883 Datasheet
446Kb / 18P
   Ultra High Speed Programmable Gain Buffer Amplifier
logo
CML Microcircuits
CMX993 CMLMICRO-CMX993 Datasheet
803Kb / 26P
   Programmable 30dB Output Gain Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com