Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISD4002-180S Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ISD4002-180S
Description  Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD4002-180S Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ISD4002-180S Datasheet HTML 1Page - List of Unclassifed Manufacturers ISD4002-180S Datasheet HTML 2Page - List of Unclassifed Manufacturers ISD4002-180S Datasheet HTML 3Page - List of Unclassifed Manufacturers ISD4002-180S Datasheet HTML 4Page - List of Unclassifed Manufacturers ISD4002-180S Datasheet HTML 5Page - List of Unclassifed Manufacturers ISD4002-180S Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD4002-180S Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD4002-180S Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD4002-180S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image

ii
Voice Solutions in Silicon
Table: ISD4002 Series Summary
Part
Number
Duration
(seconds)
Input Sample
Rate (KHz)
Typical Filter Pass Band
(KHz)




 
 










", - D3 !
" .0 - !
5,5 !%
" @
  H 9 % (*
  H &9 % (*
D @  I (*
", ! $ &?) 9?) B?) 
&2? !!
:",<)  - 
# $ -! D3" !
 " ! $ !
 "% -% <
#    #58 
$
 !!D   %
%!!"!
- %!!" !"
5 !%  D  
 #5  "!
??, %!!"  (*
??4  ! (*
, 3 !
-D   $%)  )  )  ) 
 ! 3"" ( *
6 % (/&?J  .=?J* 
! % (/2?J  .B9J*
-!! -D


Similar Part No. - ISD4002-180S

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD4002-180SY NUVOTON-ISD4002-180SY Datasheet
1Mb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 120-, 150-, 180-, AND 240-SECOND DURATION
ISD4002-180SYI NUVOTON-ISD4002-180SYI Datasheet
1Mb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 120-, 150-, 180-, AND 240-SECOND DURATION
More results

Similar Description - ISD4002-180S

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD4002 NUVOTON-ISD4002 Datasheet
1Mb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 120-, 150-, 180-, AND 240-SECOND DURATION
logo
List of Unclassifed Man...
ISD2560 ETC1-ISD2560 Datasheet
801Kb / 26P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD33060 ETC-ISD33060 Datasheet
1Mb / 30P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
ISD2500 ETC1-ISD2500 Datasheet
331Kb / 28P
   Single-Chip Voice Record/Playback Devices 32-, 40-, 48-, 64-,60-,75,90-, and 120-Second Durations
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com