Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM19 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM19
Description  2.4V, 10uA, TO-92 Temperature Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM19 Datasheet(HTML) 8 Page - National Semiconductor (TI)

  LM19 Datasheet HTML 1Page - National Semiconductor (TI) LM19 Datasheet HTML 2Page - National Semiconductor (TI) LM19 Datasheet HTML 3Page - National Semiconductor (TI) LM19 Datasheet HTML 4Page - National Semiconductor (TI) LM19 Datasheet HTML 5Page - National Semiconductor (TI) LM19 Datasheet HTML 6Page - National Semiconductor (TI) LM19 Datasheet HTML 7Page - National Semiconductor (TI) LM19 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted
3-Lead TO-92 Plastic Package (Z)
Order Number LM19CIZ
NS Package Number Z03A
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT AND GENERAL
COUNSEL OF NATIONAL SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or
systems which, (a) are intended for surgical implant
into the body, or (b) support or sustain life, and
whose failure to perform when properly used in
accordance with instructions for use provided in the
labeling, can be reasonably expected to result in a
significant injury to the user.
2. A critical component is any component of a life
support device or system whose failure to perform
can be reasonably expected to cause the failure of
the life support device or system, or to affect its
safety or effectiveness.
National Semiconductor
Americas Customer
Support Center
Email: new.feedback@nsc.com
Tel: 1-800-272-9959
National Semiconductor
Europe Customer Support Center
Fax: +49 (0) 180-530 85 86
Email: europe.support@nsc.com
Deutsch Tel: +49 (0) 69 9508 6208
English
Tel: +44 (0) 870 24 0 2171
Français Tel: +33 (0) 1 41 91 8790
National Semiconductor
Asia Pacific Customer
Support Center
Fax: 65-6250 4466
Email: ap.support@nsc.com
Tel: 65-6254 4466
National Semiconductor
Japan Customer Support Center
Fax: 81-3-5639-7507
Email: nsj.crc@jksmtp.nsc.com
Tel: 81-3-5639-7560
www.national.com
National does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications.


Similar Part No. - LM19

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM19 NSC-LM19 Datasheet
241Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
LM19 NSC-LM19 Datasheet
272Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
logo
Texas Instruments
LM19 TI1-LM19 Datasheet
283Kb / 13P
[Old version datasheet]   LM19 2.4V, 10關A, TO-92 Temperature Sensor
logo
Pixart Imaging Inc.
LM19-LSI PIXART-LM19-LSI Datasheet
2Mb / 18P
   Optical Gaming Navigation Sensor
LM19-LSI PIXART-LM19-LSI Datasheet
2Mb / 18P
   Optical Gaming Navigation Sensor
More results

Similar Description - LM19

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10UA, SC70, Temperature Sensor
logo
National Semiconductor ...
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
LM20EP NSC-LM20EP Datasheet
250Kb / 9P
   Enhanced Plastic 2.4V, 10uA, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LM19 TI-LM19_15 Datasheet
268Kb / 14P
[Old version datasheet]   LM19 2.4V, 10關A, TO-92 Temperature Sensor
LM19 TI1-LM19 Datasheet
283Kb / 13P
[Old version datasheet]   LM19 2.4V, 10關A, TO-92 Temperature Sensor
logo
STMicroelectronics
STLM20 STMICROELECTRONICS-STLM20_07 Datasheet
156Kb / 16P
   Ultra-low current 2.4V precision analog temperature sensor
logo
Texas Instruments
LMT89 TI-LMT89 Datasheet
920Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10 A, SC70, Temperature Sensor
logo
National Semiconductor ...
LM60 NSC-LM60_05 Datasheet
637Kb / 11P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM60 NSC-LM60 Datasheet
221Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com