Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE28DW1621T Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LE28DW1621T
Description  16 Megabit FlashBank Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE28DW1621T Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LE28DW1621T Datasheet HTML 1Page - Sanyo Semicon Device LE28DW1621T Datasheet HTML 2Page - Sanyo Semicon Device LE28DW1621T Datasheet HTML 3Page - Sanyo Semicon Device LE28DW1621T Datasheet HTML 4Page - Sanyo Semicon Device LE28DW1621T Datasheet HTML 5Page - Sanyo Semicon Device LE28DW1621T Datasheet HTML 6Page - Sanyo Semicon Device LE28DW1621T Datasheet HTML 7Page - Sanyo Semicon Device LE28DW1621T Datasheet HTML 8Page - Sanyo Semicon Device LE28DW1621T Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
16 Megabit FlashBank Memory
LE28DW1621T-80T (Draft3)
2
SANYO Electric Co.,Ltd. Semiconductor Company 1-1-1 Sakata Oizumi Gunma Japan
R.1.20(4/27/2000) No.xxxx-2/20
The Auto Low Power Mode automatically puts the
LE28DW1621T in a near standby mode after data has been
accessed with a valid Read operation. This reduces the IDD
active read current from typically 10mA to typically 5µA. The Auto
Low Power mode reduces the typical IDD active read current to
the range of 1mA/MHz of Read cycle time. If a concurrent
Read while Write is being performed, the IDD is reduced to
typically 40mA. The device exits the Auto Low Power mode with
any address transition or control signal transition used to initiate
another Read cycle, with no access time penalty.
Read
The Read operation of the LE28DW1621T Flash banks is
controlled by CE# and OE#, a chip enable and output enable
both have to be low for the system to obtain data from the
outputs. OE# is the output control and is used to gate data from
the output pins. The data bus is in high impedance state when
OE# is high. Refer to the timing waveforms for further details
(Figure 3).
When the read operation is executed without address change
after power switch on, CE# should be changed the level high
to low. If the read operation is executed after programing , CE#
should be changed the level high to low.
Write
All Write operations are initiated by first issuing the Software
Data Protect (SDP) entry sequence for Chip, Block, or Sector
Erase. Word Program in the selected Flash bank. Word
Program and all Erase commands have a fixed duration, that will
not vary over the life of the device, i.e., are independent of the
number of Erase/Program cycles endured.
Either Flash bank may be read to another Flash Bank during the
internally controlled write cycle.
The device is always in the Software Data Protected mode for
all Write operations Write operations are controlled by toggling
WE# or CE#. The falling edge of WE# or CE#, whichever occurs
last, latches the address. The rising edge of WE# or CE#,
whichever occurs first, latches the data and initiates the Erase
or Program cycle.
For the purposes of simplification, the following descriptions will
assume WE# is toggled to initiate an Erase or Program. Tog-
gling the applicable CE# will accomplish the same function.
(Note, there are separate timing diagrams to illustrate both WE#
and CE# controlled Program or Write commands.)
Word Program
The Word Program operation consists of issuing the SDP Word
Program command, initiated by forcing CE# and WE# low, and
OE# high. The words to be programmed must be in the erased
state, prior to programming. The Word Program command
programs the desired addresses word by word. During the
Word Program cycle, the addresses are latched by the falling
edge of WE#. The data is latched by the rising edge of WE#. (
See Figure 4-1 for WE# or 4-2 for CE# controlled Word Program
cycle timing waveforms, Table 3 for the command sequence,
and Figure 15 for a flowchart. )
During the Erase or Program operation, the only valid reads from
that bank are Data# Polling and Toggle Bit. The other bank may
be read.
The specified Chip, Block, or Sector Erase time is the only time
required to erase. There are no preprogramming or other com-
mands or cycles required either internally or externally to erase
the chip, block, or sector.
Erase Operations
The Chip Erase is initiated by a specific six-word load sequence
(See Tables 3). A Bank Erase will typically be less than 70 ms.
An alternative to the Chip Erase in the Flash bank is the Block or
Sector Erase. The Block Erase will erase an entire Block (32K
words) in typically 15 ms. The Sector Erase will erase an entire
sector (1024 words) in typically 15 ms. The Sector Erase
provides a means to alter a single sector using the Sector Erase
and Word Program modes. The Sector Erase is initiated by a
specific six-word load sequence (see Table 3).
During any Sector, Block, or Chip Erase within a bank, any other
bank may be read.
Chip Erase
The LE28DW1621T provides a Chip Erase mode, which allows
the user to clear the Flash bank to the "1"state. This is useful
when the entire Flash must be quickly erased.
The software Flash Chip Erase mode is initiated by issuing the
specific six-word loading sequence, as in the Software Data
Protection operation. After the loading cycle, the device enters
into an internally timed cycle. (See Table 3 for specific codes,
Figure 5-1 for a timing waveform, Figure12 for a flowchart. )
Block Erase
The LE28DW1621T provides a Block Erase mode, which allows
the user to clear any block in the Flash bank to the "1"state.
The software Block Erase mode is initiated by issuing the
specific six-word loading sequence, as in the Software Data
Protect operation. After the loading cycle, the device enters into
an internally timed Erase cycle. (See Table 3 for specific codes,
Figure 5-2 for the timing waveform, and Figure 13 for a flow-
chart.) During the Erase operation, the only valid reads are Data#
Polling and Toggle Bit from the selected bank, other banks may
perform normal read.
Sector Erase
The LE28DW1621T provides a Sector Erase mode, which
allows the user to clear any sector in the Flash bank to the "1"
state.
The software Sector Erase mode is initiated by issuing the


Similar Part No. - LE28DW1621T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE28DW8102T SANYO-LE28DW8102T Datasheet
338Kb / 19P
   8 Megabit FlashBank Memory LE28DW8102T
More results

Similar Description - LE28DW1621T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE28BW168T SANYO-LE28BW168T Datasheet
340Kb / 20P
   16 Megabit FlashBank Memory
logo
Silicon Storage Technol...
SST38VF166 SST-SST38VF166 Datasheet
691Kb / 50P
   16 Megabit FlashBank Memory
logo
Sanyo Semicon Device
LE28DW8102T SANYO-LE28DW8102T Datasheet
338Kb / 19P
   8 Megabit FlashBank Memory LE28DW8102T
logo
Eon Silicon Solution In...
EN25D16 EON-EN25D16 Datasheet
483Kb / 37P
   16 Megabit Serial Flash Memory
logo
ATMEL Corporation
AT52BR1664AT ATMEL-AT52BR1664AT Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
AT52BR1672 ATMEL-AT52BR1672 Datasheet
366Kb / 39P
   16-megabit Flash and 2-megabit/ 4-megabit SRAM Stack Memory
logo
Eon Silicon Solution In...
EN25T16A EON-EN25T16A Datasheet
681Kb / 35P
   16 Megabit Uniform Sector, Serial Flash Memory
logo
ATMEL Corporation
AT49BV160S ATMEL-AT49BV160S Datasheet
159Kb / 5P
   16-megabit(1M x 16) Secure 3-volt Only Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49SV163D ATMEL-AT49SV163D Datasheet
463Kb / 30P
   16-megabit 1M x 16) 1.8-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com