Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY29LV320TF-80I Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HY29LV320TF-80I
Description  32 Mbit (2M x 16) Low Voltage Flash Memory
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29LV320TF-80I Datasheet(HTML) 4 Page - Hynix Semiconductor

  HY29LV320TF-80I Datasheet HTML 1Page - Hynix Semiconductor HY29LV320TF-80I Datasheet HTML 2Page - Hynix Semiconductor HY29LV320TF-80I Datasheet HTML 3Page - Hynix Semiconductor HY29LV320TF-80I Datasheet HTML 4Page - Hynix Semiconductor HY29LV320TF-80I Datasheet HTML 5Page - Hynix Semiconductor HY29LV320TF-80I Datasheet HTML 6Page - Hynix Semiconductor HY29LV320TF-80I Datasheet HTML 7Page - Hynix Semiconductor HY29LV320TF-80I Datasheet HTML 8Page - Hynix Semiconductor HY29LV320TF-80I Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
4
r1.3/May 02
HY29LV320
SIGNAL DESCRIPTIONS
e
m
a
N
e
p
y
T
n
o
i
t
p
i
r
c
s
e
D
]
0
:
0
2
[
As
t
u
p
n
I
.
h
g
i
H
e
v
i
t
c
a
,
s
s
e
r
d
d
A
s
d
r
o
w
)
M
2
(
2
5
1
,
7
9
0
,
2
f
o
e
n
o
t
c
e
l
e
s
s
t
u
p
n
i
1
2
e
s
e
h
T
.
s
n
o
i
t
a
r
e
p
o
e
t
i
r
w
r
o
d
a
e
r
r
o
f
y
a
r
r
a
e
h
t
n
i
h
t
i
w
]
0
:
5
1
[
Q
D
s
t
u
p
t
u
O
/
s
t
u
p
n
I
e
t
a
t
s
-
i
r
T
h
g
i
H
e
v
i
t
c
a
,
s
u
B
a
t
a
D
d
n
a
d
a
e
r
r
o
f
h
t
a
p
a
t
a
d
t
i
b
-
6
1
a
e
d
i
v
o
r
p
s
n
i
p
e
s
e
h
T
.
.
s
n
o
i
t
a
r
e
p
o
e
t
i
r
w
#
E
Ct
u
p
n
I
.
w
o
L
e
v
i
t
c
a
,
e
l
b
a
n
E
p
i
h
C
r
o
m
o
r
f
a
t
a
d
d
a
e
r
o
t
d
e
t
r
e
s
s
a
e
b
t
s
u
m
t
u
p
n
i
s
i
h
T
e
h
t
d
n
a
d
e
t
a
t
s
-
i
r
t
s
i
s
u
b
a
t
a
d
e
h
t
,
h
g
i
H
n
e
h
W
.
0
2
3
V
L
9
2
Y
H
e
h
t
o
t
a
t
a
d
e
t
i
r
w
.
e
d
o
m
y
b
d
n
a
t
S
e
h
t
n
i
d
e
c
a
l
p
s
i
e
c
i
v
e
d
#
E
Ot
u
p
n
I
w
o
L
e
v
i
t
c
a
,
e
l
b
a
n
E
t
u
p
t
u
O
s
n
o
i
t
a
r
e
p
o
d
a
e
r
r
o
f
d
e
t
r
e
s
s
a
e
b
t
s
u
m
t
u
p
n
i
s
i
h
T
.
e
r
a
e
c
i
v
e
d
e
h
t
m
o
r
f
s
t
u
p
t
u
o
a
t
a
d
,
h
g
i
H
n
e
h
W
.
s
n
o
i
t
a
r
e
p
o
e
t
i
r
w
r
o
f
d
e
t
a
g
e
n
d
n
a
.
e
t
a
t
s
e
c
n
a
d
e
p
m
i
h
g
i
h
e
h
t
n
i
d
e
c
a
l
p
e
r
a
s
n
i
p
s
u
b
a
t
a
d
e
h
t
d
n
a
d
e
l
b
a
s
i
d
#
E
Wt
u
p
n
I
.
w
o
L
e
v
i
t
c
a
,
e
l
b
a
n
E
e
t
i
r
W
d
n
a
m
m
o
c
r
o
s
d
n
a
m
m
o
c
f
o
g
n
i
t
i
r
w
s
l
o
r
t
n
o
C
n
e
h
w
e
c
a
l
p
s
e
k
a
t
n
o
i
t
a
r
e
p
o
e
t
i
r
w
A
.
s
n
o
i
t
a
r
e
p
o
e
c
i
v
e
d
s
u
o
i
r
a
v
r
o
f
s
e
c
n
e
u
q
e
s
.
h
g
i
H
s
i
#
E
O
d
n
a
w
o
L
o
s
l
a
s
i
#
E
C
e
l
i
h
w
d
e
t
r
e
s
s
a
s
i
#
E
W
#
T
E
S
E
Rt
u
p
n
I
.
w
o
L
e
v
i
t
c
a
,
t
e
s
e
R
e
r
a
w
d
r
a
H
e
h
t
g
n
i
t
t
e
s
e
r
f
o
d
o
h
t
e
m
e
r
a
w
d
r
a
h
a
s
e
d
i
v
o
r
P
y
l
e
t
a
i
d
e
m
m
i
t
i
,
t
e
s
e
r
s
i
e
c
i
v
e
d
e
h
t
n
e
h
W
.
e
t
a
t
s
y
a
r
r
a
d
a
e
r
e
h
t
o
t
0
2
3
V
L
9
2
Y
H
e
t
i
r
w
/
d
a
e
r
ll
a
d
n
a
d
e
t
a
t
s
-
i
r
t
s
i
s
u
b
a
t
a
d
e
h
T
.
s
s
e
r
g
o
r
p
n
i
n
o
i
t
a
r
e
p
o
y
n
a
s
e
t
a
n
i
m
r
e
t
d
e
t
r
e
s
s
a
s
i
#
T
E
S
E
R
e
l
i
h
W
.
d
e
t
r
e
s
s
a
s
i
t
u
p
n
i
e
h
t
e
l
i
h
w
d
e
r
o
n
g
i
e
r
a
s
d
n
a
m
m
o
c
.
e
d
o
m
y
b
d
n
a
t
S
e
h
t
n
i
e
b
ll
i
w
e
c
i
v
e
d
e
h
t
#
Y
B
/
Y
R
t
u
p
t
u
O
n
i
a
r
D
n
e
p
O
.
s
u
t
a
t
S
y
s
u
B
/
y
d
a
e
R
n
i
s
i
d
n
a
m
m
o
c
e
s
a
r
e
r
o
e
t
i
r
w
a
r
e
h
t
e
h
w
s
e
t
a
c
i
d
n
I
#
E
W
l
a
n
i
f
e
h
t
f
o
e
g
d
e
g
n
i
s
i
r
e
h
t
r
e
t
f
a
d
il
a
V
.
d
e
t
e
l
p
m
o
c
n
e
e
b
s
a
h
r
o
s
s
e
r
g
o
r
p
y
l
e
v
i
t
c
a
s
i
e
c
i
v
e
d
e
h
t
e
l
i
h
w
w
o
L
s
n
i
a
m
e
R
.
e
c
n
e
u
q
e
s
d
n
a
m
m
o
c
a
f
o
e
s
l
u
p
.
a
t
a
d
y
a
r
r
a
d
a
e
r
o
t
y
d
a
e
r
s
i
t
i
n
e
h
w
h
g
i
H
s
e
o
g
d
n
a
,
g
n
i
s
a
r
e
r
o
a
t
a
d
g
n
i
m
m
a
r
g
o
r
p
C
C
A
/
#
P
Wt
u
p
n
I
/
w
o
L
e
v
i
t
c
a
,
t
c
e
t
o
r
P
e
t
i
r
WV
(
e
t
a
r
e
l
e
c
c
A
H
H
.
)
V
t
a
n
i
p
s
i
h
t
g
n
i
c
a
l
P
L
I
m
o
t
t
o
b
r
o
p
o
t
e
h
t
n
i
s
n
o
it
a
r
e
p
o
e
s
a
r
e
d
n
a
m
a
r
g
o
r
p
s
e
l
b
a
s
i
d
e
h
t
r
o
f
3
S
-
0
S
s
r
o
t
c
e
s
e
r
a
s
r
o
t
c
e
s
d
e
t
c
e
f
f
a
e
h
T
.
y
a
r
r
a
e
h
t
f
o
s
d
r
o
w
K
2
3
.
T
0
2
3
V
L
9
2
Y
H
e
h
t
r
o
f
6
6
S
-
3
6
S
s
r
o
t
c
e
s
d
n
a
B
0
2
3
V
L
9
2
Y
H
V
t
a
d
e
c
a
l
p
s
i
n
i
p
e
h
t
f
I
H
I
o
t
s
t
r
e
v
e
r
s
r
o
t
c
e
s
o
w
t
e
s
o
h
t
f
o
e
t
a
t
s
n
o
i
t
c
e
t
o
r
p
e
h
t
,
p
u
o
r
G
r
o
t
c
e
S
e
h
t
g
n
i
s
u
d
e
t
c
e
t
o
r
p
n
u
r
o
d
e
t
c
e
t
o
r
p
e
b
o
t
t
e
s
t
s
a
l
e
r
e
w
y
e
h
t
r
e
h
t
e
h
w
.
0
2
3
V
L
9
2
Y
H
e
h
t
f
o
y
t
il
i
b
a
p
a
c
n
o
i
t
c
e
t
o
r
p
n
U
d
n
a
n
o
i
t
c
e
t
o
r
P
V
f
I
H
H
,
e
d
o
m
s
s
a
p
y
B
k
c
o
l
n
U
e
h
t
s
r
e
t
n
e
e
c
i
v
e
d
e
h
t
,
t
u
p
n
i
s
i
h
t
o
t
d
e
il
p
p
a
s
i
e
h
t
n
o
e
g
a
t
l
o
v
r
e
h
g
i
h
e
h
t
s
e
s
u
d
n
a
,
s
r
o
t
c
e
s
d
e
t
c
e
t
o
r
p
y
n
a
s
t
c
e
t
o
r
p
n
u
y
l
i
r
a
r
o
p
m
e
t
n
e
h
t
d
l
u
o
w
m
e
t
s
y
s
e
h
T
(
.
s
n
o
i
t
a
r
e
p
o
m
a
r
g
o
r
p
r
o
f
d
e
r
i
u
q
e
r
e
m
i
t
e
h
t
e
c
u
d
e
r
o
t
n
i
p
k
c
o
l
n
U
e
h
t
y
b
d
e
r
i
u
q
e
r
s
a
e
c
n
e
u
q
e
s
d
n
a
m
m
o
c
m
a
r
g
o
r
p
e
l
c
y
c
-
o
w
t
e
h
t
e
s
u
V
g
n
i
v
o
m
e
R
)
.
e
d
o
m
s
s
a
p
y
B
H
H
l
a
m
r
o
n
o
t
e
c
i
v
e
d
e
h
t
s
n
r
u
t
e
r
n
i
p
e
h
t
m
o
r
f
.
n
o
i
t
a
r
e
p
o
V
t
a
e
b
t
o
n
t
s
u
m
n
i
p
s
i
h
T
H
H
,
g
n
i
m
m
a
r
g
o
r
p
d
e
t
a
r
e
l
e
c
c
a
n
a
h
t
r
e
h
t
o
s
n
o
i
t
a
r
e
p
o
r
o
f
t
l
u
s
e
r
y
a
m
d
e
t
c
e
n
n
o
c
n
u
r
o
g
n
i
t
a
o
l
f
n
i
p
e
h
t
g
n
i
v
a
e
L
.
t
l
u
s
e
r
y
a
m
e
g
a
m
a
d
e
c
i
v
e
d
r
o
.
n
o
i
t
a
r
e
p
o
e
c
i
v
e
d
t
n
e
t
s
i
s
n
o
c
n
i
n
i
V
H
I
t
u
p
n
I
.
t
u
p
n
I
h
g
i
H
V
o
t
t
c
e
n
n
o
C
H
I
V
o
t
r
o
C
C
6
1
x
/
8
x
r
a
l
i
m
i
s
h
t
i
w
y
t
il
i
b
i
t
a
p
m
o
c
e
d
i
v
o
r
p
o
t
.
s
e
c
i
v
e
d
V
C
C
-
-
.
y
l
p
p
u
s
r
e
w
o
p
)
l
a
n
i
m
o
n
(
t
l
o
v
-
3
V
S
S
-
-
.
d
n
u
o
r
g
l
a
n
g
i
s
d
n
a
r
e
w
o
P


Similar Part No. - HY29LV320TF-80I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-12 HYNIX-HY29LV160BF-12 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-12I HYNIX-HY29LV160BF-12I Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-70 HYNIX-HY29LV160BF-70 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-70I HYNIX-HY29LV160BF-70I Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
More results

Similar Description - HY29LV320TF-80I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
logo
Elite Semiconductor Mem...
F49L320UA ESMT-F49L320UA Datasheet
546Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L320UA ESMT-F49L320UA_1 Datasheet
548Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
logo
Austin Semiconductor
AS8F2M32 AUSTIN-AS8F2M32 Datasheet
390Kb / 12P
   2M x 32 FLASH FLASH MEMORY MODULE
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
Toshiba Semiconductor
TC58FVB160AF TOSHIBA-TC58FVB160AF Datasheet
539Kb / 41P
   16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
ATMEL Corporation
AT49SV322D ATMEL-AT49SV322D Datasheet
519Kb / 32P
   32-megabit (2M x 16) 1.8-volt Only Flash Memory
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
   32-megabit (2M x 16) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com