Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY29LV320TF-80I Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HY29LV320TF-80I
Description  32 Mbit (2M x 16) Low Voltage Flash Memory
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29LV320TF-80I Datasheet(HTML) 3 Page - Hynix Semiconductor

  HY29LV320TF-80I Datasheet HTML 1Page - Hynix Semiconductor HY29LV320TF-80I Datasheet HTML 2Page - Hynix Semiconductor HY29LV320TF-80I Datasheet HTML 3Page - Hynix Semiconductor HY29LV320TF-80I Datasheet HTML 4Page - Hynix Semiconductor HY29LV320TF-80I Datasheet HTML 5Page - Hynix Semiconductor HY29LV320TF-80I Datasheet HTML 6Page - Hynix Semiconductor HY29LV320TF-80I Datasheet HTML 7Page - Hynix Semiconductor HY29LV320TF-80I Datasheet HTML 8Page - Hynix Semiconductor HY29LV320TF-80I Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
3
r1.3/May 02
HY29LV320
BLOCK DIAGRAM
STATE
CONTROL
WE#
CE#
RESET#
COMMAND
REGISTER
A[20:0]
V
CC
DETECTOR
TIMER
ERASE VOLTAGE
GENERATOR AND
SECTOR SWITCHES
PROGRAM
VOLTAGE
GENERATOR
X-DECODER
Y-DECODER
32 Mb FLASH
MEMORY
ARRAY
(67 Sectors)
128-word
FLASH
Security Sector
Y-GATING
DATA LATCH
I/O BUFFERS
I/O CONTROL
RY/BY#
DQ[15:0]
CFI
CONTROL
CFI DATA
MEMORY
A[20:0]
WP#/ACC
OE#
able parts may utilize the Secured Sector as bo-
nus space, reading and writing like any other Flash
sector, or may permanently lock their own code
there.
The WP#/ACC pin provides two functions. The
Write Protect function provides a hardware method
of protecting the boot sectors without using a high
voltage. The Accelerate function speeds up pro-
gramming operations, and is intended primarily to
allow faster manufacturing throughput.
Two power-saving features are embodied in the
HY29LV320. When addresses have been stable
for a specified amount of time, the device enters
the automatic sleep mode. The host can also place
the device into the standby mode. Power con-
sumption is greatly reduced in both these modes.
Common Flash Memory Interface (CFI)
To make Flash memories interchangeable and to
encourage adoption of new Flash technologies,
major Flash memory suppliers developed a flex-
ible method of identifying Flash memory sizes and
configurations in which all necessary Flash device
parameters are stored directly on the device.
Parameters stored include memory size, byte/word
configuration, sector configuration, necessary volt-
ages and timing information. This allows one set
of software drivers to identify and use a variety of
different, current and future Flash products. The
standard which details the software interface nec-
essary to access the device to identify it and to
determine its characteristics is the Common Flash
Memory Interface (CFI) Specification.
The
HY29LV320 is fully compliant with this specification.


Similar Part No. - HY29LV320TF-80I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-12 HYNIX-HY29LV160BF-12 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-12I HYNIX-HY29LV160BF-12I Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-70 HYNIX-HY29LV160BF-70 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-70I HYNIX-HY29LV160BF-70I Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
More results

Similar Description - HY29LV320TF-80I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
logo
Elite Semiconductor Mem...
F49L320UA ESMT-F49L320UA Datasheet
546Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L320UA ESMT-F49L320UA_1 Datasheet
548Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
logo
Austin Semiconductor
AS8F2M32 AUSTIN-AS8F2M32 Datasheet
390Kb / 12P
   2M x 32 FLASH FLASH MEMORY MODULE
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
Toshiba Semiconductor
TC58FVB160AF TOSHIBA-TC58FVB160AF Datasheet
539Kb / 41P
   16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
ATMEL Corporation
AT49SV322D ATMEL-AT49SV322D Datasheet
519Kb / 32P
   32-megabit (2M x 16) 1.8-volt Only Flash Memory
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
   32-megabit (2M x 16) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com