Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B88069X6331S102 Datasheet(PDF) 3 Page - TDK Electronics

Part # B88069X6331S102
Description  Switching spark gap
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B88069X6331S102 Datasheet(HTML) 3 Page - TDK Electronics

  B88069X6331S102 Datasheet HTML 1Page - TDK Electronics B88069X6331S102 Datasheet HTML 2Page - TDK Electronics B88069X6331S102 Datasheet HTML 3Page - TDK Electronics B88069X6331S102 Datasheet HTML 4Page - TDK Electronics B88069X6331S102 Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Switching spark gap
B88069X6331****
SSG with lead wires
SSG03X-1J
PPD AB PD / PPD AB PM
Issue 02 / 2009-10-20
Please read Cautions and warnings and
Page 3 of 5
Important notes at the end of this document.
Test circuits and explanations
Fig. 4: Explanation of measurands
Fig. 3: QC-test circuit (sampling inspection at 25 °C)
DUT
L
C
VO
R
VB
VN
3 s
0.5 s
tI
Early ignition
VB, FTE
VB, FTE
Range of VB, FIV
VB
t
Fig. 1: QC-test circuit (100% outgoing inspection)
Fig. 2: Explanation of measurands
DUT
ICU
0,22
F
51k
I = const
VS
DUT
device under test
ICU
ignition control unit (sensitivity 10 ... 30
A)
Discharge current 10 ... 20 mA
VS, FTE
VS
VN
-VN
VS, FIV
dVS/dt ~ dVN/dt


Similar Part No. - B88069X6331S102

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X6331S102 EPCOS-B88069X6331S102 Datasheet
94Kb / 5P
   Switching spark gap
More results

Similar Description - B88069X6331S102

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X0870T502 EPCOS-B88069X0870T502 Datasheet
84Kb / 2P
   Switching Spark Gap
B88069X0410T502 EPCOS-B88069X0410T502 Datasheet
92Kb / 2P
   Switching Spark Gap
B88069X0260S102 EPCOS-B88069X0260S102 Datasheet
90Kb / 2P
   Switching Spark Gap
B88069X5980T502 EPCOS-B88069X5980T502 Datasheet
95Kb / 5P
   Switching spark gap
logo
Socay Electornics Co., ...
UN2K8-350SMD SOCAY-UN2K8-350SMD Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-350SMD-2 SOCAY-UN2K8-350SMD-2 Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-400SMD SOCAY-UN2K8-400SMD Datasheet
364Kb / 5P
   Switching Spark Gap
UN2K8-600SMD SOCAY-UN2K8-600SMD Datasheet
363Kb / 5P
   Switching Spark Gap
UN2K8-350-1 SOCAY-UN2K8-350-1 Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-500 SOCAY-UN2K8-500 Datasheet
359Kb / 5P
   Switching Spark Gap
logo
TDK Electronics
B88069X3440S102 TDK-B88069X3440S102 Datasheet
168Kb / 5P
   Switching spark gap
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com