Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B88069X3660T502 Datasheet(PDF) 4 Page - TDK Electronics

Part # B88069X3660T502
Description  Switching Spark Gap
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B88069X3660T502 Datasheet(HTML) 4 Page - TDK Electronics

  B88069X3660T502 Datasheet HTML 1Page - TDK Electronics B88069X3660T502 Datasheet HTML 2Page - TDK Electronics B88069X3660T502 Datasheet HTML 3Page - TDK Electronics B88069X3660T502 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Switching Spark Gap
FS06X-1NG
Ordering code: B88069X3660T502
 EPCOS AG 2002. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information
contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and
Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless
otherwise agreed.
KB AB E / KB AB PM
Issue 06, 16.06.2004
Page 2 of 2
Not to scale
Dimensions in mm
Non controlled document
Fig. 4: Explanation of measurands
Fig. 3: QC- test circuit (sampling inspection at 25 °C)
DUT
L
C
VO
R
VB
VN
10 s
1 s
tI
Early ignition
VB, FTE
VB, FTE
Range of VB, FIV
VB
t
Fig. 1: QC- test circuit (100% outgoing inspection)
Fig. 2: Explanation of measurands
DUT
ICU
0,22
µF
51k
I = const
VS
DUT
device under test
ICU
ignition control unit (sensitivity 10 .. 30
µA)
Discharge current 10 – 20 mA
VS, FTE
VS
VN
-VN
VS, FIV
dVS/dt ~ dVN/dt
t


Similar Part No. - B88069X3660T502

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X3660T502 EPCOS-B88069X3660T502 Datasheet
92Kb / 2P
   Switching Spark Gap
More results

Similar Description - B88069X3660T502

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X0870T502 EPCOS-B88069X0870T502 Datasheet
84Kb / 2P
   Switching Spark Gap
B88069X0410T502 EPCOS-B88069X0410T502 Datasheet
92Kb / 2P
   Switching Spark Gap
B88069X0260S102 EPCOS-B88069X0260S102 Datasheet
90Kb / 2P
   Switching Spark Gap
B88069X5980T502 EPCOS-B88069X5980T502 Datasheet
95Kb / 5P
   Switching spark gap
logo
Socay Electornics Co., ...
UN2K8-350SMD SOCAY-UN2K8-350SMD Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-350SMD-2 SOCAY-UN2K8-350SMD-2 Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-400SMD SOCAY-UN2K8-400SMD Datasheet
364Kb / 5P
   Switching Spark Gap
UN2K8-600SMD SOCAY-UN2K8-600SMD Datasheet
363Kb / 5P
   Switching Spark Gap
UN2K8-350-1 SOCAY-UN2K8-350-1 Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-500 SOCAY-UN2K8-500 Datasheet
359Kb / 5P
   Switching Spark Gap
logo
TDK Electronics
B88069X3440S102 TDK-B88069X3440S102 Datasheet
168Kb / 5P
   Switching spark gap
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com