Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B88069X3660T502 Datasheet(PDF) 3 Page - TDK Electronics

Part # B88069X3660T502
Description  Switching Spark Gap
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B88069X3660T502 Datasheet(HTML) 3 Page - TDK Electronics

  B88069X3660T502 Datasheet HTML 1Page - TDK Electronics B88069X3660T502 Datasheet HTML 2Page - TDK Electronics B88069X3660T502 Datasheet HTML 3Page - TDK Electronics B88069X3660T502 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Switching Spark Gap
FS06X-1NG
Ordering code: B88069X3660T502
KB AB E / KB AB PM
Issue 06, 16.06.2004
Page 1 of 2
Nominal breakdown voltage VN
600
V
Initial values 2)
Static breakdown voltage VS
1)
First ignition value VS, FTE after 24 hours in darkness
Following ignition values VS, FIV
≤ 720
560 ... 680
V
V
Electrical life time 3)
Breakdown voltage VB
First ignition value VB, FTE after 24 hours in darkness
Ignition time tI at V0 during life
Following ignition values VB, FIV
≤ 750
≤ 90
540 ... 700
V
ms
V
Switching operations
at – 40; +25; +125°C
40 000
Ignitions
Test circuit parameters
Open circuit voltage V0
Loading resistance R
Discharge capacitance C
Inductance L
Discharge peak current IP
750
13
470
0.1
max. 1000
V
k
nF
µH
A
General technical data
Insulation resistance at 100 V
Early ignition values between 500 and 680 V
Breakdown time
Maximum switching frequency
Weight
> 10
≤ 2
≤ 50
200
~ 2
M
%
ns
Hz
g
Marking, blue
600 WWY O
600
- Nominal voltage
WW
- Calendar week of production
Y
- Year of production
O
- Non radioactive
1)
At delivery AQL 0,65 level II, DIN ISO 2859
2)
Page 2, Fig. 1 and 2
3)
Page 2, Fig. 3 and 4


Similar Part No. - B88069X3660T502

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X3660T502 EPCOS-B88069X3660T502 Datasheet
92Kb / 2P
   Switching Spark Gap
More results

Similar Description - B88069X3660T502

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X0870T502 EPCOS-B88069X0870T502 Datasheet
84Kb / 2P
   Switching Spark Gap
B88069X0410T502 EPCOS-B88069X0410T502 Datasheet
92Kb / 2P
   Switching Spark Gap
B88069X0260S102 EPCOS-B88069X0260S102 Datasheet
90Kb / 2P
   Switching Spark Gap
B88069X5980T502 EPCOS-B88069X5980T502 Datasheet
95Kb / 5P
   Switching spark gap
logo
Socay Electornics Co., ...
UN2K8-350SMD SOCAY-UN2K8-350SMD Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-350SMD-2 SOCAY-UN2K8-350SMD-2 Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-400SMD SOCAY-UN2K8-400SMD Datasheet
364Kb / 5P
   Switching Spark Gap
UN2K8-600SMD SOCAY-UN2K8-600SMD Datasheet
363Kb / 5P
   Switching Spark Gap
UN2K8-350-1 SOCAY-UN2K8-350-1 Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-500 SOCAY-UN2K8-500 Datasheet
359Kb / 5P
   Switching Spark Gap
logo
TDK Electronics
B88069X3440S102 TDK-B88069X3440S102 Datasheet
168Kb / 5P
   Switching spark gap
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com