Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57371V2104+060 Datasheet(PDF) 5 Page - TDK Electronics

Part # B57371V2104+060
Description  SMD NTC thermistors,
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B57371V2104+060 Datasheet(HTML) 5 Page - TDK Electronics

  B57371V2104+060 Datasheet HTML 1Page - TDK Electronics B57371V2104+060 Datasheet HTML 2Page - TDK Electronics B57371V2104+060 Datasheet HTML 3Page - TDK Electronics B57371V2104+060 Datasheet HTML 4Page - TDK Electronics B57371V2104+060 Datasheet HTML 5Page - TDK Electronics B57371V2104+060 Datasheet HTML 6Page - TDK Electronics B57371V2104+060 Datasheet HTML 7Page - TDK Electronics B57371V2104+060 Datasheet HTML 8Page - TDK Electronics B57371V2104+060 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
R/T characteristics
R/T No.
8500
8502
T (
°C)
B25/100 = 3650 K
B25/100 = 4000 K
RT/R25
α (%/K) R
T/R25
α (%/K)
55.0
63.917
6.8
96.158
7.4
50.0
45.889
6.5
66.892
7.1
45.0
33.344
6.3
47.127
6.9
40.0
24.504
6.1
33.606
6.6
35.0
18.201
5.8
24.243
6.4
30.0
13.657
5.6
17.681
6.2
25.0
10.347
5.5
13.032
6.0
20.0
7.9114
5.3
9.702
5.8
15.0
6.1019
5.1
7.2923
5.6
10.0
4.7454
4.9
5.5314
5.4
5.0
3.7198
4.8
4.2325
5.3
0.0
2.938
4.6
3.2657
5.1
5.0
2.3372
4.5
2.54
4.9
10.0
1.8722
4.4
1.9907
4.8
15.0
1.5096
4.2
1.5716
4.7
20.0
1.2249
4.1
1.2494
4.5
25.0
1.0000
4.0
1.0000
4.4
30.0
0.82111
3.9
0.80552
4.3
35.0
0.67798
3.8
0.65288
4.1
40.0
0.56279
3.7
0.53229
4.0
45.0
0.46958
3.6
0.43645
3.9
50.0
0.39374
3.5
0.35981
3.8
55.0
0.33171
3.4
0.29819
3.7
60.0
0.28073
3.3
0.24837
3.6
65.0
0.23863
3.2
0.20787
3.5
70.0
0.2037
3.1
0.17479
3.4
75.0
0.17459
3.0
0.14763
3.3
80.0
0.15022
3.0
0.12523
3.2
85.0
0.12975
2.9
0.10667
3.2
90.0
0.11247
2.8
0.091227
3.1
95.0
0.097838
2.8
0.078319
3.0
100.0
0.085396
2.7
0.067488
2.9
105.0
0.074781
2.6
0.058363
2.9
110.0
0.065691
2.6
0.050647
2.8
115.0
0.057883
2.5
0.044098
2.7
120.0
0.051153
2.4
0.03852
2.7
125.0
0.045335
2.4
0.033752
2.6
130.0
0.040289
2.3
0.029663
2.6
135.0
0.0359
2.3
0.026146
2.5
140.0
0.032071
2.2
0.023111
2.4
145.0
0.028723
2.2
0.020484
2.4
150.0
0.025786
2.1
0.018203
2.3
Temperature measurement and compensation
B573**V2
SMD NTC thermistors, case size 0603 (1608)
Standard series
Page 5 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57371V2104+060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57371V2104060 EPCOS-B57371V2104060 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57371V2104060 EPCOS-B57371V2104060 Datasheet
425Kb / 21P
   NTC thermistors for temperature measurement
logo
TDK Electronics
B57371V2104060 TDK-B57371V2104060 Datasheet
451Kb / 22P
   NTC thermistors for temperature measurement
B57371V2104060 TDK-B57371V2104060 Datasheet
451Kb / 22P
   NTC thermistors for temperature measurement
B57371V2104060 TDK-B57371V2104060 Datasheet
451Kb / 22P
   NTC thermistors for temperature measurement
More results

Similar Description - B57371V2104+060

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TSM MERITEK-TSM Datasheet
156Kb / 3P
   NTC Thermistors SMD Thermistors
logo
AVX Corporation
NC12P00104JBB AVX-NC12P00104JBB Datasheet
200Kb / 5P
   NTC SMD Thermistors
NB20K00103MBA AVX-NB20K00103MBA Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC20K00103KBA AVX-NC20K00103KBA_17 Datasheet
379Kb / 10P
   NTC SMD Thermistors
NC12 AVX-NC12 Datasheet
200Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
B57251V5103J060 TDK-B57251V5103J060 Datasheet
485Kb / 21P
   SMD NTC thermistors
logo
AVX Corporation
NC20K00103MBA AVX-NC20K00103MBA Datasheet
379Kb / 10P
   NTC SMD Thermistors
logo
TDK Electronics
NTCG062QH300JTB TDK-NTCG062QH300JTB Datasheet
370Kb / 27P
   NTC Thermistors SMD
logo
AVX Corporation
NB21K00103MBB AVX-NB21K00103MBB Datasheet
235Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
NTCG06 TDK-NTCG06 Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com