Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57891S0104+008 Datasheet(PDF) 8 Page - TDK Electronics

Part # B57891S0104+008
Description  Leaded NTC thermistors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B57891S0104+008 Datasheet(HTML) 8 Page - TDK Electronics

Back Button B57891S0104+008 Datasheet HTML 4Page - TDK Electronics B57891S0104+008 Datasheet HTML 5Page - TDK Electronics B57891S0104+008 Datasheet HTML 6Page - TDK Electronics B57891S0104+008 Datasheet HTML 7Page - TDK Electronics B57891S0104+008 Datasheet HTML 8Page - TDK Electronics B57891S0104+008 Datasheet HTML 9Page - TDK Electronics B57891S0104+008 Datasheet HTML 10Page - TDK Electronics B57891S0104+008 Datasheet HTML 11Page - TDK Electronics B57891S0104+008 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
2)
≤0.2 mm over 10 sprocket holes.
1.2
Blister tape for case size 0805 and 1206 (taping to IEC 60286-3)
Dimensions (mm)
Case size
0805
(8-mm tape)
Case size
1206
(8-mm tape)
Tolerance
A0
× B
0
1.60
× 2.40
1.90
× 3.50
±0.2
K0
1.40
1.40
max.
T2
2.5
2.5
max.
D0
1.50
1.50
+0.10/–0
D1
1.00
1.00
min.
P0
4.00
4.00
±0.102)
P2
2.00
2.00
±0.05
P1
4.00
4.00
±0.10
W
8.00
8.00
±0.30
E
1.75
1.75
±0.10
F
3.50
3.50
±0.05
G
0.75
0.75
min.
Temperature measurement and compensation
B57891S
Leaded NTC thermistors, lead spacing 2.5 mm
S891
Page 8 of 26
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57891S0104+008

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57891S0104+008 EPCOS-B57891S0104+008 Datasheet
62Kb / 3P
   Temperature Measurement
More results

Similar Description - B57891S0104+008

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B57871S0103H001 TDK-B57871S0103H001 Datasheet
566Kb / 27P
   Leaded NTC thermistors
B57971S0103F001 TDK-B57971S0103F001 Datasheet
562Kb / 26P
   Leaded NTC thermistors
B57981S0103F001 TDK-B57981S0103F001 Datasheet
566Kb / 27P
   Leaded NTC thermistors
logo
Vishay Siliconix
NTCLE203E3103FB0 VISHAY-NTCLE203E3103FB0 Datasheet
107Kb / 9P
   NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 18-May-11
NTCLE100E3223JB0 VISHAY-NTCLE100E3223JB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3103HB0 VISHAY-NTCLE100E3103HB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3 VISHAY-NTCLE100E3_16 Datasheet
200Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 22-Dec-16
NTCLE203E3 VISHAY-NTCLE203E3_17 Datasheet
84Kb / 3P
   NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 26-Jun-17
NTCLE100E3 VISHAY-NTCLE100E3_V01 Datasheet
208Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
01-Jan-2022
NTCLE101E3SB0 VISHAY-NTCLE101E3SB0 Datasheet
92Kb / 5P
   NTC Thermistors, Radial Leaded Special Accuracy
Revision: 06-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com