Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57891S0203+008 Datasheet(PDF) 9 Page - TDK Electronics

Part # B57891S0203+008
Description  Leaded NTC thermistors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B57891S0203+008 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B57891S0203+008 Datasheet HTML 5Page - TDK Electronics B57891S0203+008 Datasheet HTML 6Page - TDK Electronics B57891S0203+008 Datasheet HTML 7Page - TDK Electronics B57891S0203+008 Datasheet HTML 8Page - TDK Electronics B57891S0203+008 Datasheet HTML 9Page - TDK Electronics B57891S0203+008 Datasheet HTML 10Page - TDK Electronics B57891S0203+008 Datasheet HTML 11Page - TDK Electronics B57891S0203+008 Datasheet HTML 12Page - TDK Electronics B57891S0203+008 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
3) Chip thickness depends on the resistance value.
1.3
Reel packing
Packing survey
Case
size
Chip
thick-
ness3)
8-mm tape
Reel dimensions
Packing units
mm
mm
pcs./reel
Blister Card-
board
A
Tol.
W1
Tol.
W2
180-mm
reel
330-mm
reel
0402
0.5
x
180
3/+0
8.4
+1.5/ 0
14.4 max.
10000
0603
0.8
x
180
3/+0
8.4
+1.5/ 0
14.4 max.
4000
330
±2.0
12.4
+1.5/ 0
18.4 max.
16000
0805
0.8
x
180
3/+0
8.4
+1.5/ 0
14.4 max.
4000
16000
1.2
x
330
±2.0
12.4
+1.5/ 0
18.4 max.
3000
12000
1206
0.8
x
180
2/+0
8.4
+1.5/ 0
14.4 max.
4000
1.2
x
180
2/+0
8.4
+1.5/ 0
14.4 max.
2000
2
Packing codes
The last two digits of the complete ordering code state the packing mode:
Last two digits
60
SMD
Cardboard tape
180-mm reel packing
62
SMD
Blister tape
180-mm reel packing
70
SMD
Cardboard tape
330-mm reel packing
72
SMD
Blister tape
330-mm reel packing
Temperature measurement and compensation
B57891S
Leaded NTC thermistors, lead spacing 2.5 mm
S891
Page 9 of 26
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57891S0203+008

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57891S0203+008 EPCOS-B57891S0203+008 Datasheet
62Kb / 3P
   Temperature Measurement
More results

Similar Description - B57891S0203+008

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B57871S0103H001 TDK-B57871S0103H001 Datasheet
566Kb / 27P
   Leaded NTC thermistors
B57971S0103F001 TDK-B57971S0103F001 Datasheet
562Kb / 26P
   Leaded NTC thermistors
B57981S0103F001 TDK-B57981S0103F001 Datasheet
566Kb / 27P
   Leaded NTC thermistors
logo
Vishay Siliconix
NTCLE203E3103FB0 VISHAY-NTCLE203E3103FB0 Datasheet
107Kb / 9P
   NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 18-May-11
NTCLE100E3223JB0 VISHAY-NTCLE100E3223JB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3103HB0 VISHAY-NTCLE100E3103HB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3 VISHAY-NTCLE100E3_16 Datasheet
200Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 22-Dec-16
NTCLE203E3 VISHAY-NTCLE203E3_17 Datasheet
84Kb / 3P
   NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 26-Jun-17
NTCLE100E3 VISHAY-NTCLE100E3_V01 Datasheet
208Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
01-Jan-2022
NTCLE101E3SB0 VISHAY-NTCLE101E3SB0 Datasheet
92Kb / 5P
   NTC Thermistors, Radial Leaded Special Accuracy
Revision: 06-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com