Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA317L Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KA317L
Description  3-Terminal 0.1A Positive Adjustable Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA317L Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA317L Datasheet HTML 1Page - Fairchild Semiconductor KA317L Datasheet HTML 2Page - Fairchild Semiconductor KA317L Datasheet HTML 3Page - Fairchild Semiconductor KA317L Datasheet HTML 4Page - Fairchild Semiconductor KA317L Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA317L Rev. 1.1.0
1
December 2012
KA317L
3-Terminal 0.1A Positive Adjustable Regulator
Features
• Output Current in Excess of 100 mA
• Output Adjustable Between 1.2 V and 37 V
• Internal Thermal Overload Protection
• Internal Short Circuit Current Limiting
• Output Transistor Safe Area Compensation
• Floating Operation for High-Voltage Applications
Ordering Information
Block Diagram
Figure 1. Block Diagram
Part Number
Operating Temperature Range
Top Mark
Package
Packing Method
KA317LZTA
0
°C to +125°C
KA317LZ
TO-92
Ammo
Rl im i t
3
Vin
Vo
1
Vo l ta g e
Re fe r e nce
Va d j
2
P r ote cti on
Ci r c ui tr y
+
-
Input
Output
LIMIT
ADJ
Description
The KA317L is a 3-terminal, adjustable, positive-volt-
age regulator capable of supplying in excess of 100 mA
over an output voltage range of 1.2 V to 37 V. This volt-
age regulator requires only two external resistors to set
the output voltage.
TO-92
1. Adj 2. Output 3. Input
1


Similar Part No. - KA317L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA317L FAIRCHILD-KA317L Datasheet
157Kb / 5P
   3-Terminal 0.1A Positive Adjustable Regulator
KA317L FAIRCHILD-KA317L Datasheet
157Kb / 5P
   3-Terminal 0.1A Positive Adjustable Regulator
KA317LZTA FAIRCHILD-KA317LZTA Datasheet
157Kb / 5P
   3-Terminal 0.1A Positive Adjustable Regulator
KA317L FAIRCHILD-KA317L_12 Datasheet
157Kb / 5P
   3-Terminal 0.1A Positive Adjustable Regulator
More results

Similar Description - KA317L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA317L FAIRCHILD-KA317L_12 Datasheet
157Kb / 5P
   3-Terminal 0.1A Positive Adjustable Regulator
LM317L FAIRCHILD-LM317L Datasheet
46Kb / 8P
   3-Terminal 0.1A Positive Adjustable Regulator
KA317L FAIRCHILD-KA317L Datasheet
157Kb / 5P
   3-Terminal 0.1A Positive Adjustable Regulator
logo
First Silicon Co., Ltd
FR317S FS-FR317S Datasheet
258Kb / 5P
   3-TERMINAL 0.1A POSITIVE ADJUSTABLE REGULATOR
logo
Fairchild Semiconductor
MC78LXXA FAIRCHILD-MC78LXXA_10 Datasheet
86Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA_10 Datasheet
102Kb / 17P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_15 Datasheet
278Kb / 8P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
HTC Korea TAEJIN Techno...
LM78LXX HTC-LM78LXX_10 Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
68Kb / 16P
   3-terminal 0.1A positive voltage regulator
MC78LXXA FAIRCHILD-MC78LXXA Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com