Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY29LV320BT-12 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HY29LV320BT-12
Description  32 Mbit (2M x 16) Low Voltage Flash Memory
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29LV320BT-12 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HY29LV320BT-12 Datasheet HTML 2Page - Hynix Semiconductor HY29LV320BT-12 Datasheet HTML 3Page - Hynix Semiconductor HY29LV320BT-12 Datasheet HTML 4Page - Hynix Semiconductor HY29LV320BT-12 Datasheet HTML 5Page - Hynix Semiconductor HY29LV320BT-12 Datasheet HTML 6Page - Hynix Semiconductor HY29LV320BT-12 Datasheet HTML 7Page - Hynix Semiconductor HY29LV320BT-12 Datasheet HTML 8Page - Hynix Semiconductor HY29LV320BT-12 Datasheet HTML 9Page - Hynix Semiconductor HY29LV320BT-12 Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
r1.3/May 02
HY29LV320
CONVENTIONS
Unless otherwise noted, a positive logic (active
High) convention is assumed throughout this docu-
ment, whereby the presence at a pin of a higher,
more positive voltage (V
IH) causes assertion of the
signal. A ‘#’ symbol following the signal name,
e.g., RESET#, indicates that the signal is asserted
in the Low state (V
IL).
See DC specifications for
V
IH and VIL values.
Whenever a signal is separated into numbered
bits, e.g., DQ[7], DQ[6], ..., DQ[0], the family of
bits may also be shown collectively, e.g., as
DQ[7:0].
The designation 0xNNNN (N = 0, 1, 2, . . . , 9, A, .
. . , E, F) indicates a number expressed in hexadeci-
mal notation. The designation 0bXXXX indicates a
number expressed in binary notation (X = 0, 1).
MEMORY ARRAY ORGANIZATION
The 32 Mbit Flash memory array is organized into
67 blocks called sectors (S0, S1, . . . , S66). A
sector or several contiguous sectors are defined
as a sector group. A sector is the smallest unit
that can be erased and a sector group is the small-
est unit that can be protected to prevent acciden-
tal or unauthorized erasure.
In the HY29LV320, four of the sectors, which com-
prise the boot block, are sized as follows: one of
eight Kwords, two of four Kwords and one of
sixteen Kwords. The remaining 63 sectors are
sized at 32 Kwords. The boot block can be lo-
cated at the bottom of the address range
(HY29LV320B) or at the top of the address range
(HY29LV320T).
Tables 1 and 2 define the sector addresses and
corresponding array address ranges for the top
and bottom boot block versions of the HY29LV320.
See Tables 6 and 7 for sector group definitions.
Secured Sector Flash Memory Region
The Secured Sector (Sec2) feature provides a 128
word Flash memory region that enables perma-
nent part identification through an Electronic Se-
rial Number (ESN). An associated ‘Sec2 Indica-
tor’ bit, which is permanently set at the factory and
cannot be changed, indicates whether or not the
Sec2 is locked when shipped from the factory.
The device is offered with the Sec2 either factory
locked or customer lockable. The factory-locked
version is always protected when shipped from
the factory, and has the Sec2 Indicator bit perma-
nently set to a ‘1’. The customer-lockable version
is shipped with the Sec2 unprotected, allowing
customers to utilize the sector in any manner they
choose, and has the Sec2 Indicator bit permanently
set to a ‘0’. Thus, the Sec2 Indicator bit prevents
customer-lockable devices from being used to re-
place devices that are factory locked. The bit pre-
vents cloning of a factory locked part and thus
ensures the security of the ESN once the product
is shipped to the field.
The system accesses the Sec2 through a com-
mand sequence (see “Enter/Exit Secured Sector
Command Sequence”). After the system has writ-
ten the Enter Secured Sector command sequence,
it may read the Sec2 by using the addresses speci-
fied in Table 3. This mode of operation continues
until the system issues the Exit Secured Sector
command sequence, or until power is removed
from the device. On power-up, or following a hard-
ware reset, the device reverts to addressing the
Flash array.
Note: While in the Sec2 Read mode, only the reading of
the ‘Replaced Sector’ (Table 3) is affected. Accesses
within the specified sector, but outside the address range
specified in the table, may produce indeterminate results.
Reading of all other sectors in the device continues nor-
mally while in this mode.
Sec2 Programmed and Protected At the Factory
In a factory-locked device, the Sec2 is protected
when the device is shipped from the factory and
cannot be modified in any way. The device is avail-
able preprogrammed with one of the following:
n A random, secure ESN only
n Customer code
n Both a random, secure ESN and customer
code
In devices that have an ESN, it will be located at
the bottom of the sector: starting at word address
0x000000 and ending at 0x000007 for a Bottom
Boot device, and starting at word address
0x1FE000 and ending at 0x1FE007 for a Top Boot
device. See Table 3.


Similar Part No. - HY29LV320BT-12

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-12 HYNIX-HY29LV160BF-12 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-12I HYNIX-HY29LV160BF-12I Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-70 HYNIX-HY29LV160BF-70 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-70I HYNIX-HY29LV160BF-70I Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
More results

Similar Description - HY29LV320BT-12

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
logo
Elite Semiconductor Mem...
F49L320UA ESMT-F49L320UA Datasheet
546Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L320UA ESMT-F49L320UA_1 Datasheet
548Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
logo
Austin Semiconductor
AS8F2M32 AUSTIN-AS8F2M32 Datasheet
390Kb / 12P
   2M x 32 FLASH FLASH MEMORY MODULE
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
Toshiba Semiconductor
TC58FVB160AF TOSHIBA-TC58FVB160AF Datasheet
539Kb / 41P
   16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
ATMEL Corporation
AT49SV322D ATMEL-AT49SV322D Datasheet
519Kb / 32P
   32-megabit (2M x 16) 1.8-volt Only Flash Memory
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
   32-megabit (2M x 16) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com