Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY29LV320BT-12 Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # HY29LV320BT-12
Description  32 Mbit (2M x 16) Low Voltage Flash Memory
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29LV320BT-12 Datasheet(HTML) 1 Page - Hynix Semiconductor

  HY29LV320BT-12 Datasheet HTML 1Page - Hynix Semiconductor HY29LV320BT-12 Datasheet HTML 2Page - Hynix Semiconductor HY29LV320BT-12 Datasheet HTML 3Page - Hynix Semiconductor HY29LV320BT-12 Datasheet HTML 4Page - Hynix Semiconductor HY29LV320BT-12 Datasheet HTML 5Page - Hynix Semiconductor HY29LV320BT-12 Datasheet HTML 6Page - Hynix Semiconductor HY29LV320BT-12 Datasheet HTML 7Page - Hynix Semiconductor HY29LV320BT-12 Datasheet HTML 8Page - Hynix Semiconductor HY29LV320BT-12 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
KEY FEATURES
n Single Power Supply Operation
– Read, program and erase operations from
2.7 to 3.6 volts
– Ideal for battery-powered applications
n High Performance
– 70, 80, 90 and 120 ns access time
versions for full voltage range operation
n Ultra-low Power Consumption (Typical/
Maximum Values)
– Automatic sleep/standby current: 0.5/5.0
µA
– Read current: 9/16 mA (@ 5 MHz)
– Program/erase current: 20/30 mA
n Top and Bottom Boot Block Versions
– Provide one 8 KW, two 4 KW, one 16 KW
and sixty-three 32 KW sectors
n Secured Sector
– An extra 128-word, factory-lockable
sector available for an Electronic Serial
Number and/or additional secured data
n Sector Protection
– Allows locking of a sector or sectors to
prevent program or erase operations
within that sector
– Temporary Sector Unprotect allows
changes in locked sectors
n Fast Program and Erase Times (typicals)
– Sector erase time: 0.5 sec per sector
– Chip erase time: 32 sec
– Word program time: 11
µs
– Accelerated program time per word: 7
µs
n Automatic Erase Algorithm Preprograms
and Erases Any Combination of Sectors
or the Entire Chip
n Automatic Program Algorithm Writes and
Verifies Data at Specified Addresses
n Compliant With Common Flash Memory
Interface (CFI) Specification
– Flash device parameters stored directly
on the device
– Allows software driver to identify and use a
variety of current and future Flash products
n Minimum 100,000 Write Cycles per Sector
Revision 1.3, May 2002
A[20:0]
21
CE#
OE#
WE#
16
DQ[15:0]
RESET#
RY/BY#
WP#/ACC
LOGIC DIAGRAM
n Compatible With JEDEC standards
– Pinout and software compatible with
single-power supply Flash devices
– Superior inadvertent write protection
n Data# Polling and Toggle Bits
– Provide software confirmation of
completion of program and erase
operations
n Ready/Busy (RY/BY#) Pin
– Provides hardware confirmation of
completion of program and erase
operations
n Write Protect Function (WP#/ACC pin)
− Allows hardware protection of the first or
last 32 KW of the array, regardless of sector
protect status
n Acceleration Function (WP#/ACC pin)
− Provides accelerated program times
n Erase Suspend/Erase Resume
– Suspends an erase operation to allow
reading data from, or programming data
to, a sector that is not being erased
– Erase Resume can then be invoked to
complete suspended erasure
n Hardware Reset Pin (RESET#) Resets the
Device to Reading Array Data
n Space Efficient Packaging
– 48-pin TSOP and 63-ball FBGA packages
HY29LV320
32 Mbit (2M x 16) Low Voltage Flash Memory


Similar Part No. - HY29LV320BT-12

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-12 HYNIX-HY29LV160BF-12 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-12I HYNIX-HY29LV160BF-12I Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-70 HYNIX-HY29LV160BF-70 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-70I HYNIX-HY29LV160BF-70I Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
More results

Similar Description - HY29LV320BT-12

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
logo
Elite Semiconductor Mem...
F49L320UA ESMT-F49L320UA Datasheet
546Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L320UA ESMT-F49L320UA_1 Datasheet
548Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
logo
Austin Semiconductor
AS8F2M32 AUSTIN-AS8F2M32 Datasheet
390Kb / 12P
   2M x 32 FLASH FLASH MEMORY MODULE
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
Toshiba Semiconductor
TC58FVB160AF TOSHIBA-TC58FVB160AF Datasheet
539Kb / 41P
   16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
ATMEL Corporation
AT49SV322D ATMEL-AT49SV322D Datasheet
519Kb / 32P
   32-megabit (2M x 16) 1.8-volt Only Flash Memory
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
   32-megabit (2M x 16) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com