Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM628128DLTS-7UL Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HM628128DLTS-7UL
Description  1 M SRAM (128-kword x 8-bit)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM628128DLTS-7UL Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HM628128DLTS-7UL Datasheet HTML 2Page - Hitachi Semiconductor HM628128DLTS-7UL Datasheet HTML 3Page - Hitachi Semiconductor HM628128DLTS-7UL Datasheet HTML 4Page - Hitachi Semiconductor HM628128DLTS-7UL Datasheet HTML 5Page - Hitachi Semiconductor HM628128DLTS-7UL Datasheet HTML 6Page - Hitachi Semiconductor HM628128DLTS-7UL Datasheet HTML 7Page - Hitachi Semiconductor HM628128DLTS-7UL Datasheet HTML 8Page - Hitachi Semiconductor HM628128DLTS-7UL Datasheet HTML 9Page - Hitachi Semiconductor HM628128DLTS-7UL Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
HM628128D Series
6
DC Characteristics
Parameter
Symbol
Min
Typ*
1
Max
Unit
Test conditions
Input leakage current
|I
LI|
——1
µA
Vin = V
SS to V CC
Output leakage current
|I
LO|
——1
µA
CS1 = V
IH or CS2 = VIL or
OE = V
IH or WE = VIL,
V
I/O = VSS to V CC
Operating current
I
CC
——15
mA
CS1 = V
IL, CS2 = VIH,
others = V
IH/VIL, II/O = 0 mA
Average operating current
I
CC1
60
mA
Min cycle, duty = 100%
I
I/O = 0 mA, CS1 = VIL, CS2
= V
IH, Others = VIH/VIL
I
CC2
6
20
mA
Cycle time = 1
µs,
duty = 100%,
I
I/O = 0 mA, CS1 ≤ 0.2 V,
CS2
≥ V
CC – 0.2 V,
V
IH ≥ V CC – 0.2 V,
V
IL ≤ 0.2 V
Standby current
I
SB
2
mA
(1)
CS1 = V
IH, CS2 = VIH, or
(2) CS2 = V
IL
I
SB1*
2
2
100
µA
0 V
≤ Vin
(1) 0 V
≤ CS2 ≤ 0.2 V or
(2)
CS1
≥ V
CC – 0.2 V,
CS2
≥ V
CC – 0.2 V
I
SB1*
3
—2
50
µA
I
SB1*
4
—1
20
µA
Output high voltage
V
OH
2.4
——VI
OH = –1 mA
Output low voltage
V
OL
——0.4
VI
OL = 2.1 mA
Notes: 1. Typical values are at V
CC = 5.0 V, Ta = +25°C and specified loading, and not guaranteed.
2. This characteristics is guaranteed only for L version.
3. This characteristics is guaranteed only for L-SL version.
4. This characteristics is guaranteed only for L-UL version.
Capacitance (Ta = +25
°C, f = 1 MHz)
Parameter
Symbol
Typ
Max
Unit
Test conditions
Note
Input capacitance
Cin
8
pF
Vin = 0 V
1
Input/output capacitance
C
I/O
—10
pF
V
I/O = 0 V
1
Note:
1. This parameter is sampled and not 100% tested.


Similar Part No. - HM628128DLTS-7UL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628128DLFPI-7 HITACHI-HM628128DLFPI-7 Datasheet
84Kb / 16P
   1 M SRAM (128-kword X 8-bit)
HM628128DLPI-7 HITACHI-HM628128DLPI-7 Datasheet
84Kb / 16P
   1 M SRAM (128-kword X 8-bit)
More results

Similar Description - HM628128DLTS-7UL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628128B HITACHI-HM628128B Datasheet
627Kb / 19P
   1 M SRAM (128-KWORD X 8 BIT)
HM628128DI HITACHI-HM628128DI Datasheet
84Kb / 16P
   1 M SRAM (128-kword X 8-bit)
HM538123B HITACHI-HM538123B Datasheet
369Kb / 46P
   1 M VRAM (128-kword x 8-bit)
HM629127HB HITACHI-HM629127HB Datasheet
398Kb / 11P
   1 M HIGH SPEED SRAM(128-KWORD X 9-BIT)
HM628512B HITACHI-HM628512B Datasheet
85Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM62W8512BI HITACHI-HM62W8512BI Datasheet
58Kb / 14P
   4 M SRAM (512-kword x 8-bit)
HM628512BFP HITACHI-HM628512BFP Datasheet
58Kb / 13P
   4 M SRAM (512-kword x 8-bit)
HM628512BI HITACHI-HM628512BI Datasheet
84Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM628512C HITACHI-HM628512C Datasheet
84Kb / 17P
   4 M SRAM (512-kword x 8-bit)
HM62V8512B HITACHI-HM62V8512B Datasheet
77Kb / 17P
   4 M SRAM (512-kword x 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com