Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

86605CY Datasheet(PDF) 1 Page - Alpha Wire

Part # 86605CY
Description  HIGH-FLEX MINI DIAMETER DATA CABLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

86605CY Datasheet(HTML) 1 Page - Alpha Wire

  86605CY Datasheet HTML 1Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HIGH-FLEX MINI DIAMETER DATA CABLE
UL AWM STYLE 2661
CSA AWM II A/B FT4
CSA AWM II A/B FT4
RoHS COMPLIANT
300 VOLT
Xtreme Performance In Single Axis, High-Flex Duty, Continuous Rolling Or
Bending Flexing Environments Up To 6 Million Flex Life Cycles
Xtreme Performance Benefits:
Flexible PVC Insulation And Jacket With Overall Cable Design For Installation In
C-Track Or High Flexing Applications Up To 6 Million Flex Life Cycles
Unique Premium-Grade PVC Insulation And Jacket Provides Easier Routing Of
Cables In Tight Spaces
Outstanding Oil, Solvent, Chemical And Fuel Resistance
Perfectly Round Geometry Helps Insure A Liquid-Tight Installation Per IP-67 Or
NEMA 6
Superior Performance Against EMI/RFI When Specified With SUPRASHIELD®
CONTINUOUS FLEX
XTRA·GUARD® CONTINUES FLEX MULTIPAIR DATA CABLE APPLICATIONS:
Industrial Electrionic Processing Equipment
DataComm Connections
Automation Networking
PLC, Microprocessor and Computer Interconnects
Connecting Sensors and Actuators to Controllers
CHARACTERISTICS
Operating Temperature:
5° C to 105° C (Flexing)
-10° C to 105° C (Stationary)
Voltage Rating:
300 Volt
Color Description:
Color Code: Chart A Page 374
Jacket Color: Gray
Product Description:
Conductor: Super Finely Stranded Tinned Copper
Insulation : Lubricated Semi-Rigid PVC
Drain Wire: 26 AWG, 7/34 Stranded Tinned Copper
Shielding : Foil and 85% Tinned Copper Braid
Jacket: Oil Resistant PVC
SPECIFICATIONS
Bend Radius: 10X Cable Diameter (Static) and 15X Cable Diameter (Dynamic)
UL TYPE CM
UL AWM 2661
CSA AWM I A/B II A/B FT4
CSA TYPE CMG
VDE 0472, Section 803 Oil Test (Jacket)
CE LVD-CD 73/23/EEC Modified by CD 93/68/EEC
RoHS Compliant
AVAILABILITY
Most Items Are Available For Same-Day Shipment From Inventory
Orders Placed By 6:00 EST Will Be Shipped The Same Day
Please Refer To www.alphawire.com For Stocked Items
FIT®TUBING RECOMMENDATION
FIT® - FLEX - Highly Flexible Irradiated Silicone Rubber
(See Page 134 for Product Specifications)
FIT®- 650 - Chemical and Temperature Resistant Viton®
(See Page 132 for Product Specifications)
95
28 AWG (0,09mm²), 7/36 (7/0,13mm), Insulation Thickness: 0.010" (0,25mm)
Alpha
Part No.
No. of
Pair.
Jacket Thickness
Nominal Diameter
Inches
mm
Inches
mm
86401CY
1
0.040
1,02
0.186
4,72
86402CY
2
0.040
1,02
0.231
5,87
86403CY
3
0.040
1,02
0.240
6,10
86404CY
4
0.040
1,02
0.256
6,50
86405CY
5
0.040
1,02
0.274
6,96
86406CY
6
0.040
1,02
0.293
7,44
86408CY
8
0.040
1,02
0.331
8,41
86410CY
10
0.045
1,14
0.365
9,27
86414CY
14
0.045
1,14
0.381
9,68
26 AWG (0,14mm²), 7/34 (7/0,16mm), Insulation Thickness: 0.010" (0,25mm)
Alpha
Part No.
No. of
Pair.
Jacket Thickness
Nominal Diameter
Inches
mm
Inches
mm
86501CY
1
0.040
1,02
0.194
4,93
86502CY
2
0.040
1,02
0.244
6,20
86503CY
3
0.040
1,02
0.254
6,45
86504CY
4
0.040
1,02
0.272
6,91
86505CY
5
0.040
1,02
0.292
7,42
86506CY
6
0.040
1,02
0.313
7,95
86508CY
8
0.040
1,02
0.355
9,02
86510CY
10
0.045
1,14
0.392
9,96
86514CY
14
0.053
1,35
0.426
10,82
24 AWG (0,23mm²), 10/34 (10/0,16mm), Insulation Thickness: 0.010" (0,25mm)
Alpha
Part No.
No. of
Pair.
Jacket Thickness
Nominal Diameter
Inches
mm
Inches
mm
86601CY
1
0.040
1,02
0.204
5,18
86602CY
2
0.040
1,02
0.260
6,60
86603CY
3
0.040
1,02
0.272
6,91
86604CY
4
0.040
1,02
0.292
7,42
86605CY
5
0.040
1,02
0.314
7,98
86606CY
6
0.040
1,02
0.337
8,56
86608CY
8
0.040
1,02
0.385
9,78
86610CY
10
0.045
1,14
0.427
10,85
86614CY
14
0.053
1,35
0.463
11,76
22 AWG (0,38mm²), 19/34 (19/0,16mm), Insulation Thickness: 0.010" (0,25mm)
Alpha
Part No.
No. of
Pair.
Jacket Thickness
Nominal Diameter
Inches
mm
Inches
mm
86701CY
1
0.040
1,02
0.220
5,59
86702CY
2
0.040
1,02
0.287
7,29
86703CY
3
0.040
1,02
0.301
7,65
86704CY
4
0.040
1,02
0.324
8,23
86705CY
5
0.040
1,02
0.350
8,89
86706CY
6
0.040
1,02
0.377
9,58
86708CY
8
0.045
1,14
0.443
11,25
86710CY
10
0.053
1,35
0.497
12,62
86714CY
14
0.053
1,35
0.527
13,39
Web Site: www.alphawire.com
Email: info@alphawire.com
Toll Free: 1-800-52 ALPHA • Telephone: 908-925-8000 • Fax: 908-925-6923
Europe/UK Telephone: +44 (0) 1932 772422 • Europe/UK Fax: +44 (0) 1932 772433


Similar Part No. - 86605CY

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8660 GILWAY-8660 Datasheet
33Kb / 1P
   T-1 Subminiature Lamps
logo
Heyco.
8660 HEYCO-8660 Datasheet
123Kb / 1P
   Heyco-Flex™ I Liquid Tight Conduit
logo
Littelfuse
86600001009 LITTELFUSE-86600001009 Datasheet
536Kb / 2P
   860/862 Series Enclosed Fuseholders for 5횞20mm and 6.2x32mm Fuses
Revised: 05/17/21
logo
Alpha Wire
86601CY ALPHAWIRE-86601CY Datasheet
77Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
86602CY ALPHAWIRE-86602CY Datasheet
77Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
More results

Similar Description - 86605CY

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MPH20FT ADAM-TECH-MPH20FT Datasheet
139Kb / 1P
   MINI FLEX CONNECTOR FLAT CABLE & PCB MOUNT SYSTEM
logo
3M Electronics
HF319 3M-HF319 Datasheet
1Mb / 3P
   3M??High Flex Life Cable
logo
List of Unclassifed Man...
7201A ETC2-7201A Datasheet
103Kb / 3P
   300V Flex Data Cables
logo
Adam Technologies, Inc.
MPF-XX-SMT-T-TR ADAM-TECH-MPF-XX-SMT-T-TR Datasheet
82Kb / 1P
   MINI FLEX FEMALE SURFACE MOUNT
MPF-XX-V-T-PP-TR ADAM-TECH-MPF-XX-V-T-PP-TR Datasheet
81Kb / 1P
   MINI FLEX FEMALE SURFACE MOUNT
MPH-XX-V-T ADAM-TECH-MPH-XX-V-T Datasheet
83Kb / 1P
   MINI FLEX FEMALE SURFACE MOUNT
MPF-XX-V-T-L ADAM-TECH-MPF-XX-V-T-L Datasheet
131Kb / 1P
   MINI FLEX FEMALE SURFACE MOUNT
MPF-XX-SMT-SG-PT ADAM-TECH-MPF-XX-SMT-SG-PT Datasheet
134Kb / 1P
   MINI FLEX FEMALE SURFACE MOUNT
MPF-XX-SMT-T-KT ADAM-TECH-MPF-XX-SMT-T-KT Datasheet
83Kb / 1P
   MINI FLEX FEMALE SURFACE MOUNT
logo
Molex Electronics Ltd.
1300700012 MOLEX11-1300700012 Datasheet
32Kb / 1P
   Mini-Change Power Locking Clip, 33.02mm Diameter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com