Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM628128DLTS-7SL Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HM628128DLTS-7SL
Description  1 M SRAM (128-kword x 8-bit)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM628128DLTS-7SL Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HM628128DLTS-7SL Datasheet HTML 3Page - Hitachi Semiconductor HM628128DLTS-7SL Datasheet HTML 4Page - Hitachi Semiconductor HM628128DLTS-7SL Datasheet HTML 5Page - Hitachi Semiconductor HM628128DLTS-7SL Datasheet HTML 6Page - Hitachi Semiconductor HM628128DLTS-7SL Datasheet HTML 7Page - Hitachi Semiconductor HM628128DLTS-7SL Datasheet HTML 8Page - Hitachi Semiconductor HM628128DLTS-7SL Datasheet HTML 9Page - Hitachi Semiconductor HM628128DLTS-7SL Datasheet HTML 10Page - Hitachi Semiconductor HM628128DLTS-7SL Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
HM628128D Series
7
AC Characteristics (Ta = –20 to +70
°C, V
CC = 5.0 V ± 10%, unless otherwise noted.)
Test Conditions
• Input pulse levels: V
IL = 0.8 V, VIH = 2.4 V
• Input rise and fall time: 5 ns
• Input timing reference levels: 1.5 V
• Output timing reference level: 1.5 V
• Output load: 1 TTL Gate+ CL (100 pF) (HM628128D-7)
1 TTL Gate+ CL (50 pF) (HM628128D-5)
(Including scope and jig)
Read Cycle
HM628128D
-5
-7
Parameter
Symbol
Min
Max
Min
Max
Unit
Notes
Read cycle time
t
RC
55
70
ns
Address access time
t
AA
55
70
ns
Chip select access time
t
ACS1
55
70
ns
t
ACS2
55
70
ns
Output enable to output valid
t
OE
30
35
ns
Output hold from address change
t
OH
10
10
ns
Chip selection to output in low-Z
t
CLZ1
10
10
ns
2, 3
t
CLZ2
10
10
ns
2, 3
Output enable to output in low-Z
t
OLZ
5
5
ns
2, 3
Chip deselection to output in high-Z
t
CHZ1
0
20
0
25
ns
1, 2, 3
t
CHZ2
0
20
0
25
ns
1, 2, 3
Output disable to output in high-Z
t
OHZ
0
20
0
25
ns
1, 2, 3


Similar Part No. - HM628128DLTS-7SL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628128DLFPI-7 HITACHI-HM628128DLFPI-7 Datasheet
84Kb / 16P
   1 M SRAM (128-kword X 8-bit)
HM628128DLPI-7 HITACHI-HM628128DLPI-7 Datasheet
84Kb / 16P
   1 M SRAM (128-kword X 8-bit)
More results

Similar Description - HM628128DLTS-7SL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628128B HITACHI-HM628128B Datasheet
627Kb / 19P
   1 M SRAM (128-KWORD X 8 BIT)
HM628128DI HITACHI-HM628128DI Datasheet
84Kb / 16P
   1 M SRAM (128-kword X 8-bit)
HM538123B HITACHI-HM538123B Datasheet
369Kb / 46P
   1 M VRAM (128-kword x 8-bit)
HM629127HB HITACHI-HM629127HB Datasheet
398Kb / 11P
   1 M HIGH SPEED SRAM(128-KWORD X 9-BIT)
HM628512B HITACHI-HM628512B Datasheet
85Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM62W8512BI HITACHI-HM62W8512BI Datasheet
58Kb / 14P
   4 M SRAM (512-kword x 8-bit)
HM628512BFP HITACHI-HM628512BFP Datasheet
58Kb / 13P
   4 M SRAM (512-kword x 8-bit)
HM628512BI HITACHI-HM628512BI Datasheet
84Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM628512C HITACHI-HM628512C Datasheet
84Kb / 17P
   4 M SRAM (512-kword x 8-bit)
HM62V8512B HITACHI-HM62V8512B Datasheet
77Kb / 17P
   4 M SRAM (512-kword x 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com