Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMP15-4P3 Datasheet(PDF) 1 Page - High Voltage Power Solutions, Inc.

Part # DCMP15-4P3
Description  Regulated/Adjustable DC-DC High Voltage Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HVPSI [High Voltage Power Solutions, Inc.]
Direct Link  http://www.hvpsi.com
Logo HVPSI - High Voltage Power Solutions, Inc.

DCMP15-4P3 Datasheet(HTML) 1 Page - High Voltage Power Solutions, Inc.

  DCMP15-4P3 Datasheet HTML 1Page - High Voltage Power Solutions, Inc. DCMP15-4P3 Datasheet HTML 2Page - High Voltage Power Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VERSION: 2.0
EFFECTIVE: 06 JULY 2015
PAGE: 1 OF 2
DCMP15Series
Regulated/AdjustableDC-DC
HighVoltageModules
INFO
@DEANTECHNOLOGY.COM
WWW
.DEANTECHNOLOGY.COM
+1.972.248.7691
0to6kVofoutputvoltage
Upto3Wofoutputpower
15VDCInputvoltage
ZerotoFullOutput
PositiveandNegativeModels
ExternallyVoltageProgrammable
ReferenceVoltageOutput
Short-circuitProtection
Rugged,encapsulatedmodule
Sine-wavetopology
Lowripple
PCBMounting
HighEfficiency
Conditions
Value
Units
Input
InputVoltage
AllVersions
15
VDC
Power
AtMaxload
<7.5
W
Output
VoltagesAvailable
PrimaryOutput
±4
kVDCmax
±6
kVDCmax
VoltageAdjustment
0–5VDCInput
10%to100%
-
Power
NominalInput,MaxVo
3
W
Current,PrimaryOutput
NominalInput,MaxVo
0.75
mA
0.5
Regulation,PrimaryVo
AnyStaticLoad,MaxVo
<5%(positivemodels)
VDC
<15%(negativemodels)
Ripple
FullLoad,MaxVo
<0.5%
Vp-p
LineRegulation
OverinputVrange,FullPower
<7.5%
VDC
Stability
Over8hr,30minwarmup
<0.2%
VDC
Environmental
OperatingTemperature
CaseTemp,FullLoad,MaxVo
0to+60
°C
TempCoefficient
OvertheOperatingTemperature
0.10
%/°C
Storage
Non-Operating,CaseTemp
-40to+85
°C
Humidity
Non-Condensing
0to95%
RH
Altitude
StandardOperatingConditions
0to10000
Feet


Similar Part No. - DCMP15-4P3

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
DCMP12-4N3 HVPSI-DCMP12-4N3 Datasheet
150Kb / 1P
   Regulated / Adjustable DC-DC High Voltage Modules
DCMP12-4P3 HVPSI-DCMP12-4P3 Datasheet
150Kb / 1P
   Regulated / Adjustable DC-DC High Voltage Modules
DCMP12-6N3 HVPSI-DCMP12-6N3 Datasheet
150Kb / 1P
   Regulated / Adjustable DC-DC High Voltage Modules
DCMP12-6P3 HVPSI-DCMP12-6P3 Datasheet
150Kb / 1P
   Regulated / Adjustable DC-DC High Voltage Modules
DCMP12HE-1N3 HVPSI-DCMP12HE-1N3 Datasheet
151Kb / 1P
   High Efficiency, Regulated, DC-DC High Voltage Modules
More results

Similar Description - DCMP15-4P3

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
DCMP12-4P3 HVPSI-DCMP12-4P3 Datasheet
150Kb / 1P
   Regulated / Adjustable DC-DC High Voltage Modules
DCMP12HE-1P3 HVPSI-DCMP12HE-1P3 Datasheet
151Kb / 1P
   High Efficiency, Regulated, DC-DC High Voltage Modules
logo
Vicor Corporation
DCM VICOR-DCM Datasheet
131Kb / 2P
   Isolated, Regulated DC-DC Converter Modules
logo
High Voltage Power Solu...
DCH3320N1 HVPSI-DCH3320N1_15 Datasheet
516Kb / 2P
   Regulated/Remote Adjustable 0 to 10kV DC-DC High Voltage Power Supply
DCM12-4N3 HVPSI-DCM12-4N3_15 Datasheet
550Kb / 2P
   Proportional DC-DC High Voltage Modules
DCM12-4N3 HVPSI-DCM12-4N3 Datasheet
167Kb / 1P
   Proportional DC-DC High Voltage Modules
logo
Premier Magnetics, Inc.
PDCS6233 PMI-PDCS6233 Datasheet
96Kb / 1P
   DC/DC POWER MODULES 2 AMP ADJUSTABLE HIGH INPUT
PDCS5412V PMI-PDCS5412V Datasheet
94Kb / 1P
   DC/DC POWER MODULES 4 AMP ADJUSTABLE
PDCS6133 PMI-PDCS6133 Datasheet
96Kb / 1P
   DC/DC POWER MODULES 1 AMP ADJUSTABLE
PDCS5212V PMI-PDCS5212V Datasheet
95Kb / 1P
   DC/DC POWER MODULES 2 AMP ADJUSTABLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com