Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM62256BLT-8 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HM62256BLT-8
Description  256k SRAM (32-kword x 8-bit)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM62256BLT-8 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HM62256BLT-8 Datasheet HTML 2Page - Hitachi Semiconductor HM62256BLT-8 Datasheet HTML 3Page - Hitachi Semiconductor HM62256BLT-8 Datasheet HTML 4Page - Hitachi Semiconductor HM62256BLT-8 Datasheet HTML 5Page - Hitachi Semiconductor HM62256BLT-8 Datasheet HTML 6Page - Hitachi Semiconductor HM62256BLT-8 Datasheet HTML 7Page - Hitachi Semiconductor HM62256BLT-8 Datasheet HTML 8Page - Hitachi Semiconductor HM62256BLT-8 Datasheet HTML 9Page - Hitachi Semiconductor HM62256BLT-8 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
HM62256B Series
6
DC Characteristics (Ta = 0 to +70
°C, V
CC = 5 V ± 10%, VSS = 0 V)
Parameter
Symbol Min
Typ*
1
Max
Unit
Test conditions
Input leakage current
|I
LI|—
1
µA
Vin = V
SS to V CC
Output leakage current
|I
LO|—
1
µA
CS = V
IH or OE = VIH or WE = VIL,
V
I/O = VSS to V CC
Operating current
I
CC
6
15
mA
CS = V
IL, Others = VIH/VIL,
I
I/O = 0 mA
Average
operating
current
HM62256B-5
I
CC1
60
mA
Min cycle, duty = 100%,I
I/O = 0 mA,
CS = V
IL, Others = VIH/VIL
HM62256B-7
I
CC1
—3360
mA
HM62256B-8
I
CC1
—2950
mA
I
CC2
5
15
mA
Cycle time = 1
µs, I
I/O = 0 mA,
CS = V
IL, VIH = VCC, VIL = 0
Standby current
I
SB
0.3
2
mA
CS = V
IH
I
SB1
0.2
100
µA
Vin
≥ 0 V, CS ≥ V
CC – 0.2 V
I
SB1
0.2*
2
50*
2
µA
I
SB1
0.2*
3
10*
3
µA
Output low voltage
V
OL
0.4
V
I
OL = 2.1 mA
Output high voltage
V
OH
2.4
V
I
OH = –1.0 mA
Notes: 1. Typical values are at V
CC = 5.0 V, Ta = +25°C and not guaranteed.
2. This characteristic is guaranteed only for L-SL version.
3. This characteristic is guaranteed only for L-UL version.
Capacitance (Ta = 25
°C, f = 1.0 MHz)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Input capacitance*
1
Cin
8
pF
Vin = 0 V
Input/output capacitance*
1
C
I/O
10
pF
V
I/O = 0 V
Note:
1. This parameter is sampled and not 100% tested.


Similar Part No. - HM62256BLT-8

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62256 HITACHI-HM62256 Datasheet
71Kb / 11P
   32,768-word x 8-bit High Speed CMOS Static RAM
HM62256 HITACHI-HM62256 Datasheet
309Kb / 14P
   32768-word x 8-bit High Speed CMOS Static RAM
2003
HM62256A HITACHI-HM62256A Datasheet
71Kb / 11P
   32,768-word x 8-bit High Speed CMOS Static RAM
HM62256AFP-10T HITACHI-HM62256AFP-10T Datasheet
71Kb / 11P
   32,768-word x 8-bit High Speed CMOS Static RAM
HM62256AFP-12T HITACHI-HM62256AFP-12T Datasheet
71Kb / 11P
   32,768-word x 8-bit High Speed CMOS Static RAM
More results

Similar Description - HM62256BLT-8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EV58256BXXN RENESAS-R1EV58256BXXN Datasheet
697Kb / 25P
   256K EEPROM (32-Kword 횞 8-bit)
HN58C256AI RENESAS-HN58C256AI Datasheet
1Mb / 18P
   256k EEPROM (32-kword 횞 8-bit)
logo
Hitachi Semiconductor
HN58X24128I HITACHI-HN58X24128I Datasheet
69Kb / 22P
   Two-wire serial interface, 128k EEPROM (16-kword x 8-bit), 256k EEPROM (32-kword x 8-bit)
logo
Renesas Technology Corp
R1LV0408C-C RENESAS-R1LV0408C-C Datasheet
97Kb / 14P
   4M SRAM (512-kword X 8-bit)
logo
Hitachi Semiconductor
HM9264B HITACHI-HM9264B Datasheet
73Kb / 14P
   64 k SRAM (8-kword x 8-bit)
logo
Hanbit Electronics Co.,...
HMS25632M8G HANBIT-HMS25632M8G Datasheet
247Kb / 9P
   SRAM MODULE 1Mbyte (256K x 32-Bit)
logo
Hitachi Semiconductor
HM6264B HITACHI-HM6264B Datasheet
82Kb / 15P
   64 k SRAM (8-kword x 8-bit)
HM628512ALFP-5 HITACHI-HM628512ALFP-5 Datasheet
552Kb / 18P
   4M SRAM (512 KWORD X 8 BIT)
HN58V256A HITACHI-HN58V256A Datasheet
118Kb / 24P
   256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58V257A)
logo
MOSAIC
SYS32256ZK-12 MOSAIC-SYS32256ZK-12 Datasheet
62Kb / 2P
   256K x 32 SRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com