Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3253-201-HP Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 3253-201-HP
Description  201 MHz Highpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3253-201-HP Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3253-201-HP Datasheet HTML 1Page - KR Electronics, Inc. 3253-201-HP Datasheet HTML 2Page - KR Electronics, Inc. 3253-201-HP Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2016 KR Electronics, Inc.
3253-201-HP, Rev 0
KR Electronics, Inc.
KR Electronics part number 3253-201-HP is a 201 MHz
highpass filter module. Other cutoff frequencies are available.
Please consult the factory.
General Description
KR Electronics, Inc.
Features
 201 MHz Highpass Filter
 < 1 dB typical at 201 MHz
 50 dB min at 140 MHz
 50  Source and Load
 Surface Mount
 Available with SMA Connectors
 Other frequencies available
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 3253-201-HP

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3253-201-LP KR-3253-201-LP Datasheet
92Kb / 3P
   201 MHz Lowpass Filter
3253-201-LP-SMA KR-3253-201-LP-SMA Datasheet
82Kb / 3P
   201 MHz Lowpass Filter
More results

Similar Description - 3253-201-HP

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3253-201-LP KR-3253-201-LP Datasheet
92Kb / 3P
   201 MHz Lowpass Filter
logo
TriQuint Semiconductor
856541 TRIQUINT-856541_15 Datasheet
597Kb / 6P
   201 MHz SAW Filter
855590 TRIQUINT-855590 Datasheet
66Kb / 1P
   201 MHz Bandpass Filter
logo
KR Electronics, Inc.
3253-201-LP-SMA KR-3253-201-LP-SMA Datasheet
82Kb / 3P
   201 MHz Lowpass Filter
2557-SMA KR-2557-SMA Datasheet
59Kb / 2P
   2 MHz Highpass Filter
3102-5 KR-3102-5 Datasheet
47Kb / 2P
   5 MHz Highpass Filter
3102-2 KR-3102-2 Datasheet
47Kb / 2P
   2 MHz Highpass Filter
3102-10 KR-3102-10 Datasheet
47Kb / 2P
   10 MHz Highpass Filter
3255-805-HP-SMA KR-3255-805-HP-SMA Datasheet
81Kb / 3P
   805 MHz Highpass Filter
3102-15 KR-3102-15 Datasheet
47Kb / 2P
   15 MHz Highpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com