Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3245 Datasheet(PDF) 3 Page - KR Electronics, Inc.

Part # 3245
Description  300 MHz Bandpass
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3245 Datasheet(HTML) 3 Page - KR Electronics, Inc.

  3245 Datasheet HTML 1Page - KR Electronics, Inc. 3245 Datasheet HTML 2Page - KR Electronics, Inc. 3245 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
© 2011, KR Electronics, Inc.
3245, 300 MHz Bandpass, Rev 0
Parameter
Specification
Filter type
Bandpass
Center Frequency
300 MHz
Insertion Loss
3 dBa max
1.5 dBc Bandwidth
50 MHz ± 2 MHz
3 dBc Bandwidth
56 MHz typical
40 dBc Bandwidth
140 MHz max
127 MHz typical
Source and Load
50

1.5 dBa typical
KR Electronics 3245
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Notes:
1.
Surface mount package
2.
Dimensions in inches
3.
Max reflow temperature 230° C for 10 sec
4.
If boards are cleaned after installation units must be completely dried


Similar Part No. - 3245

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3245 ASM-SENSOR-3245 Datasheet
1Mb / 2P
   SOLAR HiTESTER
logo
3M Electronics
3245 3M-3245 Datasheet
4Mb / 12P
   3M??EMI/EMC Electronic Materials
logo
Heyco.
3245 HEYCO-3245 Datasheet
233Kb / 1P
   Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Littelfuse
324500 LITTELFUSE-324500 Datasheet
64Kb / 1P
   Axial Lead and Cartridge Fuses
324500P LITTELFUSE-324500P Datasheet
140Kb / 1P
   Axial Lead and Cartridge Fuses
More results

Similar Description - 3245

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2979 KR-2979 Datasheet
95Kb / 3P
   300 MHz Bandpass Filter
2979-SMA KR-2979-SMA Datasheet
71Kb / 3P
   300 MHz Bandpass Filter
3218-300-SMA KR-3218-300-SMA Datasheet
99Kb / 3P
   300 MHz Bandpass Filter
3112 KR-3112 Datasheet
57Kb / 3P
   300 MHz Bandpass Filter
3318 KR-3318 Datasheet
80Kb / 3P
   KR Electronics part number 3318 is a 300 MHz bandpass filter
3302 KR-3302 Datasheet
71Kb / 3P
   KR Electronics part number 3302 is a 300 MHz bandpass filter
2567-1 KR-2567-1 Datasheet
88Kb / 2P
   10.7 MHz Bandpass
3017 KR-3017 Datasheet
48Kb / 3P
   455 MHz Bandpass
3002 KR-3002 Datasheet
48Kb / 3P
   174 MHz Bandpass
3204 KR-3204 Datasheet
105Kb / 3P
   1087.5 MHz Bandpass
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com