Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY628100B Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HY628100B
Description  128K x8 bit 5.0V Low Power CMOS slow SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY628100B Datasheet(HTML) 2 Page - Hynix Semiconductor

  HY628100B Datasheet HTML 1Page - Hynix Semiconductor HY628100B Datasheet HTML 2Page - Hynix Semiconductor HY628100B Datasheet HTML 3Page - Hynix Semiconductor HY628100B Datasheet HTML 4Page - Hynix Semiconductor HY628100B Datasheet HTML 5Page - Hynix Semiconductor HY628100B Datasheet HTML 6Page - Hynix Semiconductor HY628100B Datasheet HTML 7Page - Hynix Semiconductor HY628100B Datasheet HTML 8Page - Hynix Semiconductor HY628100B Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HY628100B Series
Rev 12 / Apr.2001
2
DESCRIPTION
The HY628100B is a high speed, low power and
1M bit CMOS Static Random Access Memory
organized
as
131,072
words
by
8bit.
The
HY628100B
uses
high
performance
CMOS
process technology and designed for high speed
low power circuit technology. It is particulary well
suited for used in high density low power system
application. This device has a data retention
mode that guarantees data to remain valid at a
minimum power supply voltage of 2.0V.
FEATURES
• Fully static operation and Tri-state output
• TTL compatible inputs and outputs
• Battery backup(L/LL-part)
-. 2.0V(min) data retention
• Standard pin configuration
-. 32pin SOP - 525mil
-. 32pin TSOPI - 8X20(Standard)
Product
Voltage
Speed
Operation
Standby Current(uA)
Temperature
No
(V)
(ns)
Current/Icc(mA)
L
LL
(
°C)
HY628100B
4.5~5.5
50*/55/70/85
10
100
20
0~70
HY628100B-E
4.5~5.5
50*/55/70/85
10
100
30
-25~85
HY628100B-I
4.5~5.5
50*/55/70/85
10
100
30
-40~85
Comment : 50ns is available with 30pF test load.
PIN CONNECTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Vcc
A15
/WE
A13
A8
A9
A11
/OE
A10
/CS1
I/O8
I/O7
I/O6
I/O5
I/O4
NC
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
Vss
CS2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
/OE
A10
DQ8
DQ7
DQ6
DQ5
DQ4
Vss
DQ3
DQ2
DQ1
A0
A1
A2
A3
A11
A9
A8
A13
/WE
CS2
A15
Vcc
NC
A16
A14
A12
A7
A6
A5
A4
/CS1
SOP
TSOP-I(Standard)
PIN DESCRIPTION
BLOCK DIAGRAM
Pin Name
Pin Function
/CS1
Chip Select 1
CS2
Chip Select 2
/WE
Write Enable
/OE
Output Enable
A0 ~ A16
Address Inputs
I/O1 ~ I/O8
Data Inputs / Outputs
Vcc
Power(4.5V~5.5V)
Vss
Ground
MEMORY ARRAY
128K x 8
ROW
DECODER
I/O1
I/O8
A0
A16
/CS1
CS2
/OE
/WE


Similar Part No. - HY628100B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY628100A HYNIX-HY628100A Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY628100AG HYNIX-HY628100AG Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY628100ALG HYNIX-HY628100ALG Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY628100ALLG HYNIX-HY628100ALLG Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY628100ALLT1 HYNIX-HY628100ALLT1 Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
More results

Similar Description - HY628100B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM76C256C HYNIX-GM76C256C Datasheet
177Kb / 11P
   32K x8 bit 5.0V Low Power CMOS slow SRAM
HY628400A HYNIX-HY628400A Datasheet
182Kb / 11P
   512K x8 bit 5.0V Low Power CMOS slow SRAM
HY62U8100B HYNIX-HY62U8100B Datasheet
205Kb / 12P
   128K x8 bit 3.0V Low Power CMOS slow SRAM
HY62V8100B HYNIX-HY62V8100B Datasheet
205Kb / 12P
   128K x8 bit 3.3V Low Power CMOS slow SRAM
GM76V256C HYNIX-GM76V256C Datasheet
175Kb / 11P
   32K x8 bit 3.3V Low Power CMOS slow SRAM
HY62V8400A HYNIX-HY62V8400A Datasheet
181Kb / 11P
   512K x8 bit 3.3V Low Power CMOS slow SRAM
HY62U8200B HYNIX-HY62U8200B Datasheet
188Kb / 12P
   256K x8 bit 3.0V Low Power CMOS slow SRAM
GM76U256C HYNIX-GM76U256C Datasheet
175Kb / 11P
   32K x8 bit 3.0V Low Power CMOS slow SRAM
logo
Samsung semiconductor
KM681000B SAMSUNG-KM681000B Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com