Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM628128DLFP-5 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HM628128DLFP-5
Description  1 M SRAM (128-kword x 8-bit)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM628128DLFP-5 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HM628128DLFP-5 Datasheet HTML 4Page - Hitachi Semiconductor HM628128DLFP-5 Datasheet HTML 5Page - Hitachi Semiconductor HM628128DLFP-5 Datasheet HTML 6Page - Hitachi Semiconductor HM628128DLFP-5 Datasheet HTML 7Page - Hitachi Semiconductor HM628128DLFP-5 Datasheet HTML 8Page - Hitachi Semiconductor HM628128DLFP-5 Datasheet HTML 9Page - Hitachi Semiconductor HM628128DLFP-5 Datasheet HTML 10Page - Hitachi Semiconductor HM628128DLFP-5 Datasheet HTML 11Page - Hitachi Semiconductor HM628128DLFP-5 Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
HM628128D Series
8
Write Cycle
HM628128D
-5
-7
Parameter
Symbol
Min
Max
Min
Max
Unit
Notes
Write cycle time
t
WC
55
70
ns
Address valid to end of write
t
AW
50
60
ns
Chip selection to end of write
t
CW
50
60
ns
5
Write pulse width
t
WP
40
50
ns
4, 13
Address setup time
t
AS
0—
0—
ns
6
Write recovery time
t
WR
0—
0—
ns
7
Data to write time overlap
t
DW
20
25
ns
Data hold from write time
t
DH
0—
0—
ns
Output active from output in high-Z
t
OW
5—
5—
ns
2
Output disable to output in high-Z
t
OHZ
0
20
0
25
ns
1, 2, 8
WE to output in high-Z
t
WHZ
0
20
0
25
ns
1, 2, 8
Notes: 1. t
CHZ, tOHZ and t WHZ are defined as the time at which the outputs achieve the open circuit conditions
and are not referred to output voltage levels.
2. This parameter is sampled and not 100% tested.
3. At any given temperature and voltage condition, t
HZ max is less than tLZ min both for a given
device and from device to device.
4. A write occurs during the overlap (t
WP) of a low CS1, a high CS2, and a low WE.
A write begins
at the later transition of
CS1 going low, CS2 going high, or WE going low. A write ends at the
earlier transition of
CS1 going high, CS2 going low, or WE going high. t
WP is measured from the
beginning of write to the end of write.
5. t
CW is measured from CS1 going low or CS2 going high to the end of write.
6. t
AS is measured from the address valid to the beginning of write.
7. t
WR is measured from the earlier of WE or CS1 going high or CS2 going low to the end of write
cycle.
8. During this period, I/O pins are in the output state; therefore, the input signals of the opposite
phase to the outputs must not be applied.
9. If the
CS1 goes low or CS2 going high simultaneously with WE going low or after WE going low,
the output remain in a high impedance state.
10. Dout is the same phase of the write data of this write cycle.
11. Dout is the read data of next address.
12. If
CS1 is low and CS2 high during this period, I/O pins are in the output state. Therefore, the
input signals of the opposite phase to the outputs must not be applied to them.
13. In the write cycle with
OE low fixed, t
WP must satisfy the following equation to avoid a problem of
data bus contention. t
WP ≥ tDW min + tWHZ max


Similar Part No. - HM628128DLFP-5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628128DLFPI-7 HITACHI-HM628128DLFPI-7 Datasheet
84Kb / 16P
   1 M SRAM (128-kword X 8-bit)
More results

Similar Description - HM628128DLFP-5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628128B HITACHI-HM628128B Datasheet
627Kb / 19P
   1 M SRAM (128-KWORD X 8 BIT)
HM628128DI HITACHI-HM628128DI Datasheet
84Kb / 16P
   1 M SRAM (128-kword X 8-bit)
HM538123B HITACHI-HM538123B Datasheet
369Kb / 46P
   1 M VRAM (128-kword x 8-bit)
HM629127HB HITACHI-HM629127HB Datasheet
398Kb / 11P
   1 M HIGH SPEED SRAM(128-KWORD X 9-BIT)
HM628512B HITACHI-HM628512B Datasheet
85Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM62W8512BI HITACHI-HM62W8512BI Datasheet
58Kb / 14P
   4 M SRAM (512-kword x 8-bit)
HM628512BFP HITACHI-HM628512BFP Datasheet
58Kb / 13P
   4 M SRAM (512-kword x 8-bit)
HM628512BI HITACHI-HM628512BI Datasheet
84Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM628512C HITACHI-HM628512C Datasheet
84Kb / 17P
   4 M SRAM (512-kword x 8-bit)
HM62V8512B HITACHI-HM62V8512B Datasheet
77Kb / 17P
   4 M SRAM (512-kword x 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com