Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM76C256CLT Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # GM76C256CLT
Description  32K x8 bit 5.0V Low Power CMOS slow SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GM76C256CLT Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button GM76C256CLT Datasheet HTML 3Page - Hynix Semiconductor GM76C256CLT Datasheet HTML 4Page - Hynix Semiconductor GM76C256CLT Datasheet HTML 5Page - Hynix Semiconductor GM76C256CLT Datasheet HTML 6Page - Hynix Semiconductor GM76C256CLT Datasheet HTML 7Page - Hynix Semiconductor GM76C256CLT Datasheet HTML 8Page - Hynix Semiconductor GM76C256CLT Datasheet HTML 9Page - Hynix Semiconductor GM76C256CLT Datasheet HTML 10Page - Hynix Semiconductor GM76C256CLT Datasheet HTML 11Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
GM76C256C Series
Rev 03 / Apr. 2000
7
Notes(WRITE CYCLE):
1. A write occurs during the overlap of a low /CS and a low /WE. A write begins at the latest transition
among /CS going low and /WE going low: A write ends at the earliest transition among /CS going high
and /WE going high. tWP is measured from the beginning of write to the end of write.
2. tCW is measured from the later of /CS going low to the end of write .
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the end of write to the address change. tWR is applied in case a write ends as /CS,
or /WE going high.
5. If /OE and /WE are in the read mode during this period, and the I/O pins are in the output low-Z state,
input of opposite phase of the output must not be applied because bus contention can occur.
6. If /CS goes low simultaneously with /WE going low, or after /WE going low, the outputs remain in high
impedance state.
7. DOUT is the same phase of the latest written data in this write cycle.
8. DOUT is the read data of the new address.
DATA RETENTION CHARACTERISTIC
TA = 0
°C to 70°C (Normal) / -25°C to 85°C (Extended) unless otherwise specified.
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VDR
Vcc for Data Retention
CS>Vcc-0.2V,
2.0
-
-
V
VIN > Vcc - 0.2V or VIN < Vss + 0.2V
ICCDR
Data Retention Current
Vcc=3.0V,
L
-
1
15
uA
/CS>Vcc - 0.2V,
LL
-
0.5
7
uA
VIN > Vcc - 0.2V or
LE
-
1
20
uA
VIN < Vss + 0.2V
LLE
-
0.5
10
uA
tCDR
Chip Deselect to Data
Retention Time
See Data Retention
0
-
-
ns
tR
Operating Recovery Time
Timing Diagram
tRC(2)
-
-
ns
Notes
1. Typical values are under the condition of TA = 25
°C.
2. tRC is read cycle time.
DATA RETENTION TIMING DIAGRAM
CS
VDR
CS>VCC-0.2V
tCDR
tR
VSS
VCC
4.5V
2.2V
DATA RETENTION MODE


Similar Part No. - GM76C256CLT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM76C28A ETC1-GM76C28A Datasheet
306Kb / 10P
   2,048 WORDS X 8 BIT CMOS STATIC RAM
More results

Similar Description - GM76C256CLT

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY628100B HYNIX-HY628100B Datasheet
175Kb / 10P
   128K x8 bit 5.0V Low Power CMOS slow SRAM
HY628400A HYNIX-HY628400A Datasheet
182Kb / 11P
   512K x8 bit 5.0V Low Power CMOS slow SRAM
GM76V256C HYNIX-GM76V256C Datasheet
175Kb / 11P
   32K x8 bit 3.3V Low Power CMOS slow SRAM
GM76U256C HYNIX-GM76U256C Datasheet
175Kb / 11P
   32K x8 bit 3.0V Low Power CMOS slow SRAM
HY62V8400A HYNIX-HY62V8400A Datasheet
181Kb / 11P
   512K x8 bit 3.3V Low Power CMOS slow SRAM
HY62U8200B HYNIX-HY62U8200B Datasheet
188Kb / 12P
   256K x8 bit 3.0V Low Power CMOS slow SRAM
HY62U8100B HYNIX-HY62U8100B Datasheet
205Kb / 12P
   128K x8 bit 3.0V Low Power CMOS slow SRAM
HY62V8100B HYNIX-HY62V8100B Datasheet
205Kb / 12P
   128K x8 bit 3.3V Low Power CMOS slow SRAM
logo
List of Unclassifed Man...
UC62WV0256 ETC-UC62WV0256 Datasheet
465Kb / 10P
   Low Power CMOS SRAM 32K X8 Bits
UC62LV0256 ETC1-UC62LV0256 Datasheet
464Kb / 10P
   Low Power CMOS SRAM 32K X8 Bits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com