Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACN2322L10 Datasheet(PDF) 1 Page - High Voltage Power Solutions, Inc.

Part # ACN2322L10
Description  High Voltage Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HVPSI [High Voltage Power Solutions, Inc.]
Direct Link  http://www.hvpsi.com
Logo HVPSI - High Voltage Power Solutions, Inc.

ACN2322L10 Datasheet(HTML) 1 Page - High Voltage Power Solutions, Inc.

  ACN2322L10_15 Datasheet HTML 1Page - High Voltage Power Solutions, Inc. ACN2322L10_15 Datasheet HTML 2Page - High Voltage Power Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VERSION: 6.0
EFFECTIVE: 06 JULY 2015
PAGE: 1 OF 2
2322Series
HighVoltagePowerSupplies
INFO
@DEANTECHNOLOGY.COM
WWW
.DEANTECHNOLOGY.COM
+1.972.248.7691
CostEffective
Non-MetallicCase
ReliableSolid-StateDesign
MaintanenceFree
AutomaticOver-CurrentShutdownandRecovery
HighFrequencySwitch-ModeDesign
ULRecognizedVersionsAvailable
RoHSVersionsAvailable
Conditions
Value
Units
Input
InputVoltage
AllVersions
120
VAC
Power
AtMaxload
20
W
Output
VoltagesAvailable
PrimaryOutput
10
12
kVDCmax
Voltage,SecondaryOutput AtMaxLoad
5
6
kVDC
Power
NominalInput,MaxVo
15
W
Current,PrimaryOutput
NominalInput,MaxVo
1.5
1
mA
Current,SecondaryOutput MaxPrimaryOutput
200
300
uA
VoltageRegulation
AnyStaticLoad,MaxVo
<15%
<4%
VDC
LineRegulation
OverInputRange
<4%
<3%
VDC
Ripple
FullLoad,MaxVo
<6%
<5%
Vp-p
Stability
Over8hr,30minwarmup
<0.5%
<2.5%
VDC
Environmental
OperatingTemperature
CaseTemp,FullLoad,MaxVo
0to+60
°C
TemperatureCoefficient
OvertheOperatingTemperature
0.09
%/°C
Storage
Non-Operating,CaseTemp
-40to+85
°C
Humidity
Non-Condensing
0to95%
RH
Altitude
StandardOperatingConditions
0to10000
Feet


Similar Part No. - ACN2322L10_15

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
ACN2322L10 HVPSI-ACN2322L10 Datasheet
72Kb / 2P
   HIGH VOLTAGE POWER SUPPLIES
More results

Similar Description - ACN2322L10_15

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
ACN2132L8 HVPSI-ACN2132L8 Datasheet
56Kb / 2P
   HIGH VOLTAGE POWER SUPPLIES
ACN2234L25 HVPSI-ACN2234L25_15 Datasheet
515Kb / 2P
   High Voltage Power Supplies
ACN2422L10 HVPSI-ACN2422L10_15 Datasheet
608Kb / 2P
   High Voltage Power Supplies
logo
TDK Electronics
203L-5KV-POS-3P480 TDK-203L-5KV-POS-3P480 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 08, 2022
203L-15KV-NEG-3P208 TDK-203L-15KV-NEG-3P208 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 07, 2022
203L-15KV-POS-3P400 TDK-203L-15KV-POS-3P400 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 08, 2022
203S-15KV-NEG-3P208 TDK-203S-15KV-NEG-3P208 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 08, 2022
203S-1KV-POS-3P480 TDK-203S-1KV-POS-3P480 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 08, 2022
203S-2KV-NEG-3P208 TDK-203S-2KV-NEG-3P208 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 08, 2022
203L-30KV-POS-3P208 TDK-203L-30KV-POS-3P208 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 08, 2022
203L-40KV-NEG-3P208 TDK-203L-40KV-NEG-3P208 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 08, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com