Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GTL2006 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # GTL2006
Description  13-bit GTL-/GTL/GTL to LVTTL translator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2006 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button GTL2006 Datasheet HTML 3Page - NXP Semiconductors GTL2006 Datasheet HTML 4Page - NXP Semiconductors GTL2006 Datasheet HTML 5Page - NXP Semiconductors GTL2006 Datasheet HTML 6Page - NXP Semiconductors GTL2006 Datasheet HTML 7Page - NXP Semiconductors GTL2006 Datasheet HTML 8Page - NXP Semiconductors GTL2006 Datasheet HTML 9Page - NXP Semiconductors GTL2006 Datasheet HTML 10Page - NXP Semiconductors GTL2006 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product data
GTL2006
13-bit GTL–/GTL/GTL+ to LVTTL translator
2004 Jun 21
7
ABSOLUTE MAXIMUM RATINGS1
In accordance with the Absolute Maximum System (IEC 134); voltages are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +4.6
V
IIK
DC input diode current
VI < 0 V
–50
mA
V
DC input voltage3
A port (LVTTL)
–0.5 to +4.6
V
VI
DC input voltage3
B port(GTL)
–0.5 to +4.6
V
IOK
DC output diode current
VO < 0 V
–50
mA
VO
DC output voltage3
Output in Off or HIGH state; A port
–0.5 to +4.6
V
VO
DC output voltage3
Output in Off or HIGH state; B port
–0.5 to +4.6
V
IO
Current into any output in the LOW state
A port
32
mA
IOL
Current into any output in the LOW state
B port
30
mA
IOH
Current into any output in the HIGH state
A port
–32
mA
Tstg
Storage temperature range
–60 to +150
°C
TJ(MAX)
Maximum junction temperature
+125
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage
3.0
3.3
3.6
V
GTL–
0.85
0.9
0.95
VTT
Termination voltage
GTL
1.14
1.2
1.26
V
GTL+
1.35
1.5
1.65
Overall
0.5
2/3VTT
1.8
V
Supply voltage
GTL–
0.5
0.6
0.63
V
VREF
Supply voltage
GTL
0.76
0.8
0.84
V
GTL+
0.87
1.0
1.10
V
Input voltage
A port
0
3.3
3.6
V
VI
Input voltage
B port
0
VTT
3.6
V
V
HIGH level input voltage
A port
2
V
VIH
HIGH-level input voltage
B port
VREF + 50 mV
V
V
LOW level input voltage
A port
0.8
V
VIL
LOW-level input voltage
B port
VREF – 50 mV
V
IOH
HIGH-level output current
A port
–16
mA
IO
LOW level output current
A port
16
mA
IOL
LOW-level output current
B port
15
mA
Tamb
Operating free-air temperature range
–40
85
°C


Similar Part No. - GTL2006

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000 Datasheet
55Kb / 6P
   22-bit GTL processor voltage clamp
2000 Jan 25
GTL2000 PHILIPS-GTL2000 Datasheet
108Kb / 13P
   22-bit bi-directional low voltage translator
2003 Apr 01
GTL2000 NXP-GTL2000 Datasheet
263Kb / 2P
   NXP bidirectional low-voltage translators
March 2007
GTL2000 NXP-GTL2000 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
GTL2000DGG PHILIPS-GTL2000DGG Datasheet
108Kb / 13P
   22-bit bi-directional low voltage translator
2003 Apr 01
More results

Similar Description - GTL2006

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTL2006 TI-SN74GTL2006 Datasheet
161Kb / 10P
[Old version datasheet]   13-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL2107 NXP-GTL2107 Datasheet
190Kb / 19P
   12-bit GTL??GTL/GTL to LVTTL translator
Rev. 05-23 December 2009
logo
Texas Instruments
SN74GTL2107 TI-SN74GTL2107 Datasheet
124Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
SN74GTL2007 TI-SN74GTL2007 Datasheet
173Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL2004 PHILIPS-GTL2004 Datasheet
98Kb / 10P
   Quad GTL/GTL to LVTTL/TTL bidirectional latched translator
1999 Jul 19
GTL16612 PHILIPS-GTL16612 Datasheet
98Kb / 13P
   18-bit GTL/GTL to LVTTL/TTL bidirectional universal translator (3-State)
2002 Dec 13
logo
Texas Instruments
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN54GTL16622A TI-SN54GTL16622A Datasheet
163Kb / 10P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16923 TI-SN54GTL16923 Datasheet
153Kb / 9P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com