Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24130091000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 24130091000
Description  Increased bandwidth and signal-to-noise margin
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

24130091000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  24130091000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 24130091000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 24130091000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 24130091000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Qualifications
Meets or exceeds Category 6 requirements per
TIA/EIA-568-B.2-1
Exceeds the Category 5e requirements per
ANSI/TIA/EIA-568-A.5 or TIA/EIA-568-B.2
Exceeds the Category 5 requirements
per ANSI/TIA/EIA-568-A, CSA T529-95
and ISO/IEC 11801-1995
Exceeds the Category 5 requirements
per NEMA Standard WC 63.1-1996
Exceeds the Category 5 requirements
of ICEA S-90-661-1997
Riser: ITS/ETL Certified as CMR, and listed
as NEC Type CMR per UL Standard 444
Plenum: ITS/ETL Certified as CMP, and listed as
NEC Type CMP per UL Standard 444
LSZH: EN50288-6-1, ISO/IEC 332-1,
754-2 and 1034-2
Technical Specifications
(continued)
0.772
76.0
77.0
74.0
75.0
74.2
75.2
72.2
73.2
70.0
73.0
67.0
70.0
1.8
1.8
19.4
-
--
--
1
74.3
75.3
72.3
73.3
72.3
73.3
70.3
71.3
67.8
70.8
64.8
67.8
2.0
2.0
20.0
20.0
40.0
40.0
35.0
35.0
4
65.3
66.3
63.3
64.3
61.5
62.6
59.5
60.6
55.8
58.8
52.8
55.8
3.8
3.7
23.0
23.0
40.0
40.0
23.0
23.0
8
60.8
63.3
58.8
61.3
55.5
58.1
53.5
56.1
49.7
52.7
46.7
49.7
5.3
5.2
24.5
24.5
40.0
40.0
17.0
17.0
10
59.3
61.8
57.3
59.8
53.3
56.0
51.3
54.0
47.8
50.8
44.8
47.8
6.0
5.8
25.0
25.0
40.0
40.0
15.0
15.0
16
56.2
58.6
54.2
56.6
48.6
51.2
46.6
49.2
43.7
46.7
40.7
43.7
7.6
7.4
25.0
25.0
38.0
38.0
10.9
10.9
20
54.8
57.1
52.8
55.1
46.3
48.8
44.3
46.8
41.8
44.8
38.8
41.8
8.5
8.3
25.0
25.0
37.0
37.0
9.0
9.0
25
53.3
55.5
51.3
53.5
43.8
46.3
41.8
44.3
39.8
42.8
36.8
39.8
9.5
9.3
24.3
24.3
36.0
36.0
7.1
7.1
31.25
51.9
54.0
49.9
52.0
41.2
43.6
39.2
41.6
37.9
40.9
34.9
37.9
10.7
10.4
23.6
23.6
35.1
35.1
5.1
5.1
62.5
47.4
49.1
45.4
47.1
32.0
34.1
30.0
32.1
31.9
34.9
28.9
31.9
15.4
15.0
21.5
21.5
32.0
32.0
--
100
44.3
45.8
42.3
43.8
24.5
26.5
22.5
24.5
27.8
30.8
24.8
27.8
19.8
19.3
20.1
20.8
30.0
30.0
--
200
39.8
40.9
37.8
38.9
10.8
12.6
8.8
10.6
21.8
24.8
18.8
21.8
29.0
28.3
18.0
18.7
27.0
27.0
--
250
38.3
39.3
36.3
37.3
5.5
7.2
3.5
5.2
19.8
22.8
16.8
19.8
32.8
32.1
17.3
18.0
26.0
26.0
--
300
-
38.1
-
36.1
-
2.5
-
0.5
-
21.3
-
18.3
-
35.6
-
17.5
--
--
350
-
37.1
-
35.1
--
-
-
-
19.9
-
16.9
-
38.9
-
17.0
--
--
400
-
36.3
-
34.3
--
-
-
-
18.8
-
15.8
-
42.0
-
16.6
--
--
450
-
35.5
-
33.5
--
-
-
-
17.7
-
14.7
-
45.0
-
16.2
--
--
500
-
34.8
-
32.8
--
-
-
-
16.8
-
13.8
-
47.9
-
15.9
--
--
550
-
34.2
-
32.2
--
-
-
-
16.0
-
13.0
-
50.6
-
15.6
--
--
* TIA/EIA-568-B.2-1 Category 6 Standard.
Values above 300 MHz for engineering purposes only.
Frequency
NEXT (dB)
PSNEXT (dB)
ACR (dB)
PSACR (dB)
ELFEXT (dB)
PSELFEXT (dB)
Insertion Loss
(dB/100 m)
Return Loss
(dB)
TCL (dB)
ELTCTL (dB)
(MHz)
TIA *
Spec.
TIA*
Spec.
TIA*
Spec.
TIA*
Spec.
TIA*
Spec.
TIA*
Spec.
TIA*
Spec.
TIA*
Spec.
TIA*
Spec.
TIA*
Spec.
DataTwist 2412 Cable CMR
5.44 mm (0.214 in.)
22.15 mm (0.872 in.)
3.9 kg/100 m (26.0 lb/kft)
DataTwist 2413 Cable CMP
5.33 mm (0.210 in.)
21.04 mm (0.828 in.)
4.2 kg/100 m (28.0 lb/kft)
DataTwist 2424 Cable LSZH
5.44 mm (0.214 in.)
23.28 mm (0.916 in.)
4.2 kg/100 m (28.0 lb/kft)
4-pair,
23 AWG
Nominal
O.D.
Min. Bend
Radius
Weight
(Cable Only)
3
Key Electrical Attributes
Key Physical Attributes
BNT-215334_PB289 Datatwist 2400 Cables.qxd:Layout 1
12/17/10
4:01 PM
Page 3


Similar Part No. - 24130091000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24130091000 ETC2-24130091000 Datasheet
116Kb / 5P
   CAT6 (350 MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
24130091000 ETC2-24130091000 Datasheet
1Mb / 4P
   Increased bandwidth and signal-to-noise margin
logo
Belden Inc.
24130091000 BELDEN-24130091000 Datasheet
274Kb / 3P
   Category 6 Enhanced Cable, 4 Pair, U/UTP, CMP
More results

Similar Description - 24130091000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NP289 ETC2-NP289 Datasheet
1Mb / 4P
   Increased bandwidth and signal-to-noise margin
logo
IK Semicon Co., Ltd
IW4002B IKSEMICON-IW4002B Datasheet
155Kb / 5P
   Noise margin
IW4011B IKSEMICON-IW4011B Datasheet
156Kb / 5P
   Noise margin
IW4012B IKSEMICON-IW4012B Datasheet
155Kb / 5P
   Noise margin
logo
Linear Technology
LTC4313-1 LINER-LTC4313-1 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
logo
Linear Dimensions Semic...
LTC4313-1 LINEAR_DIMENSIONS-LTC4313-1 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
logo
Linear Technology
LTC4313-1 LINER-LTC4313-1_15 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4315 LINER-LTC4315 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
logo
Ferroxcube Internationa...
3E10 FERROXCUBE-3E10 Datasheet
2Mb / 8P
   Tight tolerance, increased impedance, extended bandwidth, enhanced performance in EMC.
logo
CML Microcircuits
FX002 CMLMICRO-FX002 Datasheet
112Kb / 7P
   Signal to Noise Enhancer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com