Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXES1UBAB1-007 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # LXES1UBAB1-007
Description  Ultra High-speed Transmission Line
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LXES1UBAB1-007 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LXES1UBAB1-007 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LXES1UBAB1-007 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Search Data Sheet
LXES1UBAB1-007
Specifications
Size
1.0x0.6mm
Channel Numbers
1ch
Capacitance
0.5pF
VBR(min.)
18.0V
2 of 2
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/06/21


Similar Part No. - LXES1UBAB1-007

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LXES1UBAA1-096 MURATA-LXES1UBAA1-096 Datasheet
154Kb / 2P
   Operating Temperature Range
More results

Similar Description - LXES1UBAB1-007

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LXESEABAA6-046 MURATA-LXESEABAA6-046 Datasheet
157Kb / 2P
   Ultra High-speed Transmission Line
LXES15AAA1-133 MURATA-LXES15AAA1-133 Datasheet
153Kb / 2P
   Ultra High-speed Transmission Line
LXES03TBB1-141 MURATA-LXES03TBB1-141 Datasheet
154Kb / 2P
   Ultra High-speed Transmission Line
LXES03AAA1-134 MURATA-LXES03AAA1-134 Datasheet
151Kb / 2P
   Ultra High-speed Transmission Line
LXES03AAA1-154 MURATA-LXES03AAA1-154 Datasheet
153Kb / 2P
   Ultra High-speed Transmission Line
LXES15AAA1-153 MURATA-LXES15AAA1-153 Datasheet
150Kb / 2P
   Ultra High-speed Transmission Line
LXES2TBCC4-028 MURATA-LXES2TBCC4-028 Datasheet
155Kb / 2P
   High-speed Transmission Line
LXES21DAA4-138 MURATA-LXES21DAA4-138 Datasheet
154Kb / 2P
   High-speed Transmission Line
LXES21DAA4-136 MURATA-LXES21DAA4-136 Datasheet
154Kb / 2P
   High-speed Transmission Line
LXES11DAA2-135 MURATA-LXES11DAA2-135 Datasheet
151Kb / 2P
   High-speed Transmission Line
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com