Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1213008U1000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1213008U1000
Description  Minimized skew for parallel transmission protocols
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1213008U1000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1213008U1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1213008U1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1213008U1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1213008U1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DataTwist 1200 Cables are part of the
industry’s most powerful Category 5e
networking solution: Belden IBDN
System 1200. DataTwist 1200 Cables
exceed the TIA/EIA Category 5e
requirements, have excellent PSNEXT
and PSACR characteristics, and are
easy to install.
New Product Bulletin
NP 288
Belden® DataTwist ®
1200 Cables
DataTwist 1200 Cables
Provide Excellent Mechanical
and Electrical Performance
for Category 5e Networks
If your business is riding the wave of
growth and expansion, you may be considering
new ways of doing business and therefore a
new or upgraded IT system to support these
strategies. This is the ideal time to plan and
implement new cabling or to upgrade your
existing infrastructure.
The DataTwist 1200 Cable was developed
to support high-speed network applications
such as Gigabit Ethernet, and has guaranteed
performance up to 350 MHz. Ideal for
supporting up to 1000BaseT, this cable
was designed to exceed current standards,
providing built-in margin and optimizing
network performance.
The DataTwist 1200 Cable consists of 4 pairs
of 24 AWG insulated copper conductors with a
round flexible core construction. The patented
design features matched conductors on all
four pairs, which provides for extremely stable
electrical performance. All DataTwist 1200
cables feature a small diameter (less than 0.2 in.)
for higher density installations - especially
valuable for runs inside conduit. For the
installer, the DataTwist Cables come with a
unique descending sequential printing scheme
that shows exactly how much cable remains
on the spool or in the box. And that translates
into faster installations with less waste.
Belden DataTwist 1200 Cables are part of the
Belden IBDN System 1200. Belden IBDN System
1200 substantially exceeds all requirements for
Category 5e channels per the TIA/EIA-568-B.2
standard. Certified to support data rates up to
1.2 Gb/s for a system with a bandwidth of
160 MHz, the 1200 Solution provides the
advanced performance required to fully support
today’s broad spectrum of business applications
and the extended bandwidth required to
support future growth.
To learn more about Belden IBDN
copper-based structured cabling and
connectivity systems, call 1.800.BELDEN.1
or visit our Website at www.belden.com.
DataTwist 1200 Cable
NP-288r1 DataTwist 1200 Cables.qxd:Layout 1
10/11/10
10:04 AM
Page 1


Similar Part No. - 1213008U1000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1213008U1000 BELDEN-1213008U1000 Datasheet
175Kb / 3P
   Category 5E Cable, 4 Pair, U/UTP, CMP
2022 Belden, Inc
More results

Similar Description - 1213008U1000

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM327LP ELM-ELM327LP Datasheet
471Kb / 94P
   Automatically searches for protocols
logo
TT Electronics.
QS001 TTELEC-QS001 Datasheet
304Kb / 1P
   Parallel transmission line terminator
logo
STMicroelectronics
STP3NK50Z STMICROELECTRONICS-STP3NK50Z Datasheet
626Kb / 14P
   Gate charge minimized
August 2013 Rev 1
STW9NK95Z STMICROELECTRONICS-STW9NK95Z Datasheet
312Kb / 12P
   Gate charge minimized
July 2008 Rev 2
STDLED656 STMICROELECTRONICS-STDLED656 Datasheet
1Mb / 22P
   Gate charge minimized
March 2013 Rev 1
STDLED625H STMICROELECTRONICS-STDLED625H Datasheet
1Mb / 17P
   Gate charge minimized
March 2013 Rev 1
STF16N50U STMICROELECTRONICS-STF16N50U Datasheet
691Kb / 12P
   Gate charge minimized
September 2010 Rev 1
STU3N45K3 STMICROELECTRONICS-STU3N45K3 Datasheet
838Kb / 14P
   Gate charge minimized
June 2013 Rev 3
STQ1HN60K3-AP STMICROELECTRONICS-STQ1HN60K3-AP Datasheet
1Mb / 14P
   Gate charge minimized
April 2013 Rev 1
STD3N40K3 STMICROELECTRONICS-STD3N40K3 Datasheet
990Kb / 16P
   Gate charge minimized
July 2012 Rev 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com