Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7C132-55 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # 7C132-55
Description  2Kx8 Dual-Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

7C132-55 Datasheet(HTML) 3 Page - Cypress Semiconductor

  7C132-55 Datasheet HTML 1Page - Cypress Semiconductor 7C132-55 Datasheet HTML 2Page - Cypress Semiconductor 7C132-55 Datasheet HTML 3Page - Cypress Semiconductor 7C132-55 Datasheet HTML 4Page - Cypress Semiconductor 7C132-55 Datasheet HTML 5Page - Cypress Semiconductor 7C132-55 Datasheet HTML 6Page - Cypress Semiconductor 7C132-55 Datasheet HTML 7Page - Cypress Semiconductor 7C132-55 Datasheet HTML 8Page - Cypress Semiconductor 7C132-55 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CY7C132/CY7C136
CY7C142/CY7C146
3
]
Electrical Characteristics Over the Operating Range[6]
Parameter Description
Test Conditions
7C136-15[3,4]
7C146-15
7C132-30[3]
7C136-25,30
7C142-30
7C146-25,30
7C132-35
7C136-35
7C142-35
7C146-35
7C132-45,55
7C136-45,55
7C142-45,55
7C146-45,55
Unit
Min.
Max.
Min.
Max.
Min. Max.
Min.
Max.
VOH
Output HIGH Voltage VCC = Min., IOH = -4.0 mA
2.4
2.4
2.4
2.4
V
VOL
Output LOW Voltage IOL = 4.0 mA
0.4
0.4
0.4
0.4
V
IOL = 16.0 mA
[7]
0.5
0.5
0.5
0.5
VIH
Input HIGH Voltage
2.2
2.2
2.2
2.2
V
VIL
Input LOW Voltage
0.8
0.8
0.8
0.8
V
IIX
Input Load Current
GND < VI < VCC
-5
+5
−5
+5
−5
+5
−5
+5
µA
IOZ
Output Leakage
Current
GND < VO < VCC,
Output Disabled
-5
+5
−5
+5
−5
+5
−5
+5
µA
IOS
Output Short
Circuit Current[8]
VCC = Max.,
VOUT = GND
-350
−350
−350
−350 mA
ICC
VCC Operating
Supply Current
CE = VIL,
Outputs Open,
f = fMAX
[9]
Com’l
190
170
120
90
mA
Mil
170
120
ISB1
Standby Current
Both Ports,
TTL Inputs
CEL and CER > VIH,
f = fMAX
[9]
Com’l
75
65
45
35
mA
Mil
65
45
ISB2
Standby Current
One Port,
TTL Inputs
CEL or CER > VIH,
Active Port Outputs
Open,
f = fMAX
[9]
Com’l
135
115
90
75
mA
Mil
115
90
ISB3
Standby Current
Both Ports,
CMOS Inputs
Both Ports CEL and
CER > VCC – 0.2V,
VIN > VCC – 0.2V or
VIN < 0.2V, f = 0
Com’l
15
15
15
15
mA
Mil
15
15
ISB4
Standby Current
One Port,
CMOS Inputs
One Port CEL or
CER > VCC – 0.2V,
VIN > VCC – 0.2V or
VIN < 0.2V,
Active Port Outputs
Open,
f = fMAX
[9]
Com’l
125
105
85
70
mA
Mil
105
85
Capacitance[10]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
15
pF
COUT
Output Capacitance
10
pF
Notes:
6.
See the last page of this specification for Group A subgroup testing information.
7.
BUSY and INT pins only.
8.
Duration of the short circuit should not exceed 30 seconds.
9.
At f=fMAX, address and data inputs are cycling at the maximum frequency of read cycle of 1/trc and using AC Test Waveforms input levels of GND to 3V.
10. This parameter is guaranteed but not tested.


Similar Part No. - 7C132-55

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
7C1351-40 CYPRESS-7C1351-40 Datasheet
185Kb / 13P
   128Kx36 Flow-Through SRAM with NoBL TM Architecture
7C1351-50 CYPRESS-7C1351-50 Datasheet
185Kb / 13P
   128Kx36 Flow-Through SRAM with NoBL TM Architecture
7C1351-66 CYPRESS-7C1351-66 Datasheet
185Kb / 13P
   128Kx36 Flow-Through SRAM with NoBL TM Architecture
7C1359A-100 CYPRESS-7C1359A-100 Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
7C1359A-133 CYPRESS-7C1359A-133 Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
More results

Similar Description - 7C132-55

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B141 CYPRESS-CY7B141 Datasheet
437Kb / 14P
   1Kx8 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70T633 IDT-IDT70T633_17 Datasheet
251Kb / 27P
   ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9389 IDT-IDT70V9389_18 Datasheet
251Kb / 19P
   SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T3719 IDT-IDT70T3719_18 Datasheet
345Kb / 25P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V3319 IDT-IDT70V3319_18 Datasheet
259Kb / 23P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C133 CYPRESS-CY7C133 Datasheet
506Kb / 13P
   2K x 16 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70T3339 IDT-IDT70T3339_18 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com